Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4120 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # THS4120
Description  HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4120 Datasheet(HTML) 8 Page - Texas Instruments

Back Button THS4120 Datasheet HTML 4Page - Texas Instruments THS4120 Datasheet HTML 5Page - Texas Instruments THS4120 Datasheet HTML 6Page - Texas Instruments THS4120 Datasheet HTML 7Page - Texas Instruments THS4120 Datasheet HTML 8Page - Texas Instruments THS4120 Datasheet HTML 9Page - Texas Instruments THS4120 Datasheet HTML 10Page - Texas Instruments THS4120 Datasheet HTML 11Page - Texas Instruments THS4120 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
www.ti.com
1
10
100
f − Frequency − Hz
1 k
10 k
0
20
40
60
80
100
120
140
100 k
−0.4
−0.3
−0.2
−0.1
0
0.1
− Common-Mode Input Voltage − V
VIC
0
0.5
1
1.5
2
2.5
3
100 k
1 M
f − Frequency − Hz
10 M
100 M
VDD = 3.3 V,
Rf = 1 kΩ,
RL = 800 Ω,
G = 1
−110
−100
−90
−80
−70
−60
−50
1
10
100
1000
100 k
1 M
10 M
100 M
f − Frequency − Hz
VDD = 3.3 V,
VI = 5 dBm
G = 1
THS4120
THS4121
SLOS319D – FEBRUARY 2001 – REVISED OCTOBER 2004
VOLTAGE NOISE
OUTPUT OFFSETE VOLTAGE
vs
vs
FREQUENCY
COMMON-MODE INPUT VOLTAGE
Figure 13.
Figure 14.
THS4121
THS4121
COMMON-MODE REJECTION RATIO
SINGLE-ENDED OUTPUT IMPEDANCE
vs
vs
FREQUENCY
FREQUENCY
Figure 15.
Figure 16.
8
Submit Documentation Feedback


Similar Part No. - THS4120

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4120 TI-THS4120 Datasheet
504Kb / 23P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4120-1 TI1-THS4120-1 Datasheet
643Kb / 38P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIER
THS4120/1 TI1-THS4120/1 Datasheet
1Mb / 40P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
THS4120CD TI1-THS4120CD Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4120CDG4 TI1-THS4120CDG4 Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
More results

Similar Description - THS4120

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4141CDGNR TI-THS4141CDGNR Datasheet
1Mb / 33P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4140 NSC-THS4140 Datasheet
1Mb / 33P
   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
Texas Instruments
THS4121IDGN TI1-THS4121IDGN Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4140 TI-THS4140 Datasheet
523Kb / 24P
[Old version datasheet]   HIGH SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4120 TI-THS4120 Datasheet
504Kb / 23P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4121 NSC-THS4121 Datasheet
1Mb / 31P
   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
Texas Instruments
THS4130CDG4 TI-THS4130CDG4 Datasheet
1Mb / 36P
[Old version datasheet]   HIGH-SPEED, LOW-NOISE, FULLY-DIFFERENTIAL I/O AMPLIFIERS
THS4130 TI-THS4130 Datasheet
569Kb / 27P
[Old version datasheet]   HIGH SPEED LOW NOISE, FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4131 NSC-THS4131 Datasheet
1Mb / 37P
   HIGH-SPEED, LOW-NOISE, FULLY-DIFFERENTIAL I/O AMPLIFIERS
logo
Texas Instruments
THS4150CDGN TI-THS4150CDGN Datasheet
1,010Kb / 34P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com