Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TH3D106K035C0700 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TH3D106K035C0700
Description  Solid Tantalum Surface Mount Capacitors TANTAMOUNT Molded Case, High Temperature 150 C
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TH3D106K035C0700 Datasheet(HTML) 4 Page - Vishay Siliconix

  TH3D106K035C0700 Datasheet HTML 1Page - Vishay Siliconix TH3D106K035C0700 Datasheet HTML 2Page - Vishay Siliconix TH3D106K035C0700 Datasheet HTML 3Page - Vishay Siliconix TH3D106K035C0700 Datasheet HTML 4Page - Vishay Siliconix TH3D106K035C0700 Datasheet HTML 5Page - Vishay Siliconix TH3D106K035C0700 Datasheet HTML 6Page - Vishay Siliconix TH3D106K035C0700 Datasheet HTML 7Page - Vishay Siliconix TH3D106K035C0700 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TH3
www.vishay.com
Vishay Sprague
Revision: 27-Jun-13
4
Document Number: 40084
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
16 VDC AT + 85 °C; 10 VDC AT + 125 °C; 8 VDC AT + 150 °C
1.0
A
TH3A105(1)016(2)6500
0.5
4
6.50
0.11
2.2
A
TH3A225(1)016(2)4300
0.5
6
4.30
0.13
3.3
A
TH3A335(1)016(2)3400
0.5
6
3.40
0.15
3.3
B
TH3B335(1)016(2)3000
0.5
6
3.00
0.17
4.7
A
TH3A475(1)016(2)2900
0.8
6
2.90
0.16
4.7
B
TH3B475(1)016(2)2100
0.8
6
2.10
0.2
6.8
A
TH3A685(1)016(2)2600
1.1
6
2.60
0.17
6.8
A
TH3A685(1)016(2)2000
1.1
6
2.00
0.19
6.8
B
TH3B685(1)016(2)1800
1.1
6
1.80
0.22
6.8
C
TH3C685(1)016(2)1700
1.1
6
1.70
0.25
10
B
TH3B106(1)016(2)2000
1.6
6
2.00
0.21
10
C
TH3C106(1)016(2)1400
1.6
6
1.40
0.28
15
B
TH3B156(1)016(2)2000
2.4
6
2.00
0.21
15
C
TH3C156(1)016(2)1000
2.4
6
1.00
0.33
22
B
TH3B226(1)016(2)1900
3.5
6
1.90
0.21
22
C
TH3C226(1)016(2)1000
3.5
6
1.00
0.33
22
D
TH3D226(1)016(3)0800
3.5
6
0.80
0.43
33
C
TH3C336(1)016(2)0900
5.3
6
0.90
0.35
33
C
TH3C336(1)016(2)0600
5.3
6
0.60
0.43
33
D
TH3D336(1)016(3)0600
5.3
6
0.60
0.50
47
C
TH3C476(1)016(2)0800
7.5
6
0.80
0.37
47
C
TH3C476(1)016(2)0600
7.5
6
0.60
0.43
47
D
TH3D476(1)016(3)0600
7.5
6
0.60
0.43
68
D
TH3D686(1)016(3)0600
10.9
6
0.60
0.50
100
D
TH3D107(1)016(3)0600
16.0
8
0.60
0.50
100
E
TH3E107(1)016(3)0600
16.0
8
0.60
0.56
100
E
TH3E107(1)016(3)0150
16.0
8
0.15
1.11
20 VDC AT + 85 °C; 13 VDC AT + 125 °C; 10 VDC AT + 150 °C
1.0
A
TH3A105(1)020(2)5900
0.5
4
5.90
0.11
2.2
A
TH3A225(1)020(2)5900
0.5
6
5.90
0.11
2.2
B
TH3B225(1)020(2)3500
0.5
6
3.50
0.16
3.3
B
TH3B335(1)020(2)2700
0.7
6
2.70
0.18
3.3
C
TH3C335(1)020(2)2700
0.7
6
2.70
0.20
4.7
A
TH3A475(1)020(2)5000
0.9
6
5.00
0.12
4.7
B
TH3B475(1)020(2)1900
0.9
6
2.90
0.17
4.7
B
TH3B475(1)020(2)2900
0.9
6
1.90
0.21
4.7
C
TH3C475(1)020(2)1700
0.9
6
1.70
0.25
10
C
TH3C106(1)020(2)1100
2.0
6
1.10
0.32
15
B
TH3B156(1)020(2)2000
3.0
6
2.00
0.21
15
C
TH3C156(1)020(2)1000
3.0
6
1.00
0.33
15
D
TH3D156(1)020(2)0900
3.0
6
0.90
0.41
22
C
TH3C226(1)020(2)1000
4.4
6
1.00
0.33
22
D
TH3D226(1)020(2)0700
4.4
6
0.70
0.46
33
D
TH3D336(1)020(2)0600
6.6
6
0.60
0.5
47
D
TH3D476(1)020(2)0700
9.4
6
0.70
0.46
47
E
TH3E476(1)020(2)0600
9.4
8
0.60
0.56
68
E
TH3E686(1)020(2)0600
13.6
8
0.60
0.56
STANDARD RATINGS
CAPACITANCE
(μF)
CASE CODE
PART NUMBER
MAX. DCL
AT + 25 °C
(μA)
MAX. DF
AT + 25 °C
(%)
MAX. ESR
AT + 25 °C
100 kHz
(
)
MAX. RIPPLE
100 kHz
IRMS
(A)
Note
• Part number definitions:
(1) Capacitance tolerance: K, M
(2) Termination and packaging: C, D, E, F
(3) Termination and packaging: A, B, C, D, E, F


Similar Part No. - TH3D106K035C0700

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TH3D106K035C0500 VISHAY-TH3D106K035C0500 Datasheet
127Kb / 7P
   Solid Tantalum Surface Mount Capacitors Tantamount짰 Molded Case, High Temperature
Revision: 14-Oct-08
TH3D106K035C0500 VISHAY-TH3D106K035C0500 Datasheet
576Kb / 19P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Molded Case, HI-TMP® High Temperature 150 °C, Automotive Grade
Revision: 20-Jun-17
More results

Similar Description - TH3D106K035C0700

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TH3 VISHAY-TH3_17 Datasheet
576Kb / 19P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Molded Case, HI-TMP® High Temperature 150 °C, Automotive Grade
Revision: 20-Jun-17
TP3 VISHAY-TP3 Datasheet
135Kb / 12P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, High Performance
Revision: 04-Jun-08
593D107X9016E2TE3 VISHAY-593D107X9016E2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
593D VISHAY-593D_08 Datasheet
117Kb / 6P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® , Molded Case, Low ESR
Revision: 20-Oct-08
TR3B476K6R3C0500 VISHAY-TR3B476K6R3C0500 Datasheet
157Kb / 14P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Low ESR
Revision: 20-Feb-09
593D106X9025C2TE3 VISHAY-593D106X9025C2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TR3D107K016C0125 VISHAY-TR3D107K016C0125 Datasheet
1Mb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 26-Jun-13
TR3D107K010C0065 VISHAY-TR3D107K010C0065 Datasheet
148Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 17-Jun-13
793DX VISHAY-793DX Datasheet
110Kb / 9P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, CECC Approved
Revision: 14-May-08
TH3 VISHAY-TH3 Datasheet
127Kb / 7P
   Solid Tantalum Surface Mount Capacitors Tantamount짰 Molded Case, High Temperature
Revision: 14-Oct-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com