Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLLR4401 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TLLR4401
Description  Low Current LED in Ø 3 mm Tinted Diffused Package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLLR4401 Datasheet(HTML) 2 Page - Vishay Siliconix

  TLLR4401 Datasheet HTML 1Page - Vishay Siliconix TLLR4401 Datasheet HTML 2Page - Vishay Siliconix TLLR4401 Datasheet HTML 3Page - Vishay Siliconix TLLR4401 Datasheet HTML 4Page - Vishay Siliconix TLLR4401 Datasheet HTML 5Page - Vishay Siliconix TLLR4401 Datasheet HTML 6Page - Vishay Siliconix TLLR4401 Datasheet HTML 7Page - Vishay Siliconix TLLR4401 Datasheet HTML 8Page - Vishay Siliconix TLLR4401 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TLLG440., TLLR440., TLLY440.
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 24-Apr-13
2
Document Number: 83029
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) In one packing unit IVmin./IVmax.  0.5
Note
(1) In one packing unit IVmin./IVmax.  0.5
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
TLLG440., TLLR440., TLLY440.
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage
VR
6V
DC forward current
IF
7mA
Surge forward current
tp  10 μs
IFSM
0.15
A
Power dissipation
Tamb  84 °C
PV
20
mW
Junction temperature
Tj
100
°C
Operating temperature range
Tamb
- 40 to + 100
°C
Storage temperature range
Tstg
- 55 to + 100
°C
Soldering temperature
t
 5 s, 2 mm from body
Tsd
260
°C
Thermal resistance junction/ambient
RthJA
800
K/W
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
TLLR440., RED
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity (1)
IF = 2 mA
TLLR4400
IV
0.63
1.2
-
mcd
TLLR4401
IV
12
-
mcd
Dominant wavelength
IF = 2 mA
d
612
-
625
nm
Peak wavelength
IF = 2 mA
p
-
635
-
nm
Angle of half intensity
IF = 2 mA
-± 25
-
deg
Forward voltage
IF = 2 mA
VF
-1.9
2.4
V
Reverse voltage
IR = 10 μA
VR
620
-
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
-50-
pF
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
TLLY440., YELLOW
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity (1)
IF = 2 mA
TLLY4400
IV
0.63
1.2
-
mcd
TLLY4401
IV
12
-
mcd
Dominant wavelength
IF = 2 mA
d
581
-
594
nm
Peak wavelength
IF = 2 mA
p
-
585
-
nm
Angle of half intensity
IF = 2 mA
-± 25
-
deg
Forward voltage
IF = 2 mA
VF
-2.4
2.9
V
Reverse voltage
IR = 10 μA
VR
620
-
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
-50-
pF


Similar Part No. - TLLR4401

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLLR4401 VISHAY-TLLR4401 Datasheet
197Kb / 9P
   Low Current LED in Ø 3 mm Tinted Diffused Package
01-Jan-2023
TLLR4401-AS12 VISHAY-TLLR4401-AS12 Datasheet
197Kb / 9P
   Low Current LED in Ø 3 mm Tinted Diffused Package
01-Jan-2023
TLLR4401-AS12Z VISHAY-TLLR4401-AS12Z Datasheet
197Kb / 9P
   Low Current LED in Ø 3 mm Tinted Diffused Package
01-Jan-2023
More results

Similar Description - TLLR4401

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLLY440 VISHAY-TLLY440_V02 Datasheet
197Kb / 9P
   Low Current LED in Ø 3 mm Tinted Diffused Package
01-Jan-2023
TLL440 VISHAY-TLL440 Datasheet
97Kb / 7P
   Low Current LED in ø 3 mm Tinted Diffused Package
Rev. A1, 04-Feb-99
TLLG540 VISHAY-TLLG540_V02 Datasheet
115Kb / 6P
   Low Current LED in Ø 5 mm Tinted Diffused Package
01-Jan-2023
TLLR5400 VISHAY-TLLR5400 Datasheet
140Kb / 8P
   Low Current LED in Ø 5 mm Tinted Diffused Package
Rev. 1.7, 29-Apr-13
TLUR4401 VISHAY-TLUR4401_V02 Datasheet
182Kb / 6P
   Universal LED in Ø 3 mm Tinted Diffused Package
01-Jan-2023
TLHF4601 VISHAY-TLHF4601_V01 Datasheet
106Kb / 5P
   High Intensity LED in Ø 3 mm Tinted Diffused Package
01-Jan-2023
TLHK46Q1R2 VISHAY-TLHK46Q1R2_V02 Datasheet
105Kb / 5P
   High Intensity LED in Ø 3 mm Tinted Diffused Package
01-Jan-2023
TLVG4200 VISHAY-TLVG4200_V01 Datasheet
155Kb / 7P
   Backlighting LED in Ø 3 mm Tinted Non-Diffused Package
01-Jan-2023
TLHK4600 VISHAY-TLHK4600_V02 Datasheet
106Kb / 5P
   High Intensity LED in Ø 3 mm Tinted Diffused Package
01-Jan-2023
TLHG44K1M2 VISHAY-TLHG44K1M2 Datasheet
111Kb / 5P
   High Efficiency LED in Ø 3 mm Tinted Diffused Package
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com