Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLLR4401-MS21Z Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TLLR4401-MS21Z
Description  Low Current LED in Ø 3 mm Tinted Diffused Package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLLR4401-MS21Z Datasheet(HTML) 4 Page - Vishay Siliconix

  TLLR4401-MS21Z Datasheet HTML 1Page - Vishay Siliconix TLLR4401-MS21Z Datasheet HTML 2Page - Vishay Siliconix TLLR4401-MS21Z Datasheet HTML 3Page - Vishay Siliconix TLLR4401-MS21Z Datasheet HTML 4Page - Vishay Siliconix TLLR4401-MS21Z Datasheet HTML 5Page - Vishay Siliconix TLLR4401-MS21Z Datasheet HTML 6Page - Vishay Siliconix TLLR4401-MS21Z Datasheet HTML 7Page - Vishay Siliconix TLLR4401-MS21Z Datasheet HTML 8Page - Vishay Siliconix TLLR4401-MS21Z Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TLLG440., TLLR440., TLLY440.
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 24-Apr-13
4
Document Number: 83029
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Forward Current vs. Ambient Temperature
Fig. 2 - Relative Luminous Intensity vs. Angular Displacement
Fig. 3 - Forward Current vs. Forward Voltage
Fig. 4 - Relative Luminous Intensity vs. Ambient Temperature
Fig. 5 - Relative Luminous Intensity vs. Forward Current/Duty Cycle
Fig. 6 - Relative Luminous Intensity vs. Forward Current
0
2
4
6
8
10
T
amb - Ambient Temperature (°C)
95 10049
0
20406080
100
0.4
0.2
0
0.2
0.4
0.6
95 10060
0.6
0.9
0.8
0
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0
0.1
1
10
100
VF - Forward Voltage (V)
95 10050
red
t
p/T = 0.001
t
p = 10 µs
5
4
3
2
0
1
0
95 10051
20
40
60
80
100
IF = 2 mA
0
0.4
0.8
1.2
1.6
2.0
Tamb - Ambient Temperature (°C)
red
10
20
50
100
200
0
0.4
0.8
1.2
1.6
2.4
96 11490
500
0.5
0.2
0.1
0.05
0.02
1
IF (mA)
tp/T
2.0
red
0.01
0.1
1
10
100
95 10061
IF - Forward Current (mA)
100
10
1
0.1
red


Similar Part No. - TLLR4401-MS21Z

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLLR4401-AS12 VISHAY-TLLR4401-AS12 Datasheet
197Kb / 9P
   Low Current LED in Ø 3 mm Tinted Diffused Package
01-Jan-2023
TLLR4401-AS12Z VISHAY-TLLR4401-AS12Z Datasheet
197Kb / 9P
   Low Current LED in Ø 3 mm Tinted Diffused Package
01-Jan-2023
More results

Similar Description - TLLR4401-MS21Z

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLLY440 VISHAY-TLLY440_V02 Datasheet
197Kb / 9P
   Low Current LED in Ø 3 mm Tinted Diffused Package
01-Jan-2023
TLL440 VISHAY-TLL440 Datasheet
97Kb / 7P
   Low Current LED in ø 3 mm Tinted Diffused Package
Rev. A1, 04-Feb-99
TLLG540 VISHAY-TLLG540_V02 Datasheet
115Kb / 6P
   Low Current LED in Ø 5 mm Tinted Diffused Package
01-Jan-2023
TLLR5400 VISHAY-TLLR5400 Datasheet
140Kb / 8P
   Low Current LED in Ø 5 mm Tinted Diffused Package
Rev. 1.7, 29-Apr-13
TLUR4401 VISHAY-TLUR4401_V02 Datasheet
182Kb / 6P
   Universal LED in Ø 3 mm Tinted Diffused Package
01-Jan-2023
TLHF4601 VISHAY-TLHF4601_V01 Datasheet
106Kb / 5P
   High Intensity LED in Ø 3 mm Tinted Diffused Package
01-Jan-2023
TLHK46Q1R2 VISHAY-TLHK46Q1R2_V02 Datasheet
105Kb / 5P
   High Intensity LED in Ø 3 mm Tinted Diffused Package
01-Jan-2023
TLVG4200 VISHAY-TLVG4200_V01 Datasheet
155Kb / 7P
   Backlighting LED in Ø 3 mm Tinted Non-Diffused Package
01-Jan-2023
TLHK4600 VISHAY-TLHK4600_V02 Datasheet
106Kb / 5P
   High Intensity LED in Ø 3 mm Tinted Diffused Package
01-Jan-2023
TLHG44K1M2 VISHAY-TLHG44K1M2 Datasheet
111Kb / 5P
   High Efficiency LED in Ø 3 mm Tinted Diffused Package
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com