Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN2404K Datasheet(PDF) 8 Page - Vishay Siliconix

Part # TN2404K
Description  N-Channel 240 V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TN2404K Datasheet(HTML) 8 Page - Vishay Siliconix

  TN2404K Datasheet HTML 1Page - Vishay Siliconix TN2404K Datasheet HTML 2Page - Vishay Siliconix TN2404K Datasheet HTML 3Page - Vishay Siliconix TN2404K Datasheet HTML 4Page - Vishay Siliconix TN2404K Datasheet HTML 5Page - Vishay Siliconix TN2404K Datasheet HTML 6Page - Vishay Siliconix TN2404K Datasheet HTML 7Page - Vishay Siliconix TN2404K Datasheet HTML 8Page - Vishay Siliconix TN2404K Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Application Note 826
Vishay Siliconix
Document Number: 72609
www.vishay.com
Revision: 21-Jan-08
25
RECOMMENDED MINIMUM PADS FOR SOT-23
Recommended Minimum Pads
Dimensions in Inches/(mm)
0.022
(0.559)
0.037
(0.950)
0.053
(1.341)
0.097
(2.459)
Return to Index
Return to Index


Similar Part No. - TN2404K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TN2404K VISHAY-TN2404K Datasheet
62Kb / 5P
   N-Channel 240 -V (D-S) MOSFET
Rev. B , 04-Oct-04
TN2404K VISHAY-TN2404K Datasheet
226Kb / 9P
   N-Channel 240 V (D-S) MOSFET
Rev. C, 23-Jul-12
TN2404K VISHAY-TN2404K Datasheet
192Kb / 8P
   N-Channel 240 V (D-S) MOSFET
01-Jan-2022
TN2404K-T1 VISHAY-TN2404K-T1 Datasheet
62Kb / 5P
   N-Channel 240 -V (D-S) MOSFET
Rev. B , 04-Oct-04
TN2404K-T1-GE3 VISHAY-TN2404K-T1-GE3 Datasheet
226Kb / 9P
   N-Channel 240 V (D-S) MOSFET
Rev. C, 23-Jul-12
More results

Similar Description - TN2404K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIA450DJ VISHAY-SIA450DJ Datasheet
109Kb / 7P
   N-Channel 240-V (D-S) MOSFET
Rev. C, 03-Mar-08
TN2404K-T1-GE3 VISHAY-TN2404K-T1-GE3 Datasheet
226Kb / 9P
   N-Channel 240 V (D-S) MOSFET
Rev. C, 23-Jul-12
TN2404K VISHAY-TN2404K_V01 Datasheet
192Kb / 8P
   N-Channel 240 V (D-S) MOSFET
01-Jan-2022
SIA450DJ-T1-GE3 VISHAY-SIA450DJ-T1-GE3 Datasheet
195Kb / 9P
   N-Channel 240-V (D-S) MOSFET
Rev. C, 03-Mar-08
TN2460L VISHAY-TN2460L Datasheet
52Kb / 4P
   N-Channel 240-V (D-S) MOSFET
Rev. D , 16-Jul-01
TN2404K VISHAY-TN2404K Datasheet
62Kb / 5P
   N-Channel 240 -V (D-S) MOSFET
Rev. B , 04-Oct-04
TN2410L VISHAY-TN2410L Datasheet
54Kb / 5P
   N-Channel 240-V (D-S) MOSFETs
Rev. F, 16-Jul-01
VP2410L VISHAY-VP2410L Datasheet
42Kb / 4P
   P-Channel 240-V (D-S) MOSFET
Rev. D, 16-Jun-01
SI2328DS VISHAY-SI2328DS Datasheet
41Kb / 4P
   N-Channel 100-V (D-S) MOSFET
Rev. A, 25-Dec-01
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com