Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A8293SESTR-T Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # A8293SESTR-T
Description  Single LNB Supply and Control Voltage Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8293SESTR-T Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button A8293SESTR-T Datasheet HTML 6Page - Allegro MicroSystems A8293SESTR-T Datasheet HTML 7Page - Allegro MicroSystems A8293SESTR-T Datasheet HTML 8Page - Allegro MicroSystems A8293SESTR-T Datasheet HTML 9Page - Allegro MicroSystems A8293SESTR-T Datasheet HTML 10Page - Allegro MicroSystems A8293SESTR-T Datasheet HTML 11Page - Allegro MicroSystems A8293SESTR-T Datasheet HTML 12Page - Allegro MicroSystems A8293SESTR-T Datasheet HTML 13Page - Allegro MicroSystems A8293SESTR-T Datasheet HTML 14Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Single LNB Supply and Control Voltage Regulator
A8293
10
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Control Registers (I2C™-Compatible Write Register)
All main functions of the A8293 are controlled through the I2C™-
compatible interface via the 8-bit Control registers. As the A8293
contains numerous control options, it is necessary to have two
control registers. Each register contains up to 6 bits of data (bit
0 to bit 5), followed by 2 bits for the register address (bit 6 and
bit 7). The power-up states for the control functions are all 0s.
The following tables define the control bits for each address
and the settings for output voltage:
Table 1. Control Register Address (I1, I0) = 00
Bit
Name
Function
0
VSEL0
See table 3, Output Voltage Amplitude Selection
1
VSEL1
2
VSEL2
3
VSEL3
0: LNB = Low range
1: LNB = High range
4
ODT
1 (recommended): The ODT functions are always
enabled, but setting 1 recommended at all times.
5
ENB
0: Disable LNB Output
1: Enable LNB Output
6
I0
Address Bit: 0
7
I1
Address Bit: 0
Bit 0
VSEL0 These three bits provide incremental control over the voltage on the LNB output.
Bit 1
VSEL1 The available voltages provide the necessary levels for all the common standards
Bit 2
VSEL2 plus the ability to add line compensation in increments of 333 mV. The voltage
levels are defined in table 3, Output Voltage Amplitude Selection.
Bit 3
VSEL3 Switches between the low level and high level output voltages on the LNB output.
0 selects the low level voltage and 1 selects the high level. The low-level center voltage
is 12.709 V nominal and the high level is 18.042 V nominal. These may be increased
in steps of 333 mV using the VSEL2, VSEL1 and VSEL0 control register bits.
Bit 4
ODT
The overcurrent disable timer is always enabled.
Bit 5
ENB
Enables the LNB output. When set to 1 the LNB output is switched on. When set to
0, the LNB output is disabled.
Bit 6
I0
Address
Bit 7
I1
Address


Similar Part No. - A8293SESTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8293 ALLEGRO-A8293 Datasheet
406Kb / 19P
   Single LNB Supply and Control Voltage Regulator
More results

Similar Description - A8293SESTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8298SESTR-T ALLEGRO-A8298SESTR-T Datasheet
101Kb / 2P
   Single LNB Supply and Control Voltage Regulator
A8291 ALLEGRO-A8291 Datasheet
396Kb / 18P
   Single LNB Supply and Control Voltage Regulator
February 15, 2012
A8291 ALLEGRO-A8291 Datasheet
369Kb / 19P
   Single LNB Supply and Control Voltage Regulator
A8294 ALLEGRO-A8294 Datasheet
344Kb / 18P
   Single LNB Supply and Control Voltage Regulator
A829 ALLEGRO-A829 Datasheet
341Kb / 18P
   Single LNB Supply and Control Voltage Regulator
A8304 ALLEGRO-A8304 Datasheet
633Kb / 21P
   Single LNB Supply and Control Voltage Regulator
A8296SESTR-T ALLEGRO-A8296SESTR-T Datasheet
101Kb / 2P
   Single LNB Supply and Control Voltage Regulator
A8290 ALLEGRO-A8290 Datasheet
381Kb / 20P
   Single LNB Supply and Control Voltage Regulator
A8293 ALLEGRO-A8293 Datasheet
406Kb / 19P
   Single LNB Supply and Control Voltage Regulator
A8303 ALLEGRO-A8303 Datasheet
2Mb / 30P
   Single LNB Supply and Control Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com