Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMF12A Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SMF12A
Description  Surface Mount ESD Protection Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMF12A Datasheet(HTML) 1 Page - Vishay Siliconix

  SMF12A Datasheet HTML 1Page - Vishay Siliconix SMF12A Datasheet HTML 2Page - Vishay Siliconix SMF12A Datasheet HTML 3Page - Vishay Siliconix SMF12A Datasheet HTML 4Page - Vishay Siliconix SMF12A Datasheet HTML 5Page - Vishay Siliconix SMF12A Datasheet HTML 6Page - Vishay Siliconix SMF12A Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SMF5V0A to SMF51A
www.vishay.com
Vishay Semiconductors
Rev. 2.6, 30-Nov-11
1
Document Number: 85811
For technical questions, contact: ESDprotection@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Surface Mount ESD Protection Diodes
MARKING (example only)
Bar = cathode marking
YY = type code (see table below)
XX = date code
FEATURES
• For surface mounted applications
• Low-profile package
• Optimized for LAN protection applications
• Ideal for ESD protection of data lines in
accordance with IEC 61000-4-2 (IEC 801-2)
• Ideal for EFT protection of data lines in
accordance with IEC 61000-4-4 (IEC 801-4)
• ESD-protection acc. IEC 61000-4-2
± 30 kV contact discharge
± 30 kV air discharge
• Low incremental surge resistance, excellent clamping
capability
• 200 W peak pulse power capability with a 10/1000 μs
waveform, repetition rate (duty cycle): 0.01 %
• Very fast response time
• High temperature soldering guaranteed: 260 °C/10 s at
terminals
•e3 - Sn
• AEC-Q101 qualified
• Compliant
to
RoHS
Directive
2002/95/EC
and
in
accordance to WEEE 2002/96/EC
ORDERING INFORMATION
17249
20278
1
2
22623
PACKAGE DATA
DEVICE NAME
PACKAGE
NAME
TYPE CODE
WEIGHT
MOLDING
COMPOUND
FLAMMABILITY
RATING
MOISTURE SENSITIVITY
LEVEL
SOLDERING CONDITIONS
SMF5V0A
SMF
AE
15 mg
UL 94 V-0
MSL level 1
(according J-STD-020)
260 °C/10 s at terminals
SMF6V5A
AK
SMF7V0A
AM
SMF7V5A
AP
SMF8V0A
AR
SMF8V5A
AT
SMF9V0A
AV
SMF10A
AX
SMF11A
AZ
SMF12A
BE
SMF13A
BG
SMF14A
BK
SMF15A
BM
SMF16A
BP
SMF17A
BR
SMF18A
BT
SMF20A
BV
SMF22A
BX
SMF24A
BZ
SMF5V0A-GSxx
GS08 = 3K per 7" reel (8 mm tape), 30K/box
GS18 = 10K per 13" reel (8 mm tape), 50K/box
Part number


Similar Part No. - SMF12A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMF12A VISHAY-SMF12A Datasheet
92Kb / 6P
   Surface Mount ESD Protection Diodes
Rev. 2.5, 22-Sep-10
logo
UN Semiconducctor INC
SMF12A UNSEMI-SMF12A Datasheet
3Mb / 7P
   3.3 To 190V 200W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Nanjing International G...
SMF12A DGNJDZ-SMF12A Datasheet
384Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Vishay Siliconix
SMF12A VISHAY-SMF12A Datasheet
108Kb / 7P
   Surface Mount ESD Protection Diodes
Rev. 2.6, 30-Nov-11
logo
Shenzhen Luguang Electr...
SMF12A LUGUANG-SMF12A Datasheet
1Mb / 3P
   Transient Voltage Suppressors
More results

Similar Description - SMF12A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SMF100A LUGUANG-SMF100A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF110A LUGUANG-SMF110A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF170A LUGUANG-SMF170A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF130A LUGUANG-SMF130A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
logo
Galaxy Semi-Conductor H...
SMF5V0A BILIN-SMF5V0A Datasheet
119Kb / 3P
   SURFACE MOUNT ESD PROTECTION DIODES
logo
Vishay Siliconix
SMF5V0A-M VISHAY-SMF5V0A-M_12 Datasheet
111Kb / 7P
   Surface Mount ESD Protection Diodes
Rev. 1.1, 30-Nov-11
logo
Shenzhen Luguang Electr...
SMF85A LUGUANG-SMF85A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF5V0A LUGUANG-SMF5V0A Datasheet
168Kb / 3P
   Surface Mount ESD Protection Diodes
SMF90A LUGUANG-SMF90A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
logo
Vishay Siliconix
SMF22A-GS08 VISHAY-SMF22A-GS08 Datasheet
137Kb / 8P
   Surface Mount ESD Protection Diodes
Rev. 1.1, 17-Oct-13
SMF36A-GS08 VISHAY-SMF36A-GS08 Datasheet
108Kb / 7P
   Surface Mount ESD Protection Diodes
Rev. 2.6, 30-Nov-11
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com