Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6A2G Datasheet(PDF) 2 Page - Kwang Myoung I.S. CO.,LTD

Part # 6A2G
Description  GLASS PASSIVATED RECTIFIER Reverse Voltage - 50 to 1000 Volts Forward Current -6.0Amperes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KISEMICONDUCTOR [Kwang Myoung I.S. CO.,LTD]
Direct Link  http://www.kmis.co.kr/
Logo KISEMICONDUCTOR - Kwang Myoung I.S. CO.,LTD

6A2G Datasheet(HTML) 2 Page - Kwang Myoung I.S. CO.,LTD

  6A2G Datasheet HTML 1Page - Kwang Myoung I.S. CO.,LTD 6A2G Datasheet HTML 2Page - Kwang Myoung I.S. CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES 6A05G THRU 6A10G
0.01
0.1
1.0
100
10
0.01
0.1
0
80
40
120
160
200
240
10
1
100
20
0
40
60
80
100
120
140
1
10
100
0.4
0.6
0.8
1.2
1.4
1.6
1.8
1.0
0
1
20
40
80
60
120
100
140
160
180
50
200
100
0
1
2
10
3
100
4
50
5
200
6
1000
FIG.1-FORWARD CURRENT DERATING CURVE
FIG.3-MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
FIG.2-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
FIG.4-TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
REVERSE VOLTAGE (V)
.
PERCENT OF RATED PEAK REVERSE VOLTAGE %
NUMBER OF CYCLES AT 60Hz
AMBIENT TEMPERATURE ( C)
T =25 C
PULSE WIDTH=300 S
1% DUTY CYCLE
J
T=
C
J 125
T =25 C
J
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
Ground pane 1" x 1"
copper surface area PC
BOARD Recommended
PC Board Mounting
Slandard PC Board
mounting
FIG.5-TYPICAL JUNCTION CAPACITANCE
PC Board
50
10
500
T =25 C
J
KISEMICONDUCTOR
2.


Similar Part No. - 6A2G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
6A2G JGD-6A2G Datasheet
137Kb / 2P
   6.0 AMP. GLASS PASSIVATED RECTIFIERS
logo
Shunye Enterprise
6A2G SHUNYE-6A2G Datasheet
1,001Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Dc Components
6A2G DCCOM-6A2G Datasheet
469Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS PASSIVATED RECTIFIER
logo
Microdiode Electronics ...
6A2G CHENDA-6A2G Datasheet
535Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
GOOD-ARK Electronics
6A2G GOOD-ARK-6A2G Datasheet
164Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
More results

Similar Description - 6A2G

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
1N5391G GOOD-ARK-1N5391G_15 Datasheet
174Kb / 2P
   Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.5 Amperes
1N4001G GOOD-ARK-1N4001G_15 Datasheet
184Kb / 2P
   Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
RF101G GOOD-ARK-RF101G Datasheet
103Kb / 2P
   Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
DR200G GOOD-ARK-DR200G_15 Datasheet
142Kb / 2P
   Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 2.0 Amperes
6A05G GOOD-ARK-6A05G_15 Datasheet
137Kb / 2P
   Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 6.0 Amperes
RL201G GOOD-ARK-RL201G_15 Datasheet
105Kb / 2P
   Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 2.0 Amperes
RL151G GOOD-ARK-RL151G_15 Datasheet
157Kb / 2P
   Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.5 Amperes
1N5400G GOOD-ARK-1N5400G_15 Datasheet
123Kb / 2P
   Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 3.0 Amperes
logo
Kingtronics Internation...
GBPC50005W-GBPC5010W KINGTRONICS-GBPC50005W-GBPC5010W Datasheet
374Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 50 Ampere
S50VB005-S50VB100 KINGTRONICS-S50VB005-S50VB100 Datasheet
363Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 50 Ampere
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com