Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBU8005 Datasheet(PDF) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # GBU8005
Description  GLASS PASSIVATED BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

GBU8005 Datasheet(HTML) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

  GBU8005 Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. GBU8005 Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Surge overload rating -200 amperes peak
Ideal for printed circuit board
Reliable low cost construction utilizing
molded plastic technique
Plastic material has U/L
the flammability classification 94V-0
Mounting postition:Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
CHARACTERISTICS
SYMBOL GBU8005 GBU801 GBU802 GBU804 GBU806 GBU808 GBU810
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward (with heatsink Note 2)
Rectified Current
@ TC=100℃ (without heatsink)
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load (JEDEC Method)
Maximum Forward Voltage at 4.0A DC
VF
V
Maximum DC Reverse Current
@ TJ=25℃
at Rated DC Blocking Voltage
@ TJ=125℃
I2t Rating for Fusing (t<8.3ms)
I2t
A2s
Typical Junction Capacitance Per Element (Note1)
CJ
pF
Typical Thermal Resistance
RθJC
/W
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
NOTES: 1.Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
2.Device mounted on 75mm*75mm*1.6mm Cu plate heatsink.
GBU8005 thru GBU810
A
IR
1.1
I(AV)
-55 to +150
10.0
μA
A
200
8.0
For capacitive load, derate current by 20%
3.2
-55 to +150
IFSM
166
60
2.2
500
Single phase, half wave ,60Hz, resistive or inductive load.
Rating at 25℃ ambient temperature unless otherwise specified.
REVERSE VOLTAGE - 50 to 1000Volts
FORWARD CURRENT - 8.0 Amperes
GLASS PASSIVATED
BRIDGE RECTIFIERS
Dimensions in inches and (milimeters)
GBU
.874(22.2)
.860(21.8)
.146(3.7)
.154(3.9)
.224(5.7)
.232(5.9)
.126(3.2)*45°
CHAMFER
.720(18.3)
.752(19.1)
.720(18.29)
.680(17.27)
.073(1.85)
.057(1.45)
.035(0.9)
.047(1.2)
.100(2.54)
.085(2.16)
.065(1.65)
.080(2.03)
(5.3)
(4.8)
.210
.190
.190
.210
(4.8)
(5.3) (5.3)
(4.8)
.210
.190
.133(3.37)
.139(3.53)
.091(2.3)
.106(2.7)
.022(.56)
.018(.46)
.401(10.2)
.392(9.80)
.437(11.1)
.430(10.9)
星合电子
XINGHE ELECTRONICS
GAOMI XINGHE ELECTRONICSCO.,LTD.    WWW.SDDZG.COM     TEL:0536-2210359       QQ:464768017
1


Similar Part No. - GBU8005

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
GBU8005 DIODES-GBU8005 Datasheet
67Kb / 2P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21227 Rev. D-2
logo
First Silicon Co., Ltd
GBU8005 FS-GBU8005 Datasheet
205Kb / 2P
   Bridge Rectifier
logo
Microdiode Electronics ...
GBU8005 CHENDA-GBU8005 Datasheet
460Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Suntan Capacitors
GBU8005 SUNTAN-GBU8005 Datasheet
220Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Diodes Incorporated
GBU8005 DIODES-GBU8005 Datasheet
75Kb / 3P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21227 Rev. 7 - 2
More results

Similar Description - GBU8005

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBL4005G-G COMCHIP-KBL4005G-G Datasheet
83Kb / 3P
   Glass Passivated Bridge Rectifiers
SC35VB80S-G COMCHIP-SC35VB80S-G Datasheet
106Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
UR3KB60 TSC-UR3KB60_13 Datasheet
200Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBP2005G-G COMCHIP-KBP2005G-G Datasheet
73Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBL101G TSC-DBL101G_15 Datasheet
196Kb / 4P
   Glass Passivated Bridge Rectifiers
TS10K40 TSC-TS10K40_14 Datasheet
210Kb / 4P
   Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com