Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RL206 Datasheet(PDF) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # RL206
Description  2.0A SILICON RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

RL206 Datasheet(HTML) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

  RL206 Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. RL206 Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RL201 – RL207
2.0A SILICON RECTIFIER
Features
!
Diffused Junction
!
Low Forward Voltage Drop
!
High Current Capability
A
B
A
!
High Reliability
!
High Surge Current Capability
Mechanical Data
C
!
Case: Molded Plastic
D
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Weight: 0.40 grams (approx.)
!
Mounting Position: Any
!
Marking: Type Number
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
RL201
RL202
RL203
RL204
RL205
RL206
RL207
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
(Note 1)
@TA = 75°C
IO
2.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
70
A
Forward Voltage
@IF = 2.0A
VFM
1.0
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
5.0
50
µA
Typical Junction Capacitance (Note 2)
Cj
20
pF
Typical Thermal Resistance Junction to Ambient
(Note 1)
RJA
40
K/W
Operating Temperature Range
Tj
-65 to +125
°C
Storage Temperature Range
TSTG
-65 to +150
°C
*Glass passivated forms are available upon request
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case
2. Measured at 1.0 MHz and Applied Reverse Voltage of 4.0V D.C.
DO-15
Dim
Min
Max
A
25.4
B
5.50
7.62
C
0.71
0.864
D
2.60
3.60
All Dimensions in mm
星合电子
XINGHE ELECTRONICS
GAOMI XINGHE ELECTRONICSCO.,LTD. WWW.SDDZG.COM  TEL:0536-2210359  QQ:464768017
1


Similar Part No. - RL206

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
RL206 WINGS-RL206 Datasheet
251Kb / 2P
   SILICON RECTIFIER(VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 2.0 Amperes)
logo
Shanghai Leiditech Elec...
RL206 LEIDITECH-RL206 Datasheet
530Kb / 2P
   General-purpose Plastic Rectifiers
logo
First Components Intern...
RL206 FCI-RL206 Datasheet
139Kb / 2P
   2.0 Amp MINIATURE PLASTIC SILICON RECTIFIERS LOW COST
logo
Micro Commercial Compon...
RL206 MCC-RL206 Datasheet
80Kb / 3P
   2 Amp Silicon Rectifier 50 to 1000 Volts
logo
Rugao Dachang Electroni...
RL206 DACHANG-RL206 Datasheet
118Kb / 2P
   General Purpose Plastic Rectifier
More results

Similar Description - RL206

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
RL201 WTE-RL201 Datasheet
40Kb / 3P
   2.0A SILICON RECTIFIER
logo
SUNMATE electronic Co.,...
BYW52 SUNMATE-BYW52 Datasheet
267Kb / 3P
   2.0A Axial Leaded Silicon Rectifier
logo
Diodes Incorporated
2A01 DIODES-2A01 Datasheet
57Kb / 2P
   2.0A RECTIFIER
DS29008 Rev. B-2
2A01 DIODES-2A01_1 Datasheet
62Kb / 3P
   2.0A RECTIFIER
DS29008 Rev. 4 - 2
logo
Zibo Seno Electronic En...
SF21 ZSELEC-SF21 Datasheet
110Kb / 2P
   2.0A SUPERFAST RECTIFIER
D2KB05 ZSELEC-D2KB05 Datasheet
117Kb / 2P
   2.0A BRIDGE RECTIFIER
2W05 ZSELEC-2W05 Datasheet
163Kb / 2P
   2.0A BRIDGE RECTIFIER
D2SB05 ZSELEC-D2SB05 Datasheet
84Kb / 2P
   2.0A BRIDGE RECTIFIER
logo
Won-Top Electronics
2W005 WTE-2W005 Datasheet
46Kb / 3P
   2.0A BRIDGE RECTIFIER
logo
Sanyo Semicon Device
SB2003M SANYO-SB2003M_10 Datasheet
147Kb / 3P
   30V, 2.0A Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com