Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF15 Datasheet(PDF) 3 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # SF15
Description  1.0 Amp Super Fast Rectifier 50 to 400 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

SF15 Datasheet(HTML) 3 Page - Gaomi Xinghe Electronics Co., Ltd.

  SF15 Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. SF15 Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd. SF15 Datasheet HTML 3Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
trr
+0.5A
0
-0.25
-1.0
1cm
Set Time Base for 20/100ns/cm
25Vdc
1
50
10
Oscilloscope
Note 1
Pulse
Generator
Note 2
Notes:
1. Rise Time = 7ns max.
Input impedance = 1 megohm, 22pF
2. Rise Time = 10ns max.
Source impedance = 50 ohms
3. Resistors are non-inductive
Figure 6
Reverse Recovery Time Characteristic And Test Circuit Diagram
Figure 4
Maximum Non-repetitive Forward
Surge Current
1
2
5
10
20
100
50
5
10
25
20
30
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine Wave
JEDEC Method
Figure 5
.1
.5
1
5
2
10 20
50
100 200
500 1000
25
50
75
100
125
150
175
REVERSE VOLTAGE. (V)
SF11~SF14
SF15~S
F16
Typical Junction Capacitance
THRU
SF11
SF16
星合电子
XINGHE ELECTRONICS
GAOMI XINGHE ELECTRONICSCO.,LTD.    WWW.SDDZG.COM     TEL:0536-2210359       QQ:464768017


Similar Part No. - SF15

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SF15 MCC-SF15 Datasheet
460Kb / 4P
   1.0 Amp Super Fast Recovery Rectifiers 50 to 600 Volts
logo
Mospec Semiconductor
SF15 MOSPEC-SF15 Datasheet
137Kb / 2P
   POWER RECTIFIERS(1.0A,50-400V)
logo
Microdiode Electronics ...
SF15 CHENDA-SF15 Datasheet
541Kb / 2P
   SUPER FAST RECTIFIER
logo
Leshan Radio Company
SF15 LRC-SF15 Datasheet
55Kb / 2P
   SUPER FAST DIODES
logo
SEMTECH ELECTRONICS LTD...
SF15 SEMTECH_ELEC-SF15 Datasheet
204Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS
More results

Similar Description - SF15

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SF11 MCC-SF11 Datasheet
93Kb / 3P
   1.0 Amp Super Fast Rectifier 50 to 400 Volts
SF61 MCC-SF61 Datasheet
328Kb / 4P
   6.0 Amp Super Fast Rectifier 50 to 400 Volts
logo
DONGGUAN YOU FENG WEI E...
SF21-DO15 YFWDIODE-SF21-DO15 Datasheet
427Kb / 3P
   2.0 Amp Super Fast Rectifier 50 to 400 Volts
SF21 YFWDIODE-SF21 Datasheet
381Kb / 3P
   2.0 Amp Super Fast Rectifier 50 to 400 Volts
SF11-DO41 YFWDIODE-SF11-DO41 Datasheet
390Kb / 3P
   50 to 600 Volts 1.0 Amp Super Fast Rectifier
logo
Micro Commercial Compon...
SF21 MCC-SF21 Datasheet
94Kb / 3P
   2.0 Amp Super Fast Rectifier 50 to 400 Volts
logo
Nanjing International G...
SF21 DGNJDZ-SF21 Datasheet
82Kb / 3P
   2.0 Amp Super Fast Rectifier 50 to 400 Volts
logo
Micro Commercial Compon...
ER6A MCC-ER6A Datasheet
80Kb / 2P
   6 Amp Super Fast Recovery Rectifier 50 to 400 Volts
ER10A MCC-ER10A_08 Datasheet
201Kb / 5P
   10 Amp Super Fast Recovery Rectifier 50 to 400 Volts
ER10A MCC-ER10A Datasheet
353Kb / 3P
   10 Amp Super Fast Recovery Rectifier 50 to 400 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com