Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATTINY20-EK1 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATTINY20-EK1
Description  8-bit AVR Microcontroller with 2K Bytes In-System Programmable Flash
Download  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY20-EK1 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATTINY20-EK1 Datasheet HTML 3Page - ATMEL Corporation ATTINY20-EK1 Datasheet HTML 4Page - ATMEL Corporation ATTINY20-EK1 Datasheet HTML 5Page - ATMEL Corporation ATTINY20-EK1 Datasheet HTML 6Page - ATMEL Corporation ATTINY20-EK1 Datasheet HTML 7Page - ATMEL Corporation ATTINY20-EK1 Datasheet HTML 8Page - ATMEL Corporation ATTINY20-EK1 Datasheet HTML 9Page - ATMEL Corporation ATTINY20-EK1 Datasheet HTML 10Page - ATMEL Corporation ATTINY20-EK1 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 220 page
background image
7
ATtiny20 [DATASHEET]
8235E–AVR–03/2013
3.
General Information
3.1
Resources
A comprehensive set of drivers, application notes, data sheets and descriptions on development tools are available for
download at http://www.atmel.com/avr.
3.2
Code Examples
This documentation contains simple code examples that briefly show how to use various parts of the device. These code
examples assume that the part specific header file is included before compilation. Be aware that not all C compiler
vendors include bit definitions in the header files and interrupt handling in C is compiler dependent. Please confirm with
the C compiler documentation for more details.
3.3
Capacitive Touch Sensing
Atmel QTouch Library provides a simple to use solution for touch sensitive interfaces on Atmel AVR microcontrollers.
The QTouch Library includes support for QTouch® and QMatrix® acquisition methods.
Touch sensing is easily added to any application by linking the QTouch Library and using the Application Programming
Interface (API) of the library to define the touch channels and sensors. The application then calls the API to retrieve
channel information and determine the state of the touch sensor.
The QTouch Library is free and can be downloaded from the Atmel website. For more information and details of
implementation, refer to the QTouch Library User Guide – also available from the Atmel website.
3.4
Data Retention
Reliability Qualification results show that the projected data retention failure rate is much less than 1 PPM over 20 years
at 85°C or 100 years at 25°C.
3.5
Disclaimer
Typical values contained in this datasheet are based on simulations and characterization of other AVR microcontrollers
manufactured on the same process technology.


Similar Part No. - ATTINY20-EK1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY20-CCU ATMEL-ATTINY20-CCU Datasheet
638Kb / 18P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY20-CCUR ATMEL-ATTINY20-CCUR Datasheet
638Kb / 18P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY20-MMH ATMEL-ATTINY20-MMH Datasheet
638Kb / 18P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY20-MMHR ATMEL-ATTINY20-MMHR Datasheet
638Kb / 18P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY20-SSU ATMEL-ATTINY20-SSU Datasheet
638Kb / 18P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
More results

Similar Description - ATTINY20-EK1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY2313 ATMEL-ATTINY2313 Datasheet
2Mb / 211P
   8-bit AVR Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY20 ATMEL-ATTINY20_13 Datasheet
4Mb / 220P
   8-bit AVR Microcntroller with 2K Bytes In-System Programmable Flash
ATTINY2313V ATMEL-ATTINY2313V_06 Datasheet
2Mb / 231P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY2313-20 ATMEL-ATTINY2313-20 Datasheet
1Mb / 223P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY2313 ATMEL-ATTINY2313_06 Datasheet
181Kb / 17P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
AT90S2313 ATMEL-AT90S2313 Datasheet
387Kb / 8P
   8-Bit Microcontroller with 2K bytes In-System Programmable Flash
ATTINY20 ATMEL-ATTINY20 Datasheet
638Kb / 18P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY20 ATMEL-ATTINY20_11 Datasheet
5Mb / 224P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATMEGA16 ATMEL-ATMEGA16 Datasheet
2Mb / 315P
   8-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA32 ATMEL-ATMEGA32_06 Datasheet
3Mb / 347P
   8-bit AVR Microcontroller with 32K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com