Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATSAM3N2AA-AU Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATSAM3N2AA-AU
Description  ARM-based Flash MCU
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3N2AA-AU Datasheet(HTML) 4 Page - ATMEL Corporation

  ATSAM3N2AA-AU Datasheet HTML 1Page - ATMEL Corporation ATSAM3N2AA-AU Datasheet HTML 2Page - ATMEL Corporation ATSAM3N2AA-AU Datasheet HTML 3Page - ATMEL Corporation ATSAM3N2AA-AU Datasheet HTML 4Page - ATMEL Corporation ATSAM3N2AA-AU Datasheet HTML 5Page - ATMEL Corporation ATSAM3N2AA-AU Datasheet HTML 6Page - ATMEL Corporation ATSAM3N2AA-AU Datasheet HTML 7Page - ATMEL Corporation ATSAM3N2AA-AU Datasheet HTML 8Page - ATMEL Corporation ATSAM3N2AA-AU Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
4
11011BS–ATARM–22-Feb-12
SAM3N Summary
2.
SAM3N Block Diagram
Figure 2-1.
SAM3N 100-pin version Block Diagram
TST
PCK0-PCK2
System Controller
XIN
NRST
PMC
XOUT
OSC 32k
XIN32
XOUT32
SUPC
RSTC
OSC
3-20 MHz
PIOA
PIOB
POR
RTC
RTT
RC 32k
RC OSC
12/8/4 MHz
ERASE
I/D
S
TC[0..2]
TCLK[0:2]
TWCK0
TWD0
TWCK1
TWD1
NPCS0
NPCS1
NPCS2
NPCS3
MISO
MOS
SPCK
TCLK[3:5]
TIOA[0:2]
TIOB[0:2]
TIOA[3:5]
TIOB[3:5]
PDC
PDC
PDC
PDC
PDC
PWM
In-Circuit Emulator
PDC
JTAG & Serial Wire
PWM[0:3]
ADTRG
ADVREF
DAC0
DATRG
10-bit ADC
10-bit DAC
PIOC
SM
VDDIO
PLL
RXD0
TXD0
SCK0
RTS0
CTS0
RXD1
TXD1
SCK1
RTS1
CTS1
USART0
UART1
UART0
USART1
Cortex-M3 Processor
Fmax 48 MHz
24-bit
SysTick Counter
ROM
16 KBytes
SRAM
24 KBytes
16 KBytes
8 KBytes
FLASH
256 KBytes
128 KBytes
64 KBytes
VDDCORE
WDT
Peripheral
Bridge
URXD0
UTXD0
URXD1
UTXD1
Timer Counter A
Timer Counter B
SPI
TWI0
TWI1
N
V
I
C
Voltage
Regulator
TC[3..5]
AD[0..15]
3- layer AHB Bus Matrix Fmax 48 MHz


Similar Part No. - ATSAM3N2AA-AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATSAM3N2AA-AU ATMEL-ATSAM3N2AA-AU Datasheet
254Kb / 2P
   Cortex M3 Flash Microcontroller Converges Performance and Simplicity
More results

Similar Description - ATSAM3N2AA-AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM ATMEL-AT91SAM Datasheet
638Kb / 67P
   ARM-based Flash MCU
SAM7S321 ATMEL-SAM7S321_14 Datasheet
4Mb / 775P
   ARM-based Flash MCU
AT91SAM ATMEL-AT91SAM_13 Datasheet
4Mb / 775P
   ARM-based Flash MCU
SAM4S ATMEL-SAM4S_14 Datasheet
6Mb / 1231P
   ARM-based Flash MCU
SAM7X128 ATMEL-SAM7X128_14 Datasheet
2Mb / 662P
   ARM-based Flash MCU
SAM7X512 ATMEL-SAM7X512 Datasheet
3Mb / 662P
   ARM-based Flash MCU
11-Feb-14
SAM7S128 ATMEL-SAM7S128_14 Datasheet
4Mb / 775P
   ARM-based Flash MCU
SAM7S256 ATMEL-SAM7S256_14 Datasheet
4Mb / 775P
   ARM-based Flash MCU
SAM4N ATMEL-SAM4N_14 Datasheet
13Mb / 795P
   ARM-based Flash MCU
SAM7X512 ATMEL-SAM7X512_14 Datasheet
2Mb / 662P
   ARM-based Flash MCU
SAM7X256 ATMEL-SAM7X256_14 Datasheet
2Mb / 662P
   ARM-based Flash MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com