Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

87471-605LF Datasheet(PDF) 2 Page - FCI connector

Part # 87471-605LF
Description  .050/1.27cc V.C.C. SURFACE MOUNT W/POL/HOLD DOWN
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

87471-605LF Datasheet(HTML) 2 Page - FCI connector

  87471-605LF Datasheet HTML 1Page - FCI connector 87471-605LF Datasheet HTML 2Page - FCI connector 87471-605LF Datasheet HTML 3Page - FCI connector  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PDM: Rev:Y
Released
.
STATUS:
Printed: Jun 26, 2010


Similar Part No. - 87471-605LF

ManufacturerPart #DatasheetDescription
logo
FCI connector
87471-605 FCI-CONNECTOR-87471-605 Datasheet
285Kb / 3P
   HOUSING MATERIAL: GLASS FILLED THERMOPLASTIC FLAME RETARDANT PER UL 94V-0
More results

Similar Description - 87471-605LF

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5749232-1 MACOM-5749232-1 Datasheet
74Kb / 1P
   RECEPTACLE ASSY W/ HOLD DOWN
logo
FCI connector
87022-610LF FCI-CONNECTOR-87022-610LF Datasheet
220Kb / 1P
   .050 CC VERT. C.C. ASSY. SUR. MOUNT-POL.
logo
List of Unclassifed Man...
200-25254-102 ETC2-200-25254-102 Datasheet
624Kb / 2P
   Advanced Thumbscrew Hold-Down
logo
TE Connectivity Ltd
C-794627 TEC-C-794627 Datasheet
207Kb / 1P
   SURFACE MOUNT,RIGHT ANGLE,SURFACE MOUNT HOLD DOWN,ASSEMBLY,TIN HEADER, DUAL ROW, MICRO MATE-N-LOK (TM)
logo
MicroPower Direct, LLC
SRL05A MPD-SRL05A Datasheet
564Kb / 4P
   Miniature Surface Mount 5A Output, Switching POL Regulators
SRL16A-12W MPD-SRL16A-12W Datasheet
786Kb / 4P
   Miniature Surface Mount 16A Output, Switching POL Regulators
SRL10A-12 MPD-SRL10A-12 Datasheet
634Kb / 4P
   Miniature Surface Mount 10A Output, Switching POL Regulators
logo
Mallory performance clu...
PN8010 MALLORY-PN8010 Datasheet
115Kb / 1P
   Billet Hold Down Clamp, Ford
PN8110 MALLORY-PN8110 Datasheet
79Kb / 2P
   Billet Distributor Hold Down Clamp
logo
TE Connectivity Ltd
C-2180850 TEC-C-2180850 Datasheet
746Kb / 4P
   IMPACT POWER 3 PAIR R/A HEADER W/HOLD DOWN LEFT PRESS FIT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com