Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9LPRS436CKILF Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ICS9LPRS436CKILF
Description  Low Power Clock for Intel Atom짰-Based Systems
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9LPRS436CKILF Datasheet(HTML) 2 Page - Integrated Device Technology

  ICS9LPRS436CKILF Datasheet HTML 1Page - Integrated Device Technology ICS9LPRS436CKILF Datasheet HTML 2Page - Integrated Device Technology ICS9LPRS436CKILF Datasheet HTML 3Page - Integrated Device Technology ICS9LPRS436CKILF Datasheet HTML 4Page - Integrated Device Technology ICS9LPRS436CKILF Datasheet HTML 5Page - Integrated Device Technology ICS9LPRS436CKILF Datasheet HTML 6Page - Integrated Device Technology ICS9LPRS436CKILF Datasheet HTML 7Page - Integrated Device Technology ICS9LPRS436CKILF Datasheet HTML 8Page - Integrated Device Technology ICS9LPRS436CKILF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
IDT®
Low Power Clock for Intel Atom®-Based Systems
1561A — 06/01/10
ICS9LPRS436C
Low Power Clock for Intel Atom
®-Based Systems
2
48 47 46 45 44 43 42 41 40 39 38 37
**FS3/12_288M_2x 136 SDATA
VDD12_288 235 SCLK
PEREQ1# 334 GND
PEREQ2# 433 CPUT_LR0
**FS4/PCICLK0_2x 532 CPUC_LR0
GND 631 VDDCPU
VDDPCI 730 CPUT_LR1
**ITP_EN/PCICLK_F0_2x 829 CPUC_LR1
PEREQ3# 928 CPUITPT_LR2/PCIeT_LR2
*SEL12_48#/12_48MHz_2x 10
27 CPUITPC_LR2/PCIeC_LR2
VDD 11
26 VDDPCIEX
FSLA/USB48_2x 12
25 GND
13 14 15 16 17 18 19 20 21 22 23 24
* Internal Pull-Up Resistor
** Internal Pull-Down Resistor
9LPRS436
48 MLF
6x6mm
0.4mm pitch


Similar Part No. - ICS9LPRS436CKILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9LPRS462 IDT-ICS9LPRS462 Datasheet
254Kb / 23P
   Low Power Clock for ATI RS/RD600 series chipsets for AMD CPUs
logo
Renesas Technology Corp
ICS9LPRS462 RENESAS-ICS9LPRS462 Datasheet
392Kb / 24P
   Low Power Clock for ATI RS/RD600 series chipsets for AMD CPUs
logo
Integrated Device Techn...
ICS9LPRS462YGLFT IDT-ICS9LPRS462YGLFT Datasheet
254Kb / 23P
   Low Power Clock for ATI RS/RD600 series chipsets for AMD CPUs
logo
Renesas Technology Corp
ICS9LPRS462YGLFT RENESAS-ICS9LPRS462YGLFT Datasheet
392Kb / 24P
   Low Power Clock for ATI RS/RD600 series chipsets for AMD CPUs
logo
Integrated Device Techn...
ICS9LPRS464 IDT-ICS9LPRS464 Datasheet
252Kb / 23P
   System Clock Chip for ATI RS/RD600 series chipsets using AMD CPUs
More results

Similar Description - ICS9LPRS436CKILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9LPRS436C IDT-9LPRS436C Datasheet
200Kb / 20P
   Low Power Clock for Intel Atom짰-Based Systems
logo
Renesas Technology Corp
9LPRS436C RENESAS-9LPRS436C Datasheet
339Kb / 21P
   Low Power Clock for Intel Atom®-Based Systems
1561C 08/24/11
logo
Integrated Device Techn...
IDTCV193 IDT-IDTCV193 Datasheet
181Kb / 21P
   PROGRAMMABLE FLEXPC LP/S CLOCK FOR INTEL BASED SYSTEMS
logo
Renesas Technology Corp
IDTCV193 RENESAS-IDTCV193 Datasheet
345Kb / 22P
   PROGRAMMABLE FLEXPC LP/S CLOCK FOR INTEL BASED SYSTEMS
APRIL 8, 2009
logo
Adlink Technology Inc.
SP-AL ADLINK-SP-AL Datasheet
408Kb / 2P
   Intel Atom짰 Processor-based Fanless Panel Computer
logo
Cypress Semiconductor
C9812 CYPRESS-C9812 Datasheet
269Kb / 18P
   Low EMI Clock Generator for Intel 810E Chipset Systems
logo
Integrated Device Techn...
ICS9LRS3187B IDT-ICS9LRS3187B Datasheet
199Kb / 20P
   PROGRAMMABLE TIMING CONTROL HUB FOR INTEL BASED SYSTEMS
logo
Renesas Technology Corp
ICS9LRS3187B RENESAS-ICS9LRS3187B Datasheet
345Kb / 21P
   PROGRAMMABLE TIMING CONTROL HUB FOR INTEL BASED SYSTEMS
2019
9EPRS488 RENESAS-9EPRS488 Datasheet
475Kb / 23P
   System Clock for Embedded AMDTM based Systems
08/20/09
logo
Beckhoff Automation Gmb...
CX5240 BECKHOFF-CX5240 Datasheet
209Kb / 4P
   Embedded PC with Intel Atom짰 processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com