Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSZ050N03LS-G Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BSZ050N03LS-G
Description  3 Power-MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSZ050N03LS-G Datasheet(HTML) 4 Page - Infineon Technologies AG

  BSZ050N03LS-G Datasheet HTML 1Page - Infineon Technologies AG BSZ050N03LS-G Datasheet HTML 2Page - Infineon Technologies AG BSZ050N03LS-G Datasheet HTML 3Page - Infineon Technologies AG BSZ050N03LS-G Datasheet HTML 4Page - Infineon Technologies AG BSZ050N03LS-G Datasheet HTML 5Page - Infineon Technologies AG BSZ050N03LS-G Datasheet HTML 6Page - Infineon Technologies AG BSZ050N03LS-G Datasheet HTML 7Page - Infineon Technologies AG BSZ050N03LS-G Datasheet HTML 8Page - Infineon Technologies AG BSZ050N03LS-G Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
BSZ050N03LS G
1 Power dissipation
2 Drain current
P tot=f(T C)
I D=f(T C); V GS!10 V
3 Safe operating area
4 Max. transient thermal impedance
I D=f(V DS); T C=25 °C; D =0
Z thJC=f(t p)
parameter: t p
parameter: D =t p/T
1 µs
10 µs
100 µs
1 ms
10 ms
DC
10
2
10
1
10
0
10
-1
10
3
10
2
10
1
10
0
10
-1
V DS [V]
limited by on-state
resistance
single pulse
0.01
0.02
0.05
0.1
0.2
0.5
10
0
10
-1
10
-2
10
-3
10
-4
10
-5
10
-6
0.01
0.1
1
10
0
0
0
0
0
0
1
t p [s]
0
10
20
30
40
50
60
0
40
80
120
160
T C [°C]
0
10
20
30
40
50
0
40
80
120
160
T C [°C]
Rev. 1.3
page 4
2009-11-05


Similar Part No. - BSZ050N03LS-G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSZ050N03LSG INFINEON-BSZ050N03LSG Datasheet
506Kb / 9P
   OptiMOS?? Power-MOSFET
Rev. 1.3 2009-11-05
BSZ050N03LSG INFINEON-BSZ050N03LSG_09 Datasheet
506Kb / 9P
   OptiMOS?? Power-MOSFET
Rev. 1.3 2009-11-05
More results

Similar Description - BSZ050N03LS-G

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3935KLQ ALLEGRO-A3935KLQ Datasheet
317Kb / 16P
   3-PHASE POWER MOSFET CONTROLLER
logo
ON Semiconductor
MMDF1300 ONSEMI-MMDF1300 Datasheet
44Kb / 4P
   Power MOSFET 3 Amps, 25 Volts
March, 2001 ??Rev. 1
NTMD2P01R2 ONSEMI-NTMD2P01R2 Datasheet
142Kb / 6P
   Power MOSFET ??.3 Amps, ??6 Volts
February, 2006 ??Rev. 2
MMDFS3P303 ONSEMI-MMDFS3P303 Datasheet
166Kb / 12P
   Power MOSFET 3 Amps, 30 Volts
November, 2000 ??Rev. 2
MMDFS3P303-D ONSEMI-MMDFS3P303-D Datasheet
162Kb / 12P
   Power MOSFET 3 Amps, 30 Volts
November, 2000 ??Rev. 2
MMDF3N03HD ONSEMI-MMDF3N03HD Datasheet
118Kb / 12P
   Power MOSFET 3 Amps, 30 Volts
November, 2000 ??Rev. 7
MMDF3N04HD ONSEMI-MMDF3N04HD Datasheet
121Kb / 12P
   Power MOSFET 3 Amps, 40 Volts
October, 2003 ??Rev. 3
logo
Unisonic Technologies
3N80Z UTC-3N80Z Datasheet
212Kb / 6P
   3 Amps, 800Volts N-CHANNEL POWER MOSFET
logo
Infineon Technologies A...
BSC0302LS INFINEON-BSC0302LS Datasheet
1Mb / 13P
   MOSFET OptiMOSTM 3 Power-Transistor, 120 V
Rev. 2.2, 2022-09-21
logo
Unisonic Technologies
3N50 UTC-3N50_11 Datasheet
173Kb / 6P
   3 Amps, 500 Volts N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com