Selected language     English  ▼


9-1462038-9 Datasheet(PDF) 2 Page - Tyco Electronics

Part No. 9-1462038-9
Description  Signal Relays
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 2 page
background image
04-2011, Rev. 0411
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
AXICOM
Signal Relays
IM Relay (Continued)
Insulation Data
standard
C
D,P
standard,
high
high current,
sensitive,
dielectric
high contact
ultra high
version
stability
sensitive
version
version
Initial dielectric strength
between open contacts
1000Vrms
1500Vrms
750Vrms
between contact and coil
1800Vrms
1800Vrms
1500Vrms
between adjacent contacts
1000Vrms
1800Vrms
750Vrms
Initial surge withstand voltage
between open contacts
1500V
2500V
1000V
between contact and coil
2500V
2500V
2000V
between adjacent contacts
1500V
2500V
1000V
Initial insulation resistance
between insulated elements
>109Ω
>109Ω
>109Ω
Capacitance
between open contacts
max. 1pF
between contact and coil
max. 2pF
between adjacent contacts
max. 2pF
RF Data
Isolation at 100MHz/900MHz
-37.0dB/-18.8dB
Insertion loss at 100MHz/900MHz
-0.03dB/-0.33dB
Voltage standing wave ratio (VSWR)
at 100MHz/900MHz
1.06/1.49
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Ambient temperature
-40°C to +85°C
Thermal resistance
<150K/W
Category of environmental protection
IEC 61810
RT V - hermetically sealed
Degree of protection, IEC 60529
IP 67, immersion cleanable
Vibration resistance (functional)
20g, 10 to 500Hz
Shock resistance (functional), half sinus 11ms
50g
Shock resistance (destructive), half sinus 0.5ms
500g
Mounting position
any
Weight
max. 0.75g
Resistance to soldering heat THT
IEC 60068-2-20
265°C/10s
Resistance to soldering heat SMT
IEC 60068-2-58
265°C/10s
Moisture sensitive level, JEDEC J-Std-020D
MSL3
Ultrasonic cleaning
not recommended
Packaging/unit
THT version
tube/50pcs., box/1000 pcs.
SMT version
reel/1000 pcs., box/1000 or 5000 pcs.
Coil Data (continued)
Coil versions, sensitive version, monostable, 1 coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω±10%
mW
11
3
2.40
0.30
91
100
12
4.5
3.60
0.45
194
100
13
5
4.00
0.50
234
100
16
12
9.60
1.20
1315
110
17
24
19.20
2.40
4120
140
Coil versions, ultra high sensitive version, monostable, 1 coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω±10%
mW
21
3
2.55
0.30
180
50
22
4.5
3.83
0.45
405
50
23
5
4.25
0.50
500
50
26
12
10.20
1.20
2880
50
All figures are given for coil without pre-energization, at ambient temperature +23°C
Coil versions, standard, bistable 1 coil
Coil
Rated
Set
Reset
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω±10%
mW
40
1.5
1.13
-1.13
23
100
48
2.4
1.80
-1.80
58
100
41
3
2.25
-2.25
90
100
42
4.5
3.38
-3.38
203
100
43
5
3.75
-3.75
250
100
44
6
4.50
-4.50
360
100
45
9
6.75
-6.75
810
100
46
12
9.00
-9.00
1440
100
47
24
18.00
-18.00
2880
200
All figures are given for coil without pre-energization, at ambient temperature +23°C
108-98001 Rev. M
All specifications subject to change. Consult Tyco Electronics for latest specifications.
24 of 28
AXICOMÊSignalÊRelays
IM Relay
Coil Operating Range
Unom
=
Nominal coil voltage
Umax.
=
Upper limit of the operative range of
the coil voltage (limiting voltage) when
coils are continously energized
Uop. min.
=
Lower limit of the operative range of
the coil voltage (reliable operate voltage)
For latching relays Uset min. resp.
Ureset min.
Urel. min.
=
Lower limit of the operative range of
the coil voltage (reliable release voltage)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
-50 -40 -30 -20 -10
0
10
20
30
40
50
60
70
80
90 10 0 1 10 12 0
Umax. at 0A
Umax. at 2x2A
Umax. at 2x1A
Unom. nominal coil voltage
Ambient Temperature [°C]
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
-50 -40 -30 -20 -10
0
10
20
30
40
50
60
70
80
90 100 110 120
Ambient Temperature [°C]
Umax. at 0A
Umax. at 2x2A
Umax. at 2x1A
Unom. nominal coil voltage
Urel. min.
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
-50 -40 -30 -20 -10 0
10 20 30 40 50 60 70 80 90 100 110 120 130 140
Ambient Temperature [°C]
Umax. - 5%coil
duty at
2x2A (100mW)
Umax.-5%coil
duty at 0A(100mW)
Umax.-5%coil
duty at 0A (200mW)
Umax. -5% coil
duty at 2x1A (100mW)
Unom. nominal coil voltage
Umax. at 0A
140mW coil
200mW coil
Urel. min.
50mW coil
100mW coil
Uop min.
Umax. at 0A
Umax. - 100% coil duty at
0A (100mW)
Umax. - 100% coil duty at
0A (200mW)
Uset min.
100 mW Latching
200 mW Latching
Coil operating range, sensitive and ultra high sensitive coil
108-98001 Rev. M
All specifications subject to change. Consult Tyco Electronics for latest specifications.
24 of 28
AXICOMÊSignalÊRelays
IM Relay
Coil Operating Range
Unom
=
Nominal coil voltage
Umax.
=
Upper limit of the operative range of
the coil voltage (limiting voltage) when
coils are continously energized
Uop. min.
=
Lower limit of the operative range of
the coil voltage (reliable operate voltage)
For latching relays Uset min. resp.
Ureset min.
Urel. min.
=
Lower limit of the operative range of
the coil voltage (reliable release voltage)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
-50 -40 -30 -20 -10
0
10
20
30
40
50
60
70
80
90 10 0 1 10 12 0
Umax. at 0A
Umax. at 2x2A
Umax. at 2x1A
Unom. nominal coil voltage
Ambient Temperature [°C]
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
-50 -40 -30 -20 -10
0
10
20
30
40
50
60
70
80
90 100 110 120
Ambient Temperature [°C]
Umax. at 0A
Umax. at 2x2A
Umax. at 2x1A
Unom. nominal coil voltage
Urel. min.
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
-50 -40 -30 -20 -10 0
10 20 30 40 50 60 70 80 90 100 110 120 130 140
Ambient Temperature [°C]
Umax. - 5%coil
duty at
2x2A (100mW)
Umax.-5%coil
duty at 0A(100mW)
Umax.-5%coil
duty at 0A (200mW)
Umax. -5% coil
duty at 2x1A (100mW)
Unom. nominal coil voltage
Umax. at 0A
140mW coil
200mW coil
Urel. min.
50mW coil
100mW coil
Uop min.
Umax. at 0A
Umax. - 100% coil duty at
0A (100mW)
Umax. - 100% coil duty at
0A (200mW)
Uset min.
100 mW Latching
200 mW Latching
Coil operating range, bistable 1 coil
Monostable version
rest condition
108-98001 Rev. M
All specifications subject to change. Consult Tyco Electronics for latest specifications.
5 of 28
AXICOMÊSignalÊRelays
IM Relay 2 Pole Changeover / 2 Form C / DPDT
Dimensions
Dimensions in mm
THT Version
Mounting Hole Layout
View onto the component side of the PCB (top view)
Non-Latching Type
not energized condition
Latching Type, 1 Coil
reset condition
IMÊTHT
Standard
IMÊTHT
Narrow
IMÊSMT
GullÊWings
IMÊSMT
J-Legs
mm
inch
mm
inch
mm
inch
mm
inch
L
W
H
10.00ʱÊ0.08
6.00ʱÊ0.08
5.65ÊÐÊ0.20
0.393ʱÊ0.003
0.236ʱÊ0.003
0.222ÊÐÊ0.008
10.00ʱÊ0.08
5.70ʱÊ0.30
5.80ʱÊ0.08
0.393ʱÊ0.003
0.224ʱÊ0.012
0.230ʱÊ0.003
10.00ʱÊ0.08
ÊÊ6.00ʱÊ0.08
ÊÊ5.65ÊÐÊ0.20
0.393ʱÊ0.003
0.236ʱÊ0.003
0.222ÊÐÊ0.008
10.00ʱÊ0.08
ÊÊ6.00ʱÊ0.08
ÊÊ5.65ÊÐÊ0.02
0.393ʱÊ0.003
0.236ʱÊ0.003
0.222ÊÐÊ0.008
SMT Version
Standard Version
Narrow Version
Solder Pad Layout
View onto the component side of the PCB (top view)
Gull Wings
J-Legs
Standard Version
Narrow Version
Gull Wings
¯Êmin.Ê0.75
¯Êmin.Ê0.75
Terminal Assignment
Relay – top view
ContactsÊ inÊ resetÊ position.Ê ContactÊ
positionÊ mightÊ changeÊ duringÊ trans-
portationÊ andÊ mustÊ beÊ resetÊ beforeÊ
use.
Coplanarity ≤ 0.1mm
Coplanarity ≤ 0.1mm
T
T1
T2
D1
D2
Tw
S
3.2
N/A
5.08ʱÊ0.10
3.20ʱÊ0.15
2.20ʱÊ0.15
0.40
0.75
0.125
N/A
0.200ʱÊ0.004
0.126ʱÊ0.006
0.087ʱÊ0.006
0.015
0.029
3.2
N/A
3.20ʱÊ0.10
3.20ʱÊ0.15
2.20ʱÊ0.15
0.4
0.30ʱÊ0.05
0.125
N/A
0.126ʱÊ0.004
0.126ʱÊ0.006
0.087ʱÊ0.006
0.015
0.011ʱÊ0.002
N/A
7.50ʱÊ0.30
5.08ʱÊ0.10
3.20ʱÊ0.15
2.20ʱÊ0.15
0.4
N/A
N/A
0.295ʱÊ0.011
0.200ʱÊ0.004
0.126ʱÊ0.006
0.087ʱÊ0.006
0.015
N/A
N/A
2.80ʱÊ0.20
5.08ʱÊ0.10
3.20ʱÊ0.15
2.20ʱÊ0.15
0.4
N/A
N/A
0.110ʱÊ0.007
0.200ʱÊ0.004
0.126ʱÊ0.006
0.087ʱÊ0.006
0.015
N/A
10.0±0.08
6.0±0.08
5.08±0.1
0.4
10.0±0.08
5.7±0.3
3.2±0.1
0.4
10.0±0.08
6.0±0.08
5.08±0.1
0.4
10.0±0.08
6.0±0.08
5.08±0.1
0.4
7.5±0.3
Coplanarity ≤0.1mm
2.8±0.2
Coplanarity ≤0.1mm
Terminal assignment
TOP view on relay
Bistable version, 1 coil
reset condition
108-98001 Rev. M
All specifications subject to change. Consult Tyco Electronics for latest specifications.
5 of 28
AXICOMÊSignalÊRelays
IM Relay 2 Pole Changeover / 2 Form C / DPDT
Dimensions
Dimensions in mm
THT Version
Mounting Hole Layout
View onto the component side of the PCB (top view)
Non-Latching Type
not energized condition
Latching Type, 1 Coil
reset condition
IMÊTHT
Standard
IMÊTHT
Narrow
IMÊSMT
GullÊWings
IMÊSMT
J-Legs
mm
inch
mm
inch
mm
inch
mm
inch
L
W
H
10.00ʱÊ0.08
6.00ʱÊ0.08
5.65ÊÐÊ0.20
0.393ʱÊ0.003
0.236ʱÊ0.003
0.222ÊÐÊ0.008
10.00ʱÊ0.08
5.70ʱÊ0.30
5.80ʱÊ0.08
0.393ʱÊ0.003
0.224ʱÊ0.012
0.230ʱÊ0.003
10.00ʱÊ0.08
ÊÊ6.00ʱÊ0.08
ÊÊ5.65ÊÐÊ0.20
0.393ʱÊ0.003
0.236ʱÊ0.003
0.222ÊÐÊ0.008
10.00ʱÊ0.08
ÊÊ6.00ʱÊ0.08
ÊÊ5.65ÊÐÊ0.02
0.393ʱÊ0.003
0.236ʱÊ0.003
0.222ÊÐÊ0.008
SMT Version
Standard Version
Narrow Version
Solder Pad Layout
View onto the component side of the PCB (top view)
Gull Wings
J-Legs
Standard Version
Narrow Version
Gull Wings
¯Êmin.Ê0.75
¯Êmin.Ê0.75
Terminal Assignment
Relay – top view
ContactsÊ inÊ resetÊ position.Ê ContactÊ
positionÊ mightÊ changeÊ duringÊ trans-
portationÊ andÊ mustÊ beÊ resetÊ beforeÊ
use.
Coplanarity ≤ 0.1mm
Coplanarity ≤ 0.1mm
T
T1
T2
D1
D2
Tw
S
3.2
N/A
5.08ʱÊ0.10
3.20ʱÊ0.15
2.20ʱÊ0.15
0.40
0.75
0.125
N/A
0.200ʱÊ0.004
0.126ʱÊ0.006
0.087ʱÊ0.006
0.015
0.029
3.2
N/A
3.20ʱÊ0.10
3.20ʱÊ0.15
2.20ʱÊ0.15
0.4
0.30ʱÊ0.05
0.125
N/A
0.126ʱÊ0.004
0.126ʱÊ0.006
0.087ʱÊ0.006
0.015
0.011ʱÊ0.002
N/A
7.50ʱÊ0.30
5.08ʱÊ0.10
3.20ʱÊ0.15
2.20ʱÊ0.15
0.4
N/A
N/A
0.295ʱÊ0.011
0.200ʱÊ0.004
0.126ʱÊ0.006
0.087ʱÊ0.006
0.015
N/A
N/A
2.80ʱÊ0.20
5.08ʱÊ0.10
3.20ʱÊ0.15
2.20ʱÊ0.15
0.4
N/A
N/A
0.110ʱÊ0.007
0.200ʱÊ0.004
0.126ʱÊ0.006
0.087ʱÊ0.006
0.015
N/A
10.0±0.08
6.0±0.08
5.08±0.1
0.4
10.0±0.08
5.7±0.3
3.2±0.1
0.4
10.0±0.08
6.0±0.08
5.08±0.1
0.4
10.0±0.08
6.0±0.08
5.08±0.1
0.4
7.5±0.3
Coplanarity ≤0.1mm
2.8±0.2
Coplanarity ≤0.1mm
Contacts are shown in reset condition.
Contact position might change during
transportation and must be reset before
use.




Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl