Selected language     English  ▼


9-1462038-9 Datasheet(PDF) 6 Page - Tyco Electronics

Part No. 9-1462038-9
Description  Signal Relays
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 6 page
background image
04-2011, Rev. 0411
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
6
AXICOM
Signal Relays
IM Relay (Continued)
Product codeArrangement
Perf. type
Coil
Coil type
Coil
Terminals
Part number
IM01CGR
2 form C
High
3VDC
Monostable
Standard
SMT gull wing
1462038-4
IM01CTS
2 CO
dielectric
THT standard
9-1462038-6
IM02CGR
contacts
4.5VDC
SMT gull wing
1462038-1
IM03CGR
5VDC
SMT gull wing
1462038-2
IM03CJR
SMT J-leg
4-1462039-8
IM03CTS
THT standard
4-1462039-7
IM05CGR
9VDC
SMT gull wing
1462038-3
IM06CGR
12VDC
SMT gull wing
9-1462037-9
IM06CJR
SMT J-leg
3-1462039-4
IM06CTS
THT standard
4-1462037-9
IM07CGR
24VDC
SMT gull wing
1462039-2
IM07CTS
THT standard
1462039-1
IM17CGR
High sens.
SMT gull wing
1462039-7
IM41CGR
3VDC
Bistable
Standard
4-1462039-2
IM42CGR
4.5VDC
4-1462039-1
IM43CGR
5VDC
9-1462038-7
IM02DGR
High
4.5VDC
Monostable
Standard
9-1462038-8
IM03DGR
current
5VDC
9-1462038-9
IM03DJR
SMT J-leg
3-1462039-3
IM05DGR
9VDC
SMT gull wing
1-1462039-7
IM06DGR
12VDC
1-1462039-8
IM06DJR
SMT J-leg
7-1462039-0
IM06DTS
THT standard
3-1462039-8
IM07DGR
24VDC
SMT gull wing
3-1462039-7
IM07DJR
SMT J-leg
7-1462039-4
IM07DTS
THT standard
7-1462039-2
IM22DTS
4.5VDC
U.h.sens.
7-1462039-6
IM41DGR
3VDC
Bistable
Standard
SMT gull wing
6-1462039-8
IM42DGR
4.5VDC
1-1462039-9
IM42DNS
THT narrow
1-1462039-6
IM46DNS
12VDC
1-1462039-2
IM47DJR
24VDC
SMT J-leg
7-1462039-5
IM48DGR
2.4VDC
SMT gull wing
1462039-9
IM49DGR
2VDC
2-1462039-2
IM02PGR
High
4.5VDC
Monostable
Standard
5-1462039-4
IM02PNS
contact
THT narrow
5-1462039-8
IM03PGR
stability
5VDC
SMT gull wing
5-1462039-5
IM03PJR
SMT J-leg
6-1462039-6
IM03PNS
THT narrow
5-1462039-9
IM06PGR
12VDC
SMT gull wing
5-1462039-6
IM06PNS
THT narrow
6-1462039-0
IM42PGR
4.5VDC
Bistable
Standard
SMT gull wing
5-1462039-7
IM42PNS
THT narrow
7-1462039-8
IM43PGR
SMT gull wing
7-1462039-3
IM46PNS
12VDC
THT narrow
6-1462039-1




Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl