Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS90C032E-QML Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DS90C032E-QML
Description  DS90C032QML LVDS Quad CMOS Differential Line Receiver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90C032E-QML Datasheet(HTML) 6 Page - Texas Instruments

Back Button DS90C032E-QML Datasheet HTML 2Page - Texas Instruments DS90C032E-QML Datasheet HTML 3Page - Texas Instruments DS90C032E-QML Datasheet HTML 4Page - Texas Instruments DS90C032E-QML Datasheet HTML 5Page - Texas Instruments DS90C032E-QML Datasheet HTML 6Page - Texas Instruments DS90C032E-QML Datasheet HTML 7Page - Texas Instruments DS90C032E-QML Datasheet HTML 8Page - Texas Instruments DS90C032E-QML Datasheet HTML 9Page - Texas Instruments DS90C032E-QML Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
DS90C032QML
SNLS203D – MARCH 2006 – REVISED APRIL 2013
www.ti.com
DS90C032 Electrical Characteristics, AC Parameters
(1)
The following conditions apply, unless otherwise specified.
AC: VCC = 4.5V / 5.0V / 5.5V, CL = 20pF
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Units
groups
tPHLD
Differential Propagation Delay
VID = 200mV,
1.0
8.0
ns
9, 10, 11
High to Low
Input pulse = 1.1V to 1.3V,
VI = 1.2V (0V differential) to VO =
1/2 VCC
tPLHD
Differential Propagation Delay
VID = 200mV,
1.0
8.0
ns
9, 10, 11
Low to High
Input pulse = 1.1V to 1.3V,
VI = 1.2V (0V differential) to VO =
1/2 VCC
tSkD
Differential Skew |tPHLD - tPLHD|
CL = 20pF, VID = 200mV
3.0
ns
9, 10, 11
tSk1
Channel to Channel Skew
CL = 20pF, VID = 200mV
See(2)
3.0
ns
9, 10, 11
tSk2
Chip to Chip Skew
CL = 20pF, VID = 200mV
See(3)
7.0
ns
9, 10, 11
tPLZ
Disable Time Low to Z
Input pulse = 0V to 3.0V,
20
ns
9, 10, 11
VO = VOL+ 0.5V,
RL = 1KΩ to VCC, VI = 1.5V
tPHZ
Disable Time High to Z
Input pulse = 0V to 3.0V,
20
ns
9, 10, 11
VI = 1.5V, VO = VOH- 0.5V,
RL = 1KΩ to Gnd
tPZH
Enable Time Z to High
Input pulse = 0V to 3.0V,
20
ns
9, 10, 11
VI = 1.5V, VO = 50%,
RL = 1KΩ to Gnd
tPZL
Enable Time Z to Low
Input pulse = 0V to 3.0V,
20
ns
9, 10, 11
VI = 1.5V, VO = 50%,
RL = 1KΩ to VCC
(1)
Pre and post irradiation limits are identical to those listed under AC and DC electrical characteristics except as listed in the “Post
Radiation Limits” table. Radiation end point limits for the noted parameters are ensured only for the conditions, as specified.
(2)
Channel-to-Channel Skew is defined as the difference between the propagation delay of one channel and that of the others on the same
chip with an event on the inputs.
(3)
Chip-to-Chip Skew is defined as the difference between the minimum and maximum specified differential propagation delays.
DS90C032 Electrical Characteristics, AC/DC Post Radiation Limits
(1)
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Units
groups
ICC
No Load Supply Current
EN, EN* = VCC or Gnd,
20
mA
1
Inputs Open
EN, EN* = 2.4 or 0.5,
20
mA
1
Inputs Open
ICCZ
No Load Supply Current
EN = Gnd, EN* = VCC,
20
mA
1
Receivers Disabled
Inputs Open
(1)
Pre and post irradiation limits are identical to those listed under AC and DC electrical characteristics except as listed in the “Post
Radiation Limits” table. Radiation end point limits for the noted parameters are ensured only for the conditions, as specified.
6
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: DS90C032QML


Similar Part No. - DS90C032E-QML

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C032E-QML NSC-DS90C032E-QML Datasheet
231Kb / 12P
   LVDS Quad CMOS Differential Line Receiver
DS90C032E-QML NSC-DS90C032E-QML Datasheet
281Kb / 10P
   LVDS Quad CMOS Differential Line Receiver
More results

Similar Description - DS90C032E-QML

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90C032QML TI1-DS90C032QML Datasheet
325Kb / 18P
[Old version datasheet]   DS90C032QML LVDS Quad CMOS Differential Line Receiver
logo
National Semiconductor ...
MNDS90C032-X-RH NSC-MNDS90C032-X-RH Datasheet
281Kb / 10P
   LVDS Quad CMOS Differential Line Receiver
logo
Texas Instruments
DS90C032QML TI1-DS90C032QML_13 Datasheet
722Kb / 19P
[Old version datasheet]   LVDS Quad CMOS Differential Line Receiver
DS90C032B TI1-DS90C032B Datasheet
1Mb / 16P
[Old version datasheet]   LVDS Quad CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90C032 NSC-DS90C032_07 Datasheet
352Kb / 12P
   LVDS Quad CMOS Differential Line Receiver
DS90C032 NSC-DS90C032 Datasheet
231Kb / 12P
   LVDS Quad CMOS Differential Line Receiver
DS90C032B NSC-DS90C032B Datasheet
160Kb / 9P
   LVDS Quad CMOS Differential Line Receiver
DS90C032B NSC-DS90C032B_03 Datasheet
193Kb / 9P
   LVDS Quad CMOS Differential Line Receiver
DS90LV048A NSC-DS90LV048A_01 Datasheet
260Kb / 11P
   3V LVDS Quad CMOS Differential Line Receiver
logo
Texas Instruments
DS90C032TMX TI-DS90C032TMX Datasheet
863Kb / 18P
[Old version datasheet]   DS90C032 LVDS Quad CMOS Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com