Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7809P Datasheet(PDF) 4 Page - Texas Instruments

Part # ADS7809P
Description  16-Bit 10關s Serial CMOS Sampling ANALOG-TO-DIGITAL CONVERTER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7809P Datasheet(HTML) 4 Page - Texas Instruments

  ADS7809P Datasheet HTML 1Page - Texas Instruments ADS7809P Datasheet HTML 2Page - Texas Instruments ADS7809P Datasheet HTML 3Page - Texas Instruments ADS7809P Datasheet HTML 4Page - Texas Instruments ADS7809P Datasheet HTML 5Page - Texas Instruments ADS7809P Datasheet HTML 6Page - Texas Instruments ADS7809P Datasheet HTML 7Page - Texas Instruments ADS7809P Datasheet HTML 8Page - Texas Instruments ADS7809P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
ADS7809
4
SBAS017C
www.ti.com
ELECTRICAL CHARACTERISTICS (Cont.)
At TA = –40°C to +85°C, fS = 100kHz, VDIG = VANA = +5V, using internal reference and fixed resistors as shown in Figure 4, unless otherwise specified.
ADS7809U
ADS7809UB
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
DIGITAL OUTPUTS
Data Format
Serial 16 bits
Data Co
Binary Two’s Complement or Straight Binary
Pipeline Delay
Conversion results only available after completed conversion.
Data Clock
Selectable for internal or external data clock
Internal
EXT/INT LOW
2.3
MHz
(Output Only When
Transmitting Data)
External
EXT/INT HIGH
0.1
10
✻✻
MHz
(Can Run Continually)
VOL
ISINK = 1.6mA
+0.4
V
VOH
ISOURCE = 500µA+4
V
Leakage Current
High-Z State,
±5
µA
VOUT = 0V to VDIG
Output Capacitance
High-Z State
15
pF
POWER SUPPLIES
Specified Performance
VDIG
Must be
≤ V
ANA
+4.75
+5
+5.25
✻✻✻
V
VANA
+4.75
+5
+5.25
✻✻✻
V
IDIG
0.3
mA
IANA
16
mA
Power Dissipation: PWRD LOW
VANA = VDIG = 5V, fS = 100kHz
100
mW
PWRD HIGH
50
µW
TEMPERATURE RANGE
Specified Performance
–40
+85
✻✻
°C
Derated Performance
–55
+125
✻✻
°C
Storage
–65
+150
✻✻
°C
Thermal Resistance (
θ
JA)
SO
75
°C/W
✻ Same as specification for ADS7809U.
NOTES: (1) LSB means Least Significant Bit. For the
±10V input range, one LSB is 305µV.
(2) Typical rms noise at worst case transitions and temperatures.
(3) As measured with fixed resistors shown in Figure 4. Adjustable to zero with external potentiometer.
(4) For bipolar input ranges, full-scale error is the worst case of –Full Scale or +Full Scale untrimmed deviation from ideal first and last code transitions,
divided by the transition voltage (not divided by the full-scale range) and includes the effect of offset error. For unipolar input ranges, full-scale error
is the deviation of the last code transition divided by the transition voltage. It also includes the effect of offset error.
(5) All specifications in dB are referred to a full-scale
±10V input.
(6) Full-Power Bandwidth defined as Full-Scale input frequency at which Signal-to-(Noise + Distortion) degrades to 60dB.
(7) Recovers to specified performance after 2 • FS input overvoltage.
(8) The minimum VIH level for the DATACLK signal is 3V.


Similar Part No. - ADS7809P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7809P BURR-BROWN-ADS7809P Datasheet
248Kb / 10P
   16-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS7809P TI1-ADS7809P Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7809PB BURR-BROWN-ADS7809PB Datasheet
248Kb / 10P
   16-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS7809PB TI1-ADS7809PB Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7809P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8519 TI1-ADS8519_14 Datasheet
652Kb / 29P
[Old version datasheet]   16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8519 TI-ADS8519_08 Datasheet
614Kb / 27P
[Old version datasheet]   16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7809 BURR-BROWN-ADS7809 Datasheet
248Kb / 10P
   16-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS8519 TI-ADS8519 Datasheet
390Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509-HT TI1-ADS8509-HT Datasheet
568Kb / 29P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509 TI1-ADS8509_14 Datasheet
1Mb / 32P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8509 BURR-BROWN-ADS8509 Datasheet
693Kb / 26P
   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS7811 BURR-BROWN-ADS7811 Datasheet
186Kb / 9P
   16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7815 BURR-BROWN-ADS7815 Datasheet
140Kb / 8P
   16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7821 BURR-BROWN-ADS7821 Datasheet
280Kb / 10P
   16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com