Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82575EB Datasheet(PDF) 10 Page - Intel Corporation

Part # 82575EB
Description  Intel짰 82575EB Gigabit Ethernet Controller Datasheet
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82575EB Datasheet(HTML) 10 Page - Intel Corporation

Back Button 82575EB Datasheet HTML 6Page - Intel Corporation 82575EB Datasheet HTML 7Page - Intel Corporation 82575EB Datasheet HTML 8Page - Intel Corporation 82575EB Datasheet HTML 9Page - Intel Corporation 82575EB Datasheet HTML 10Page - Intel Corporation 82575EB Datasheet HTML 11Page - Intel Corporation 82575EB Datasheet HTML 12Page - Intel Corporation 82575EB Datasheet HTML 13Page - Intel Corporation 82575EB Datasheet HTML 14Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 62 page
background image
Intel® 82575EB Gigabit Ethernet Controller — Additional Device Features
Intel® 82575EB Gigabit Ethernet Controller
317679-004
Datasheet
Revision: 2.11
10
January 2011
2.6
Additional Device Features
2.7
Technology Features
* For information about operating the 82575EB outside of this range, please refer to the 82575EB Thermal Management Application
Note.
Features
Benefits
Two complete Gigabit Ethernet connections in a single device
• Inherent dual port teaming ability
• High availability using one port for failover
• Higher throughput than single Gigabit Ethernet port
• Lower latency due to one electrical load on the bus
• Saves critical board space
• Reduced multi-port Gigabit Ethernet costs
Integrated SERDES
• Supports backplane and fiber applications as well as
copper-based Gigabit via the SGMII interface
Four activity and link indication outputs (per port) that directly
drive LEDs
• Link and activity indications (10, 100, and 1000 Mbps) on
each port
Programmable LED functionality
• Software definable function (speed, link, and activity) and
blinking allowing flexible LED implementations
Internal PLL for clock generation can use a 25 MHz crystal
• Lower component count and system cost
JTAG (IEEE 1149.1) Test Access Port built in silicon
• Simplified testing using boundary scan
• Supports the IDCODE instruction
Four software definable pins per port
• Additional flexibility for LEDs or other low speed
I/O devices
Provides loopback capabilities
• Validates silicon integrity
Four-wire SPI EEPROM interface
• Standard
Features
Benefits
576-pin Flip-Chip Ball Grid Array (FC-BGA) package
• 25 mm X 25 mm
Operating temperature:
1000BASE-T, 0
°C to 55 °C*
1000BASE-SX/LX (or SERDES backplane), 0
°C to 70 °C
Storage temperature 65
°C to 140 °C
• Simple thermal design
Typical targeted power dissipation:
2.43 W @ D0 1000 Mbps
0.79 W @ D3cold 100 Mbps (wakeup enabled)
0.29 W @ D3cold (wakeup disabled)
• Conditions: FF materials, nominal voltage,
115
°C
• Minimizes impact of incorporating Gigabit
instead of Fast Ethernet.
Maxmum Payload Size: 128 and 256
Max number of transactions (TLP) supported on PCIe: Four TX DMA requests
+ 1 TX descriptor + 1 RX descriptor.


Similar Part No. - 82575EB

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
82575 INTEL-82575 Datasheet
544Kb / 69P
   Gigabit Ethernet Controller
More results

Similar Description - 82575EB

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
82598EB INTEL-82598EB Datasheet
5Mb / 596P
   Intel짰 82598EB 10 Gigabit Ethernet Controller Datasheet
82545GM INTEL-82545GM Datasheet
74Kb / 2P
   Intel짰 82545GM Gigabit Ethernet Controller
82541PI INTEL-82541PI Datasheet
674Kb / 2P
   Intel짰 82541PI Gigabit Ethernet Controller
82576EB INTEL-82576EB Datasheet
836Kb / 34P
   Intel짰 82576EB Gigabit Ethernet Controller Specification Update
logo
Advantech Co., Ltd.
MIOE-220 ADVANTECH-MIOE-220_13 Datasheet
192Kb / 1P
   3 x Intel짰 Gigabit Ethernet
logo
Intel Corporation
82545EM INTEL-82545EM Datasheet
774Kb / 28P
   Gigabit Ethernet Controller
June 6, 2006
logo
List of Unclassifed Man...
TC9021 ETC-TC9021 Datasheet
20Kb / 2P
   Gigabit Ethernet Controller
logo
Intel Corporation
82544EI INTEL-82544EI Datasheet
368Kb / 52P
   Gigabit Ethernet Controller
317697-001 INTEL-317697-001 Datasheet
544Kb / 69P
   Gigabit Ethernet Controller
82571EB INTEL-82571EB Datasheet
334Kb / 4P
   Gigabit Ethernet Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com