Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMVH350ARA331MKE0S Datasheet(PDF) 2 Page - United Chemi-Con, Inc.

Part # EMVH350ARA331MKE0S
Description  High heat resistance, 125C
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EMVH350ARA331MKE0S Datasheet(HTML) 2 Page - United Chemi-Con, Inc.

  EMVH350ARA331MKE0S Datasheet HTML 1Page - United Chemi-Con, Inc. EMVH350ARA331MKE0S Datasheet HTML 2Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
High heat resistance, 125C
CAT. No. E1001K
?PART NUMBERING SYSTEM
?STANDARD RATINGS
is not solvent resistant (63 to 450Vdc).
Supplement code
Size code
Capacitance tolerance code
Capacitance code (ex. 4.7MF:4R7,10MF:100)
Taping·Tray code
Terminal code (A, G)
Voltage code (ex. 10V:100,50V:500,100V:101)
Series code
Category
E M V H A A A A A A A A A
A A A N
M
13
4
26
7
8
9
10
512
13
11
16
17
18
15
14
WV
(Vdc)
Cap
(mF)
Size
code
ESR
(omax/
100kHz)
Rated ripple
current
(mArms/125c)
Part No.
20c -40c 100kHz 120Hz
10
100
F80
0.90
14.0
110
-
EMVH100ADA101MF80G
100
H63
0.90
14.0
110
-
EMVH100ADA101MH63G
220
F80
0.90
14.0
110
-
EMVH100ADA221MF80G
220
H63
0.90
14.0
110
-
EMVH100ADA221MH63G
220
HA0
0.40
6.0
220
-
EMVH100ADA221MHA0G
330
HA0
0.40
6.0
220
-
EMVH100ADA331MHA0G
330
JA0
0.30
4.5
296
-
EMVH100ADA331MJA0G
470
JA0
0.30
4.5
296
-
EMVH100ADA471MJA0G
1,000
KE0
0.14
2.1
750
-
EMVH100ARA102MKE0S
2,200
LH0
0.10
1.5
1,000
-
EMVH100SDA222MLH0S
2,200
MH0
0.10
1.5
1,200
-
EMVH100SDA222MMH0S
3,300
MH0
0.10
1.5
1,200
-
EMVH100SDA332MMH0S
4,700
MN0
0.058
0.87
1,550
-
EMVH100SDA472MMN0S
16
47
F60
1.6
24.0
69
-
EMVH160ADA470MF60G
100
HA0
0.40
6.0
220
-
EMVH160ADA101MHA0G
220
HA0
0.40
6.0
220
-
EMVH160ADA221MHA0G
220
JA0
0.30
4.5
296
-
EMVH160ADA221MJA0G
330
JA0
0.30
4.5
296
-
EMVH160ADA331MJA0G
470
KE0
0.14
2.1
750
-
EMVH160ARA471MKE0S
680
KE0
0.14
2.1
750
-
EMVH160ARA681MKE0S
680
LH0
0.10
1.5
1,000
-
EMVH160SDA681MLH0S
1,000
MH0
0.10
1.5
1,200
-
EMVH160SDA102MMH0S
2,200
MH0
0.10
1.5
1,200
-
EMVH160SDA222MMH0S
25
33
F60
1.6
24.0
69
-
EMVH250ADA330MF60G
47
F80
0.90
14.0
110
-
EMVH250ADA470MF80G
47
H63
0.90
14.0
110
-
EMVH250ADA470MH63G
100
F80
0.90
14.0
110
-
EMVH250ADA101MF80G
100
H63
0.90
14.0
110
-
EMVH250ADA101MH63G
100
HA0
0.40
6.0
220
-
EMVH250ADA101MHA0G
220
HA0
0.40
6.0
220
-
EMVH250ADA221MHA0G
220
JA0
0.30
4.5
296
-
EMVH250ADA221MJA0G
330
JA0
0.30
4.5
296
-
EMVH250ADA331MJA0G
330
KE0
0.14
2.1
750
-
EMVH250ARA331MKE0S
470
KE0
0.14
2.1
750
-
EMVH250ARA471MKE0S
470
LH0
0.10
1.5
1,000
-
EMVH250SDA471MLH0S
680
LH0
0.10
1.5
1,000
-
EMVH250SDA681MLH0S
680
MH0
0.10
1.5
1,200
-
EMVH250SDA681MMH0S
1,000
MN0
0.058
0.87
1,550
-
EMVH250SDA102MMN0S
35
10
F60
1.6
24.0
69
-
EMVH350ADA100MF60G
22
F60
1.6
24.0
69
-
EMVH350ADA220MF60G
33
F80
0.90
14.0
110
-
EMVH350ADA330MF80G
33
H63
0.90
14.0
110
-
EMVH350ADA330MH63G
47
F80
0.90
14.0
110
-
EMVH350ADA470MF80G
47
H63
0.90
14.0
110
-
EMVH350ADA470MH63G
47
HA0
0.40
6.0
220
-
EMVH350ADA470MHA0G
100
HA0
0.40
6.0
220
-
EMVH350ADA101MHA0G
100
JA0
0.30
4.5
296
-
EMVH350ADA101MJA0G
220
JA0
0.30
4.5
296
-
EMVH350ADA221MJA0G
330
KE0
0.14
2.1
750
-
EMVH350ARA331MKE0S
330
LH0
0.10
1.5
1,000
-
EMVH350SDA331MLH0S
470
KG5
0.11
1.5
900
-
EMVH350ARA471MKG5S
470
LH0
0.10
1.5
1,000
-
EMVH350SDA471MLH0S
680
MH0
0.10
1.5
1,200
-
EMVH350SDA681MMH0S
50
10
F60
2.8
42.0
51
-
EMVH500ADA100MF60G
10
H63
1.6
30.0
83
-
EMVH500ADA100MH63G
22
F80
2.0
30.0
83
-
EMVH500ADA220MF80G
22
H63
1.6
30.0
83
-
EMVH500ADA220MH63G
WV
(Vdc)
Cap
(mF)
Size
code
ESR
(omax/
100kHz)
Rated ripple
current
(mArms/125c)
Part No.
20c -40c 100kHz 120Hz
50
33
F80
2.0
30.0
83
-
EMVH500ADA330MF80G
33
H63
1.6
30.0
83
-
EMVH500ADA330MH63G
33
HA0
0.70
11.0
160
-
EMVH500ADA330MHA0G
47
HA0
0.70
11.0
160
-
EMVH500ADA470MHA0G
47
JA0
0.50
7.5
247
-
EMVH500ADA470MJA0G
100
JA0
0.50
7.5
247
-
EMVH500ADA101MJA0G
100
KE0
0.23
3.5
550
-
EMVH500ARA101MKE0S
220
KE0
0.23
3.5
550
-
EMVH500ARA221MKE0S
220
LH0
0.15
2.3
850
-
EMVH500SDA221MLH0S
330
KG5
0.18
2.7
700
-
EMVH500ARA331MKG5S
330
LH0
0.15
2.3
850
-
EMVH500SDA331MLH0S
470
MH0
0.15
2.3
920
-
EMVH500SDA471MMH0S
63
10
F80
2.0
100
60
-
EMVH630ADA100MF80G
10
H63
2.0
110
60
-
EMVH630ADA100MH63G
22
HA0
0.70
35.0
100
-
EMVH630ADA220MHA0G
33
HA0
0.70
35.0
100
-
EMVH630ADA330MHA0G
33
JA0
0.50
25.0
170
-
EMVH630ADA330MJA0G
47
HA0
0.70
35.0
100
-
EMVH630ADA470MHA0G
47
JA0
0.50
25.0
170
-
EMVH630ADA470MJA0G
100
KE0
0.25
12.5
500
-
EMVH630ARA101MKE0S
220
KG5
0.20
10.0
600
-
EMVH630ARA221MKG5S
330
LH0
0.18
9.0
820
-
EMVH630SDA331MLH0S
470
LN0
0.11
5.5
1,100
-
EMVH630SDA471MLN0S
80
10
HA0
0.75
50.0
70
-
EMVH800ADA100MHA0G
22
HA0
0.75
50.0
70
-
EMVH800ADA220MHA0G
22
JA0
0.55
35.0
115
-
EMVH800ADA220MJA0G
33
HA0
0.75
50.0
70
-
EMVH800ADA330MHA0G
33
JA0
0.55
35.0
115
-
EMVH800ADA330MJA0G
47
JA0
0.55
35.0
115
-
EMVH800ADA470MJA0G
100
10
HA0
0.75
50.0
70
-
EMVH101ADA100MHA0G
22
HA0
0.75
50.0
70
-
EMVH101ADA220MHA0G
22
JA0
0.55
35.0
115
-
EMVH101ADA220MJA0G
33
JA0
0.55
35.0
115
-
EMVH101ADA330MJA0G
47
KE0
0.33
16.5
450
-
EMVH101ARA470MKE0S
68
KG5
0.26
13.0
550
-
EMVH101ARA680MKG5S
100
LH0
0.24
12.0
650
-
EMVH101SDA101MLH0S
220
MN0
0.16
8.0
950
-
EMVH101SDA221MMN0S
160
10
KE0
--
-
100
EMVH161ARA100MKE0S
22
LH0
--
-
180
EMVH161SDA220MLH0S
33
MH0
--
-
245
EMVH161SDA330MMH0S
68
MN0
--
-
380
EMVH161SDA680MMN0S
200
10
KE0
--
-
100
EMVH201ARA100MKE0S
22
LH0
--
-
180
EMVH201SDA220MLH0S
33
LN0
--
-
250
EMVH201SDA330MLN0S
33
MH0
--
-
245
EMVH201SDA330MMH0S
47
MN0
--
-
315
EMVH201SDA470MMN0S
250
10
KG5
--
-
110
EMVH251ARA100MKG5S
22
LN0
--
-
200
EMVH251SDA220MLN0S
22
MH0
--
-
205
EMVH251SDA220MMH0S
33
MN0
--
-
260
EMVH251SDA330MMN0S
400
4.7
KE0
--
-
70
EMVH401ARA4R7MKE0S
6.8
LH0
--
-
100
EMVH401SDA6R8MLH0S
10
LN0
--
-
140
EMVH401SDA100MLN0S
10
MH0
--
-
135
EMVH401SDA100MMH0S
450
3.3
KG5
--
-
65
EMVH451ARA3R3MKG5S
4.7
LH0
--
-
85
EMVH451SDA4R7MLH0S
10
MN0
--
-
145
EMVH451SDA100MMN0S
Please refer to "Product code guide (surface mount type)"
S : Enter the appropriate terminal code.
(2/2)


Similar Part No. - EMVH350ARA331MKE0S

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
EMVH350ARA331MKE0S NICHICON-EMVH350ARA331MKE0S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - EMVH350ARA331MKE0S

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EMHB800ARA CHEMI-CON-EMHB800ARA Datasheet
400Kb / 2P
   High heat resistance, 125?
EMHJ100ADA CHEMI-CON-EMHJ100ADA Datasheet
67Kb / 1P
   High heat resistance, 125?
EMHB101ARA CHEMI-CON-EMHB101ARA Datasheet
400Kb / 2P
   High heat resistance, 125?
EMHB630ARA CHEMI-CON-EMHB630ARA Datasheet
400Kb / 2P
   High heat resistance, 125?
EMHJ250ADA CHEMI-CON-EMHJ250ADA Datasheet
67Kb / 1P
   High heat resistance, 125?
EMHJ160ADA CHEMI-CON-EMHJ160ADA Datasheet
67Kb / 1P
   High heat resistance, 125?
EMHJ350ADA CHEMI-CON-EMHJ350ADA Datasheet
67Kb / 1P
   High heat resistance, 125?
EMHB350ADA CHEMI-CON-EMHB350ADA Datasheet
400Kb / 2P
   High heat resistance, 125?
EMHB500ARA CHEMI-CON-EMHB500ARA Datasheet
400Kb / 2P
   High heat resistance, 125?
logo
Bourns Electronic Solut...
CM453232-R10ML BOURNS-CM453232-R10ML Datasheet
305Kb / 7P
   High resistance to heat and humidity
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com