Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMVH500ADA100MF60G Datasheet(PDF) 1 Page - United Chemi-Con, Inc.

Part # EMVH500ADA100MF60G
Description  High heat resistance, 125C
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EMVH500ADA100MF60G Datasheet(HTML) 1 Page - United Chemi-Con, Inc.

  EMVH500ADA100MF60G Datasheet HTML 1Page - United Chemi-Con, Inc. EMVH500ADA100MF60G Datasheet HTML 2Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
High heat resistance, 125C
CAT. No. E1001K
@Lower ESR, Higher ripple current
@Endurance : 1,000 to 5,000 hours at 125C
@Suitable to fit for automotive equipment
@Solvent resistant type (10 to 50V)
@RoHS Compliant
?SPECIFICATIONS
Category
Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current
Dissipation Factor
(tane)
Low Temperature
Characteristics
(Max. Impedance Ratio)
Endurance
Shelf Life
Items
-40 to +125C
10 to 450Vdc
P20% (M)
Rated voltage (Vdc)
F60 to JA0
I=0.01CV or 3MA, whichever is greater.
KE0 to MN0
I=0.03CV or 4MA, whichever is greater.
Where, I : Max. leakage current (MA), C : Nominal capacitance (MF), V : Rated voltage (V)
Rated voltage (Vdc)
tanE (Max.)
When nominal capacitance exceeds 1,000MF, add 0.02 to the value above for each 1,000MF increase.
Rated voltage (Vdc)
Z(-25C)/Z(+20C)
Z(-40C)/Z(+20C)
Z(-25C)/Z(+20C)
Z(-40C)/Z(+20C)
The following specifications shall be satisfied when the capacitors are restored to 20C after the rated voltage is applied for the specified
time at 125C.
F60 to H63 (10 to 100Vdc)
: 1,000hours
Time
HA0 to JA0 (10 to 100Vdc)
: 2,000hours
KE0 to MN0 (10 to 100Vdc)
: 5,000hours
KE0 to MN0 (160 to 450Vdc) : 2,000hours
Capacitance change
[P30% of the initial value
D.F. (tanE)
[300% of the initial specified value
Leakage current
[The initial specified value
The following specifications shall be satisfied when the capacitors are restored to 20C after exposing them for 1,000 hours (500 hours
for 400 to 450Vdc) at 125C without voltage applied. Before the measurement, the capacitor shall be preconditioned by applying voltage
according to Item 4.1 of JIS C 5101-4.
Rated voltage(Vdc)
10 to 50Vdc
63 to 450Vdc
Capacitance change
[P30% of the initial value
[P30% of the initial value
D.F. (tanE)
[300% of the initial specified value
[300% of the initial specified value
Leakage current
[The initial specified value
[500% of the initial specified value
Characteristics
10V
0.24
0.22
10V
3
6
4
8
16V
0.20
0.18
16V
2
4
3
6
25V
0.16
0.16
25V
2
4
2
4
35V
0.14
0.14
35V
2
3
2
3
50V
0.14
0.12
50V
2
3
2
3
63V
0.12
0.14
63V
2
3
2
3
80V
0.12
-
80V
2
3
-
-
100V
0.10
0.10
100V
2
3
2
3
160 to 250V
-
0.20
160 to 250V
-
-
3
6
400 & 450V
-
0.24
400 & 450V
-
-
6
10
(at 20C, 120Hz)
(at 20C after 2 minutes)
(at 20C, 120Hz)
(at 120Hz)
F60 to JA0
KE0 to MN0
F60 to JA0
KE0 to MN0
160 to 450Vdc
I=0.04CV+100
10 to 100Vdc
125C
MVH
MVE
?DIMENSIONS [mm]
LP0.5 (Note)
0.3max.
AP0.2
W
Note : LP0.3 for F60 and F80
LP0.5
0.3max.
AP0.2
W
: Dummy terminals
?MARKING
74H
47
35V
EX) 35V47MF
MVH
0V
1000
16V
EX) 16V1,000MF
KE0 to MN0
F60 to JA0
Size code
F60
F80
H63
HA0
JA0
KE0
KG5
LH0
LN0
MH0
MN0
D
6.3
6.3
8
8
10
12.5
12.5
16
16
18
18
L
5.7
7.7
6.3
10.0
10.0
13.5
16.0
16.5
21.5
16.5
21.5
A
6.6
6.6
8.3
8.3
10.3
13.0
13.0
17.0
17.0
19.0
19.0
B
6.6
6.6
8.3
8.3
10.3
13.0
13.0
17.0
17.0
19.0
19.0
C
7.2
7.2
9.0
9.0
11.0
13.7
13.7
18.0
18.0
20.0
20.0
W
0.5 to 0.8
0.5 to 0.8
0.5 to 0.8
0.7 to 1.1
0.7 to 1.1
1.0 to 1.3
1.0 to 1.3
1.0 to 1.3
1.0 to 1.3
1.0 to 1.3
1.0 to 1.3
P
1.9
1.9
2.3
3.1
4.5
4.2
4.2
6.5
6.5
6.5
6.5
@Terminal Code : A
@Size code : F60 to MN0
@Terminal Code : G
@Size code : LH0 to MN0
(1/2)


Similar Part No. - EMVH500ADA100MF60G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EMVH500ADA100MF60G ETC1-EMVH500ADA100MF60G Datasheet
79Kb / 2P
   EMVH500ADA330MF80G
logo
United Chemi-Con, Inc.
EMVH500ADA100MF60G CHEMI-CON-EMVH500ADA100MF60G Datasheet
56Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - EMVH500ADA100MF60G

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EMHB800ARA CHEMI-CON-EMHB800ARA Datasheet
400Kb / 2P
   High heat resistance, 125?
EMHJ100ADA CHEMI-CON-EMHJ100ADA Datasheet
67Kb / 1P
   High heat resistance, 125?
EMHB101ARA CHEMI-CON-EMHB101ARA Datasheet
400Kb / 2P
   High heat resistance, 125?
EMHB630ARA CHEMI-CON-EMHB630ARA Datasheet
400Kb / 2P
   High heat resistance, 125?
EMHJ250ADA CHEMI-CON-EMHJ250ADA Datasheet
67Kb / 1P
   High heat resistance, 125?
EMHJ160ADA CHEMI-CON-EMHJ160ADA Datasheet
67Kb / 1P
   High heat resistance, 125?
EMHJ350ADA CHEMI-CON-EMHJ350ADA Datasheet
67Kb / 1P
   High heat resistance, 125?
EMHB350ADA CHEMI-CON-EMHB350ADA Datasheet
400Kb / 2P
   High heat resistance, 125?
EMHB500ARA CHEMI-CON-EMHB500ARA Datasheet
400Kb / 2P
   High heat resistance, 125?
logo
Bourns Electronic Solut...
CM453232-R10ML BOURNS-CM453232-R10ML Datasheet
305Kb / 7P
   High resistance to heat and humidity
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com