Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1100RTK Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CC1100RTK
Description  Low-Power Sub- 1 GHz RF Transceiver
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1100RTK Datasheet(HTML) 3 Page - Texas Instruments

  CC1100RTK Datasheet HTML 1Page - Texas Instruments CC1100RTK Datasheet HTML 2Page - Texas Instruments CC1100RTK Datasheet HTML 3Page - Texas Instruments CC1100RTK Datasheet HTML 4Page - Texas Instruments CC1100RTK Datasheet HTML 5Page - Texas Instruments CC1100RTK Datasheet HTML 6Page - Texas Instruments CC1100RTK Datasheet HTML 7Page - Texas Instruments CC1100RTK Datasheet HTML 8Page - Texas Instruments CC1100RTK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 100 page
background image
CC1100
SWRS038D
Page 3 of 92
Abbreviations
Abbreviations used in this data sheet are described below.
ACP
Adjacent Channel Power
MSK
Minimum Shift Keying
ADC
Analog to Digital Converter
N/A
Not Applicable
AFC
Automatic Frequency Compensation
NRZ
Non Return to Zero (Coding)
AGC
Automatic Gain Control
OOK
On-Off Keying
AMR
Automatic Meter Reading
PA
Power Amplifier
ASK
Amplitude Shift Keying
PCB
Printed Circuit Board
BER
Bit Error Rate
PD
Power Down
BT
Bandwidth-Time product
PER
Packet Error Rate
CCA
Clear Channel Assessment
PLL
Phase Locked Loop
CFR
Code of Federal Regulations
POR
Power-On Reset
CRC
Cyclic Redundancy Check
PQI
Preamble Quality Indicator
CS
Carrier Sense
PQT
Preamble Quality Threshold
CW
Continuous Wave (Unmodulated Carrier)
PTAT
Proportional To Absolute Temperature
DC
Direct Current
QLP
Quad Leadless Package
DVGA
Digital Variable Gain Amplifier
QPSK
Quadrature Phase Shift Keying
ESR
Equivalent Series Resistance
RC
Resistor-Capacitor
FCC
Federal Communications Commission
RF
Radio Frequency
FEC
Forward Error Correction
RSSI
Received Signal Strength Indicator
FIFO
First-In-First-Out
RX
Receive, Receive Mode
FHSS
Frequency Hopping Spread Spectrum
SAW
Surface Aqustic Wave
2-FSK
Binary Frequency Shift Keying
SMD
Surface Mount Device
GFSK
Gaussian shaped Frequency Shift Keying
SNR
Signal to Noise Ratio
IF
Intermediate Frequency
SPI
Serial Peripheral Interface
I/Q
In-Phase/Quadrature
SRD
Short Range Devices
ISM
Industrial, Scientific, Medical
TBD
To Be Defined
LC
Inductor-Capacitor
T/R
Transmit/Receive
LNA
Low Noise Amplifier
TX
Transmit, Transmit Mode
LO
Local Oscillator
UHF
Ultra High frequency
LSB
Least Significant Bit
VCO
Voltage Controlled Oscillator
LQI
Link Quality Indicator
WOR
Wake on Radio, Low power polling
MCU
Microcontroller Unit
XOSC
Crystal Oscillator
MSB
Most Significant Bit
XTAL
Crystal


Similar Part No. - CC1100RTK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1100RTK TI1-CC1100RTK Datasheet
1Mb / 100P
[Old version datasheet]   Low-Power Sub- 1 GHz RF Transceiver
CC1100RTKG3 TI1-CC1100RTKG3 Datasheet
1Mb / 100P
[Old version datasheet]   Low-Power Sub- 1 GHz RF Transceiver
CC1100RTKR TI1-CC1100RTKR Datasheet
1Mb / 100P
[Old version datasheet]   Low-Power Sub- 1 GHz RF Transceiver
More results

Similar Description - CC1100RTK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1100 TI1-CC1100_14 Datasheet
1Mb / 100P
[Old version datasheet]   Low-Power Sub- 1 GHz RF Transceiver
CC1101 TI1-CC1101_15 Datasheet
1Mb / 105P
[Old version datasheet]   Low-Power Sub-1 GHz RF Transceiver
CC1101RGPR TI-CC1101RGPR Datasheet
2Mb / 105P
[Old version datasheet]   Low-Power Sub-1 GHz RF Transceiver
CC1100E TI1-CC1100E_14 Datasheet
1Mb / 95P
[Old version datasheet]   Low-Power Sub-GHz RF Transceiver
CC1100ERGPR TI-CC1100ERGPR Datasheet
2Mb / 97P
[Old version datasheet]   Low-Power Sub-GHz RF Transceiver
CC1100E TI-CC1100E_13 Datasheet
2Mb / 97P
[Old version datasheet]   Low-Power Sub-GHz RF Transceiver
logo
Semtech Corporation
SX1268 SEMTECH-SX1268 Datasheet
2Mb / 105P
   Long Range, Low Power, sub-GHz RF Transceiver
logo
Texas Instruments
CC1150 TI1-CC1150_16 Datasheet
1Mb / 67P
[Old version datasheet]   Low Power Sub-1 GHz RF Transmitter
CC1150 TI-CC1150_13 Datasheet
1Mb / 67P
[Old version datasheet]   Low Power Sub-1 GHz RF Transmitter
CC1150 TI-CC1150_10 Datasheet
1Mb / 66P
[Old version datasheet]   Low Power Sub-1 GHz RF Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com