Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC3482IRKDT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3482IRKDT
Description  Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC3482IRKDT Datasheet(HTML) 8 Page - Texas Instruments

Back Button DAC3482IRKDT Datasheet HTML 4Page - Texas Instruments DAC3482IRKDT Datasheet HTML 5Page - Texas Instruments DAC3482IRKDT Datasheet HTML 6Page - Texas Instruments DAC3482IRKDT Datasheet HTML 7Page - Texas Instruments DAC3482IRKDT Datasheet HTML 8Page - Texas Instruments DAC3482IRKDT Datasheet HTML 9Page - Texas Instruments DAC3482IRKDT Datasheet HTML 10Page - Texas Instruments DAC3482IRKDT Datasheet HTML 11Page - Texas Instruments DAC3482IRKDT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 87 page
background image
DAC3482
SLAS748D – MARCH 2011 – REVISED AUGUST 2012
www.ti.com
PIN FUNCTIONS (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
A10, A13, A14,
B10, B11, B12,
B13, B14, C5,
C6, C7, C8,
C9, C10, C13,
C14, D8, D13,
D14, E8, E12,
E13, F6, F7,
F8, F9, F12,
F13, G6, G7,
G8, G9, G13,
GND
G14, H6, H7,
I
These pins are ground for all supplies.
H8, H9, H13,
H14, J6, J7,
J8, J9, J12,
J13, K8, K13,
L8, L13, L14,
M5, M6, M7,
M8, M9, M10,
M11, M12,
M13, M14,
N13, N14,
P13, P14
IOUTIP
F14
O
I-Channel DAC current output.
IOUTIN
E14
O
I-Channel DAC complementary current output.
IOUTQP
J14
O
Q-Channel DAC current output.
IOUTQN
K14
O
Q-Channel DAC complementary current output.
D5, D6, G5,
IOVDD
I
Supply voltage for all digital I/O. (3.3 V)
H5, L5, L6
PLL loop filter connection. If not using the clock multiplying PLL, the LPF pin can be left
LPF
D12
I
unconnected.
LVPECL output strobe positive input. This positive/negative pair is captured with the rising edge of
OSTRP
A9
I
DACCLKP/N. It is used for multiple DAC synchronization. If unused it can be left unconnected.
OSTRN
B9
I
LVPECL output strobe negative input. (See the OSTRP description)
Optional LVDS positive input parity bit. The PARITYP/N LVDS pair has an internal 100
PARITYP
N5
I
termination resistor. If unused it can be left unconnected.
PARITYN
P5
I
Optional LVDS negative input parity bit.
PLLAVDD
C11, D11
I
PLL analog supply voltage. (3.3 V)
SCLK
P9
I
Serial interface clock. Internal pull-down.
SDENB
P10
I
Active low serial data enable, always an input to the DAC3484. Internal pull-up.
SDIO
P11
I/O
Serial interface data. Bi-directional in 3-pin mode (default) and 4-pin mode. Internal pull-down.
Uni-directional serial interface data in 4-pin mode. The SDO pin is three-stated in 3-pin interface
SDO
P12
O
mode (default).
SLEEP
B8
I
Active high asynchronous hardware power-down input. Internal pull-down.
Optional LVDS SYNC positive input. The SYNCP/N LVDS pair has an internal 100
Ω termination
SYNCP
A5
I
resistor. If unused it can be left unconnected.
SYNCN
B5
I
LVDS SYNC negative input.
Active low input for chip RESET, which resets all the programming registers to their default state.
RESETB
N10
I
Internal pull-up.
Transmit enable active high input. Internal pull-down.
To enable analog output data transmission, set sif_txenable in register config3 to “1” or pull CMOS
TXENABLE
N9
I
TXENABLE pin to high.
To disable analog output, set sif_txenable to “0” and pull CMOS TXENABLE pin to low. The DAC
output is forced to midscale.
TESTMODE
A8
O
This pin is used for factory testing. Internal pull-down. Leave unconnected for normal operation.
Digital supply voltage. This supply pin is also used for factory fuse programming. Connect to
VFUSE
D7
I
DACVDD for normal operation.
8
Copyright © 2011–2012, Texas Instruments Incorporated


Similar Part No. - DAC3482IRKDT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC3482IRKDT TI1-DAC3482IRKDT Datasheet
1Mb / 79P
[Old version datasheet]   Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC3482IRKDT TI1-DAC3482IRKDT Datasheet
2Mb / 106P
[Old version datasheet]   Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
More results

Similar Description - DAC3482IRKDT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC3482 TI1-DAC3482_15 Datasheet
2Mb / 106P
[Old version datasheet]   Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482 TI1-DAC3482 Datasheet
1Mb / 79P
[Old version datasheet]   Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC3482 TI1-DAC3482_14 Datasheet
1Mb / 92P
[Old version datasheet]   Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482 TI-DAC3482_15 Datasheet
2Mb / 106P
[Old version datasheet]   DAC3482, Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84_1109 TI1-DAC34H84_1109 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484 Datasheet
1Mb / 82P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84_14 Datasheet
1Mb / 81P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484_14 Datasheet
1Mb / 90P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC34H84 TI1-DAC34H84_15 Datasheet
1Mb / 96P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com