Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC3482IRKDR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3482IRKDR
Description  Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC3482IRKDR Datasheet(HTML) 7 Page - Texas Instruments

Back Button DAC3482IRKDR Datasheet HTML 3Page - Texas Instruments DAC3482IRKDR Datasheet HTML 4Page - Texas Instruments DAC3482IRKDR Datasheet HTML 5Page - Texas Instruments DAC3482IRKDR Datasheet HTML 6Page - Texas Instruments DAC3482IRKDR Datasheet HTML 7Page - Texas Instruments DAC3482IRKDR Datasheet HTML 8Page - Texas Instruments DAC3482IRKDR Datasheet HTML 9Page - Texas Instruments DAC3482IRKDR Datasheet HTML 10Page - Texas Instruments DAC3482IRKDR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 87 page
background image
DAC3482
www.ti.com
SLAS748D – MARCH 2011 – REVISED AUGUST 2012
PIN FUNCTIONS
PIN
I/O
DESCRIPTION
NAME
NO.
D10, E11, F11,
AVDD
G11, H11, J11,
I
Analog supply voltage. (3.3 V)
K11, L10
CMOS output for ALARM condition. The ALARM output functionality is defined through the config7
ALARM
N12
O
register. Default polarity is active low, but can be changed to active high via config0 alarm_out_pol
control bit.
Full-scale output current bias. For 30mA full-scale output current, connect 1.28k
Ω to ground.
BIASJ
H12
O
Change the full-scale output current through coarse_dac(3:0) in config3, bit<15:12>
Internal clock buffer supply voltage. (1.2 V)
CLKVDD
C12
I
It is recommended to isolate this supply from DIGVDD and DACVDD.
LVDS positive input data bits 0 through 15. Internal 100
Ω termination resistor. Data format relative
N4, N3, N2,
to DATACLKP/N clock is Double Data Rate (DDR).
N1, M2, L2,
D15P is most significant data bit (MSB)
D[15..0]P
K2, J2, F2, E2,
I
D2, C2, A1,
D0P is least significant data bit (LSB)
A2, A3, A4
The order of the bus can be reversed via config2 revbus bit.
P4, P3, P2,
P1, M1, L1,
D[15..0]N
K1, J1, F1, E1,
I
LVDS negative input data bits 0 through 15. (See D[15:0]P description above)
D1, C1, B1,
B2, B3, B4
DACCLKP
A12
I
Positive external LVPECL clock input for DAC core with a self-bias.
DACCLKN
A11
I
Complementary external LVPECL clock input for DAC core. (see the DACCLKP description)
D9, E9, E10,
F10, G10,
DAC core supply voltage. (1.2 V). It is recommended to isolate this supply from CLKVDD and
DACVDD
I
H10, J10, K9,
DIGVDD.
K10, L9
LVDS positive input data clock. Internal 100
Ω termination resistor. Input data D[15:0]P/N is latched
DATACLKP
G2
I
on both edges of DATACLKP/N (Double Data Rate).
DATACLKN
G1
I
LVDS negative input data clock. (See DATACLKP description)
E5, E6, E7,
Digital supply voltage. (1.2 V). It is recommended to isolate this supply from CLKVDD and
DIGVDD
F5, J5, K5, K6,
I
DACVDD.
K7
Used as external reference input when internal reference is disabled through config27 extref_ena =
EXTIO
G12
I/O
‘1’. Used as internal reference output when config27 extref_ena = ‘0’ (default). Requires a 0.1
μF
decoupling capacitor to AGND when used as reference output.
LVDS frame indicator positive input. Internal 100
Ω termination resistor.
The main functions of this input are to reset the FIFO pointer or to be used as a syncing source.
These two functions are captured with the rising edge of DATACLKP/N. The signal captured by the
FRAMEP
H2
I
falling edge of DATACLKP/N can be used as a block parity bit. The FRAMEP/N signal should be
edge-aligned with D[15:0]P/N.
Additionally it is used to indicate the beginning of the frame.
FRAMEN
H1
I
LVDS frame indicator negative input. (See the FRAMEP description)
Copyright © 2011–2012, Texas Instruments Incorporated
7


Similar Part No. - DAC3482IRKDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC3482IRKDR TI1-DAC3482IRKDR Datasheet
1Mb / 79P
[Old version datasheet]   Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC3482IRKDR TI1-DAC3482IRKDR Datasheet
2Mb / 106P
[Old version datasheet]   Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
More results

Similar Description - DAC3482IRKDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC3482 TI1-DAC3482_15 Datasheet
2Mb / 106P
[Old version datasheet]   Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482 TI1-DAC3482 Datasheet
1Mb / 79P
[Old version datasheet]   Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC3482 TI1-DAC3482_14 Datasheet
1Mb / 92P
[Old version datasheet]   Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482 TI-DAC3482_15 Datasheet
2Mb / 106P
[Old version datasheet]   DAC3482, Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84_1109 TI1-DAC34H84_1109 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484 Datasheet
1Mb / 82P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84_14 Datasheet
1Mb / 81P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484_14 Datasheet
1Mb / 90P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC34H84 TI1-DAC34H84_15 Datasheet
1Mb / 96P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com