Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4050UBDT Datasheet(PDF) 1 Page - Texas Instruments

Part # CD4050UBDT
Description  CMOS to DTL/TTL Hex Converter
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD4050UBDT Datasheet(HTML) 1 Page - Texas Instruments

  CD4050UBDT Datasheet HTML 1Page - Texas Instruments CD4050UBDT Datasheet HTML 2Page - Texas Instruments CD4050UBDT Datasheet HTML 3Page - Texas Instruments CD4050UBDT Datasheet HTML 4Page - Texas Instruments CD4050UBDT Datasheet HTML 5Page - Texas Instruments CD4050UBDT Datasheet HTML 6Page - Texas Instruments CD4050UBDT Datasheet HTML 7Page - Texas Instruments CD4050UBDT Datasheet HTML 8Page - Texas Instruments CD4050UBDT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
Copyright
© 2004, Texas Instruments Incorporated
Data sheet acquired from Harris Semiconductor
SCHS046I
CD4049UB, CD4050B
CMOS Hex Buffer/Converters
The CD4049UB and CD4050B devices are inverting and
non-inverting hex buffers, respectively, and feature logic-
level conversion using only one supply voltage (VCC). The
input-signal high level (VIH) can exceed the VCC supply
voltage when these devices are used for logic-level
conversions. These devices are intended for use as CMOS
to DTL/TTL converters and can drive directly two DTL/TTL
loads. (VCC = 5V, VOL ≤ 0.4V, and IOL ≥ 3.3mA.)
The CD4049UB and CD4050B are designated as
replacements for CD4009UB and CD4010B, respectively.
Because the CD4049UB and CD4050B require only one
power supply, they are preferred over the CD4009UB and
CD4010B and should be used in place of the CD4009UB
and CD4010B in all inverter, current driver, or logic-level
conversion applications. In these applications the
CD4049UB and CD4050B are pin compatible with the
CD4009UB and CD4010B respectively, and can be
substituted for these devices in existing as well as in new
designs. Terminal No. 16 is not connected internally on the
CD4049UB or CD4050B, therefore, connection to this
terminal is of no consequence to circuit operation. For
applications not requiring high sink-current or voltage
conversion, the CD4069UB Hex Inverter is recommended.
Features
• CD4049UB Inverting
• CD4050B Non-Inverting
• High Sink Current for Driving 2 TTL Loads
• High-To-Low Level Logic Conversion
• 100% Tested for Quiescent Current at 20V
• Maximum Input Current of 1
µA at 18V Over Full Package
Temperature Range; 100nA at 18V and 25oC
5V, 10V and 15V Parametric Ratings
Applications
• CMOS to DTL/TTL Hex Converter
• CMOS Current “Sink” or “Source” Driver
• CMOS High-To-Low Logic Level Converter
Pinouts
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
CD4049UBF3A
-55 to 125
16 Ld CERDIP
CD4050BF3A
-55 to 125
16 Ld CERDIP
CD4049UBD
-55 to 125
16 Ld SOIC
CD4049UBDR
-55 to 125
16 Ld SOIC
CD4049UBDT
-55 to 125
16 Ld SOIC
CD4049UBDW
-55 to 125
16 Ld SOIC
CD4049UBDWR
-55 to 125
16 Ld SOIC
CD4049UBE
-55 to 125
16 Ld PDIP
CD4049UBNSR
-55 to 125
16 Ld SOP
CD4049UBPW
-55 to 125
16 Ld TSSOP
CD4049UBPWR
-55 to 125
16 Ld TSSOP
CD4050BD
-55 to 125
16 Ld SOIC
CD4050BDR
-55 to 125
16 Ld SOIC
CD4050UBDT
-55 to 125
16 Ld SOIC
CD4050BDW
-55 to 125
16 Ld SOIC
CD4050BDWR
-55 to 125
16 Ld SOIC
CD4050BE
-55 to 125
16 Ld PDIP
CD4050NSR
-55 to 125
16 Ld SOP
CD4050BPW
-55 to 125
16 Ld TSSOP
CD4050BPWR
-55 to 125
16 Ld TSSOP
NOTE: When ordering, use the entire part number. The suffix R denotes tape
and reel. The suffix T denotes a small-quantity reel of 250.
CD4049UB (PDIP, CERDIP, SOIC, SOP, TSSOP)
TOP VIEW
CD4050B (PDIP, CERDIP, SOIC, SOP)
TOP VIEW
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
VCC
G = A
A
H = B
B
I = C
VSS
C
NC
F
NC
K = E
E
J = D
D
L = F
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
VCC
G = A
A
H = B
B
I = C
VSS
C
NC
F
NC
K = E
E
J = D
D
L = F
August 1998 - Revised May 2004
[ /Title
(CD40
49UB,
CD405
0B)
/Sub-
ject
(CMO
S Hex
Buffer/
Con-
verters)
/Autho
r ()
/Key-
words
(Harris
Semi-
con-
ductor,
CD400
0,
metal
gate,
CMOS


Similar Part No. - CD4050UBDT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4050UBDT TI-CD4050UBDT Datasheet
77Kb / 18P
[Old version datasheet]   CMOS HEX BUFFERS/CONVERTERS
CD4050UBDT TI1-CD4050UBDT Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Hex Buffer/Converters
CD4050UBDT TI-CD4050UBDT Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Hex Buffer Converters
CD4050UBDT TI1-CD4050UBDT Datasheet
1Mb / 37P
[Old version datasheet]   CMOS Hex Buffer/Converters
More results

Similar Description - CD4050UBDT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14504B ONSEMI-MC14504B_11 Datasheet
141Kb / 7P
   Hex Level Shifter for TTL to CMOS or CMOS to CMOS
June, 2011 ??Rev. 7
MC14504B ONSEMI-MC14504B_14 Datasheet
121Kb / 7P
   Hex Level Shifter for TTL to CMOS
July, 2014 ??Rev. 9
MC14504B ONSEMI-MC14504B_05 Datasheet
106Kb / 8P
   Hex Level Shifter for TTL to CMOS or CMOS to CMOS
August, 2005 ??Rev. 6
logo
Motorola, Inc
MC14504B MOTOROLA-MC14504B Datasheet
100Kb / 5P
   Hex Level Shifter for TTL to CMOS or CMOS to CMOS
REV 3
logo
Texas Instruments
CD4504B TI1-CD4504B_15 Datasheet
898Kb / 16P
[Old version datasheet]   Cmos Hex Voltage-Level Shifter for TTL-to-Cmos
logo
ON Semiconductor
MC14504B ONSEMI-MC14504B Datasheet
188Kb / 8P
   Hex Level Shifter for TTL to CMOS or COMS to CMOS
March, 2000 ??Rev. 3
logo
Texas Instruments
CD4504B-EP TI-CD4504B-EP Datasheet
589Kb / 13P
[Old version datasheet]   CMOS HEX VOLTAGE-LEVEL SHIFTER FOR TTL-TO-CMOS or CMOS-TO-CMOS OPERATION
logo
Intersil Corporation
CD4504BT INTERSIL-CD4504BT Datasheet
33Kb / 3P
   CMOS Hex Voltage Level Shifter for TTL-to-CMOS or CMOS-to-CMOS Operation
July 1999
logo
Texas Instruments
CD4504B TI1-CD4504B_12 Datasheet
891Kb / 16P
[Old version datasheet]   CMOS Hex Voltage Level Shifter for TTL-to-CMOS or CMOS-to-CMOS Operation
CD4504BPWR TI-CD4504BPWR Datasheet
219Kb / 5P
[Old version datasheet]   CMOS HEX VOLTAGE LEVEL SHIFTER FOR TTL TO CMOS OR CMOS TO CMOS OPERATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com