Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQU17N08 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FQU17N08
Description  80V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQU17N08 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FQU17N08 Datasheet HTML 1Page - Fairchild Semiconductor FQU17N08 Datasheet HTML 2Page - Fairchild Semiconductor FQU17N08 Datasheet HTML 3Page - Fairchild Semiconductor FQU17N08 Datasheet HTML 4Page - Fairchild Semiconductor FQU17N08 Datasheet HTML 5Page - Fairchild Semiconductor FQU17N08 Datasheet HTML 6Page - Fairchild Semiconductor FQU17N08 Datasheet HTML 7Page - Fairchild Semiconductor FQU17N08 Datasheet HTML 8Page - Fairchild Semiconductor FQU17N08 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
©2000 Fairchild Semiconductor International
Rev. A1, January 2001
Charge
V
GS
10V
Q
g
Q
gs
Q
gd
3mA
V
GS
DUT
V
DS
300nF
50KΩ
200nF
12V
Same Type
as DUT
Charge
V
GS
10V
Q
g
Q
gs
Q
gd
3mA
V
GS
DUT
V
DS
300nF
50KΩ
200nF
12V
Same Type
as DUT
V
GS
V
DS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
VDD
10V
V
DS
R
L
DUT
R
G
V
GS
V
GS
V
DS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
VDD
10V
V
DS
R
L
DUT
R
G
V
GS
EAS =L IAS
2
----
2
1
--------------------
BVDSS -VDD
BV
DSS
VDD
V
DS
BV
DSS
t
p
V
DD
I
AS
V
DS (t)
ID (t)
Time
10V
DUT
RG
L
I D
t
p
EAS =L IAS
2
----
2
1
EAS =L IAS
2
----
2
1
----
2
1
--------------------
BVDSS -VDD
BV
DSS
VDD
V
DS
BV
DSS
t
p
V
DD
I
AS
V
DS (t)
ID (t)
Time
10V
DUT
RG
L
L
I D
I D
t
p
Gate Charge Test Circuit & Waveform
Resistive Switching Test Circuit & Waveforms
Unclamped Inductive Switching Test Circuit & Waveforms


Similar Part No. - FQU17N08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQU17N08L FAIRCHILD-FQU17N08L Datasheet
555Kb / 9P
   80V LOGIC N-Channel MOSFET
logo
Inchange Semiconductor ...
FQU17N08L ISC-FQU17N08L Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
More results

Similar Description - FQU17N08

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MS90N08 BWTECH-MS90N08 Datasheet
913Kb / 8P
   80V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4444L WHXPCB-AO4444L Datasheet
2Mb / 6P
   80V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOB284L AOSMD-AOB284L Datasheet
249Kb / 5P
   80V N-Channel MOSFET
AOD2810 AOSMD-AOD2810 Datasheet
294Kb / 6P
   80V N-Channel MOSFET
AOD2816 AOSMD-AOD2816 Datasheet
2Mb / 6P
   80V N-Channel MOSFET
logo
Fairchild Semiconductor
FQD9N08 FAIRCHILD-FQD9N08 Datasheet
536Kb / 9P
   80V N-Channel MOSFET
FQAF70N08 FAIRCHILD-FQAF70N08 Datasheet
662Kb / 8P
   80V N-Channel MOSFET
FQB24N08 FAIRCHILD-FQB24N08 Datasheet
719Kb / 9P
   80V N-Channel MOSFET
FQP24N08 FAIRCHILD-FQP24N08 Datasheet
711Kb / 8P
   80V N-Channel MOSFET
FQP44N08 FAIRCHILD-FQP44N08 Datasheet
668Kb / 8P
   80V N-Channel MOSFET
FQP70N08 FAIRCHILD-FQP70N08 Datasheet
667Kb / 8P
   80V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com