Selected language     English  ā–¼


0-1906052-2 Datasheet(PDF) 3 Page - Tyco Electronics

Part No. 0-1906052-2
Description  FO C/A - 2 fiber, 2mm, 62.5/125, OFNR jacket, LC-Duplex Secure to LC-Duplex
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 3 page
background image
XXXXXXXXXXXXXXX
Tyco logo
Made in XXXX
X-XXXXXXX-X
Per specification 107-1645-1
Trace # - Bar Code
Trace # - Human Readable
Country of Origin
Part Number
This label is used on all lengths on this drawing.
Label 1
XXXXXXXXXXXXXXX
Tyco logo
Made in XXXX
X-XXXXXXX-X
Per specification 107-1645-1
Trace # - Bar Code
Trace # - Human Readable
Country of Origin
Part Number
This label is used on all lengths on this drawing.
Label 2
FO C/A - 2 fiber, 2mm, 62.5/125, OFNR (Riser) jacket, LC-Duplex
Secure to LC-Duplex
1906052
A
NTS
A2
3 of 3
RELEASE
5/24/2006
Tyco Electronics, Inc.
Harrisburg, PA 17105-3608
Cable Assy Configurator
Cable Assy Configurator
Refer to Engineering Change
Rev Per EC#
CE
16
A
-
-
meters
-
-
-
-
-
-
C-
Customer Print
CAC Customer Layout Rev: D




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl