Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0-1906052-4 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 0-1906052-4
Description  FO C/A - 2 fiber, 2mm, 62.5/125, OFNR jacket, LC-Duplex Secure to LC-Duplex
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

0-1906052-4 Datasheet(HTML) 2 Page - Tyco Electronics

  0-1906052-4 Datasheet HTML 1Page - Tyco Electronics 0-1906052-4 Datasheet HTML 2Page - Tyco Electronics 0-1906052-4 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LC-Duplex, Beige
(dB)
(dB)
IL
RL
(dB)
(dB)
IL
RL
LC-Duplex Secure, Blue
Part #
L (meters)
0-1906052-1
0.950
1.050
0.5
-
-
0.5
-
0-1906052-2
1.950
2.050
0.5
-
-
0.5
-
0-1906052-3
2.950
3.050
0.5
-
-
0.5
-
0-1906052-4
3.920
4.080
0.5
-
-
0.5
-
0-1906052-5
4.920
5.080
0.5
-
-
0.5
-
0-1906052-6
5.920
6.080
0.5
-
-
0.5
-
0-1906052-7
6.920
7.080
0.51
-
-
0.51
-
0-1906052-8
7.920
8.080
0.51
-
-
0.51
-
0-1906052-9
8.850
9.150
0.51
-
-
0.51
-
1-1906052-0
9.850
10.150
0.51
-
-
0.51
-
1-1906052-1
10.850
11.150
0.51
-
-
0.51
-
1-1906052-2
11.850
12.150
0.51
-
-
0.51
-
1-1906052-3
12.850
13.150
0.51
-
-
0.51
-
1-1906052-4
13.850
14.150
0.52
-
-
0.52
-
1-1906052-5
14.850
15.150
0.52
-
-
0.52
-
1-1906052-6
15.840
16.160
0.52
-
-
0.52
-
1-1906052-7
16.830
17.170
0.52
-
-
0.52
-
1-1906052-8
17.820
18.180
0.52
-
-
0.52
-
1-1906052-9
18.810
19.190
0.52
-
-
0.52
-
2-1906052-0
19.800
20.200
0.53
-
-
0.53
-
2-1906052-1
20.790
21.210
0.53
-
-
0.53
-
2-1906052-2
21.780
22.220
0.53
-
-
0.53
-
2-1906052-3
22.770
23.230
0.53
-
-
0.53
-
2-1906052-4
23.760
24.240
0.53
-
-
0.53
-
2-1906052-5
24.750
25.250
0.53
-
-
0.53
-
2-1906052-6
25.740
26.260
0.53
-
-
0.53
-
2-1906052-7
26.730
27.270
0.54
-
-
0.54
-
2-1906052-8
27.720
28.280
0.54
-
-
0.54
-
2-1906052-9
28.710
29.290
0.54
-
-
0.54
-
3-1906052-0
29.700
30.300
0.54
-
-
0.54
-
3-1906052-1
30.690
31.310
0.54
-
-
0.54
-
3-1906052-2
31.680
32.320
0.54
-
-
0.54
-
3-1906052-3
32.670
33.330
0.54
-
-
0.54
-
3-1906052-4
33.660
34.340
0.55
-
-
0.55
-
3-1906052-5
34.650
35.350
0.55
-
-
0.55
-
3-1906052-6
35.640
36.360
0.55
-
-
0.55
-
3-1906052-7
36.630
37.370
0.55
-
-
0.55
-
3-1906052-8
37.620
38.380
0.55
-
-
0.55
-
3-1906052-9
38.610
39.390
0.55
-
-
0.55
-
4-1906052-0
39.600
40.400
0.56
-
-
0.56
-
5-1906052-0
49.500
50.500
0.57
-
-
0.57
-
FO C/A - 2 fiber, 2mm, 62.5/125, OFNR (Riser) jacket, LC-Duplex
Secure to LC-Duplex
1906052
A
NTS
A2
2 of 3
RELEASE
5/24/2006
Tyco Electronics, Inc.
Harrisburg, PA 17105-3608
Cable Assy Configurator
Cable Assy Configurator
Refer to Engineering Change
Rev Per EC#
CE
16
A
-
-
meters
-
-
-
-
-
-
C-
Customer Print
CAC Customer Layout Rev: D


Similar Part No. - 0-1906052-4

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
0-1924225-1 TEC-0-1924225-1 Datasheet
1Mb / 4P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
0-1924225-2 TEC-0-1924225-2 Datasheet
1Mb / 4P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
0-1924225-3 TEC-0-1924225-3 Datasheet
1Mb / 4P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
0-1924225-4 TEC-0-1924225-4 Datasheet
1Mb / 4P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
0-1924225-5 TEC-0-1924225-5 Datasheet
1Mb / 4P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 0-1906052-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
6278032 MACOM-6278032 Datasheet
78Kb / 3P
   FO C/A 2 FIBER, 62.5/125, OFNR JACKET, MT-RJ TO MT-RJ
logo
Tripp Lite. All Rights ...
N32002M TRIPPLITE-N32002M Datasheet
490Kb / 2P
   Duplex Multimode 62.5-125 Fiber Patch Cable (LC-LC), 2M (6-ft.)
N32030M TRIPPLITE-N32030M Datasheet
494Kb / 2P
   Duplex Multimode 62.5-125 Fiber Patch Cable (LC-LC), 30M (100-ft.)
N32061M TRIPPLITE-N32061M Datasheet
492Kb / 2P
   Duplex Multimode 62.5-125 Fiber Patch Cable (LC-LC), 61M (200-ft.)
N320-405 TRIPPLITE-N320-405 Datasheet
166Kb / 2P
   Duplex Multimode 62.5/125 Fiber Patch Cable (LC/LC), 123M (405-ft.)
N32003M TRIPPLITE-N32003M Datasheet
495Kb / 2P
   Duplex Multimode 62.5-125 Fiber Patch Cable (LC-LC), 3M (10-ft.)
N32025M TRIPPLITE-N32025M Datasheet
484Kb / 2P
   Duplex Multimode 62.5-125 Fiber Patch Cable (LC-LC), 25M (82-ft.)
N320-03M TRIPPLITE-N320-03M Datasheet
167Kb / 2P
   Duplex Multimode 62.5/125 Fiber Patch Cable (LC/LC), 3M (10-ft.)
N320-07M TRIPPLITE-N320-07M Datasheet
166Kb / 2P
   Duplex Multimode 62.5/125 Fiber Patch Cable (LC/LC), 7M (23-ft.)
N320-61M TRIPPLITE-N320-61M Datasheet
166Kb / 2P
   Duplex Multimode 62.5/125 Fiber Patch Cable (LC/LC), 61M (200-ft.)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com