Selected language     English  ā–¼


0-1906052-6 Datasheet(PDF) 1 Page - Tyco Electronics

Part No. 0-1906052-6
Description  FO C/A - 2 fiber, 2mm, 62.5/125, OFNR jacket, LC-Duplex Secure to LC-Duplex
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 1 page
background image
Restricted to:
General Release
2
Jacket Diameter:
2.0
Jacket Color:
Orange
FiberType:
62.5/125
Mode:
MM
Number of Fibers:
mm
LC strain relief - 1.6 to 2.0 mm cable
Beige/Beige
Color:
Beige/Beige
LC strain relief - 1.6 to 2.0 mm cable
Color:
LC-Duplex Secure
Mode: MM
Housing Color: Blue
Geom. Spec: N/A
Connector(s):
L
0.25m Max
0.25m Max
Label 1
Label 2
LC-Duplex
Mode: MM
Housing Color: Beige
Geom. Spec: N/A
Connector(s):
Notes:
Product and Processing must meet requirements of Tyco
Electronics Standard 230-702
1
Includes dust caps (not shown on print).
2
Label 2 will not be present on any cable assembly less than 5
meters long.
3
A
-
B
-
B
-
A
-
FO C/A - 2 fiber, 2mm, 62.5/125, OFNR (Riser) jacket, LC-Duplex
Secure to LC-Duplex
1906052
A
NTS
A2
1 of 3
RELEASE
5/24/2006
Tyco Electronics, Inc.
Harrisburg, PA 17105-3608
Cable Assy Configurator
Cable Assy Configurator
Refer to Engineering Change
Rev Per EC#
CE
16
A
-
-
meters
-
-
-
-
-
-
C-
Customer Print
CAC Customer Layout Rev: D




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl