Selected language     English  ā–¼


0-1906052-7 Datasheet(PDF) 2 Page - Tyco Electronics

Part No. 0-1906052-7
Description  FO C/A - 2 fiber, 2mm, 62.5/125, OFNR jacket, LC-Duplex Secure to LC-Duplex
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 2 page
background image
LC-Duplex, Beige
(dB)
(dB)
IL
RL
(dB)
(dB)
IL
RL
LC-Duplex Secure, Blue
Part #
L (meters)
0-1906052-1
0.950
1.050
0.5
-
-
0.5
-
0-1906052-2
1.950
2.050
0.5
-
-
0.5
-
0-1906052-3
2.950
3.050
0.5
-
-
0.5
-
0-1906052-4
3.920
4.080
0.5
-
-
0.5
-
0-1906052-5
4.920
5.080
0.5
-
-
0.5
-
0-1906052-6
5.920
6.080
0.5
-
-
0.5
-
0-1906052-7
6.920
7.080
0.51
-
-
0.51
-
0-1906052-8
7.920
8.080
0.51
-
-
0.51
-
0-1906052-9
8.850
9.150
0.51
-
-
0.51
-
1-1906052-0
9.850
10.150
0.51
-
-
0.51
-
1-1906052-1
10.850
11.150
0.51
-
-
0.51
-
1-1906052-2
11.850
12.150
0.51
-
-
0.51
-
1-1906052-3
12.850
13.150
0.51
-
-
0.51
-
1-1906052-4
13.850
14.150
0.52
-
-
0.52
-
1-1906052-5
14.850
15.150
0.52
-
-
0.52
-
1-1906052-6
15.840
16.160
0.52
-
-
0.52
-
1-1906052-7
16.830
17.170
0.52
-
-
0.52
-
1-1906052-8
17.820
18.180
0.52
-
-
0.52
-
1-1906052-9
18.810
19.190
0.52
-
-
0.52
-
2-1906052-0
19.800
20.200
0.53
-
-
0.53
-
2-1906052-1
20.790
21.210
0.53
-
-
0.53
-
2-1906052-2
21.780
22.220
0.53
-
-
0.53
-
2-1906052-3
22.770
23.230
0.53
-
-
0.53
-
2-1906052-4
23.760
24.240
0.53
-
-
0.53
-
2-1906052-5
24.750
25.250
0.53
-
-
0.53
-
2-1906052-6
25.740
26.260
0.53
-
-
0.53
-
2-1906052-7
26.730
27.270
0.54
-
-
0.54
-
2-1906052-8
27.720
28.280
0.54
-
-
0.54
-
2-1906052-9
28.710
29.290
0.54
-
-
0.54
-
3-1906052-0
29.700
30.300
0.54
-
-
0.54
-
3-1906052-1
30.690
31.310
0.54
-
-
0.54
-
3-1906052-2
31.680
32.320
0.54
-
-
0.54
-
3-1906052-3
32.670
33.330
0.54
-
-
0.54
-
3-1906052-4
33.660
34.340
0.55
-
-
0.55
-
3-1906052-5
34.650
35.350
0.55
-
-
0.55
-
3-1906052-6
35.640
36.360
0.55
-
-
0.55
-
3-1906052-7
36.630
37.370
0.55
-
-
0.55
-
3-1906052-8
37.620
38.380
0.55
-
-
0.55
-
3-1906052-9
38.610
39.390
0.55
-
-
0.55
-
4-1906052-0
39.600
40.400
0.56
-
-
0.56
-
5-1906052-0
49.500
50.500
0.57
-
-
0.57
-
FO C/A - 2 fiber, 2mm, 62.5/125, OFNR (Riser) jacket, LC-Duplex
Secure to LC-Duplex
1906052
A
NTS
A2
2 of 3
RELEASE
5/24/2006
Tyco Electronics, Inc.
Harrisburg, PA 17105-3608
Cable Assy Configurator
Cable Assy Configurator
Refer to Engineering Change
Rev Per EC#
CE
16
A
-
-
meters
-
-
-
-
-
-
C-
Customer Print
CAC Customer Layout Rev: D




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl