Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV5625IDR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5625IDR
Description  2.7-V TO 5.5-V LOW-POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN 
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV5625IDR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV5625IDR Datasheet HTML 7Page - Texas Instruments TLV5625IDR Datasheet HTML 8Page - Texas Instruments TLV5625IDR Datasheet HTML 9Page - Texas Instruments TLV5625IDR Datasheet HTML 10Page - Texas Instruments TLV5625IDR Datasheet HTML 11Page - Texas Instruments TLV5625IDR Datasheet HTML 12Page - Texas Instruments TLV5625IDR Datasheet HTML 13Page - Texas Instruments TLV5625IDR Datasheet HTML 14Page - Texas Instruments TLV5625IDR Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
TLV5625
2.7V TO 5.5V LOW POWER DUAL 8BIT DIGITALTOANALOG
CONVERTER WITH POWER DOWN
SLAS233D − JULY 1999 − REVISED JULY 2002
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
data format
The 16-bit data word for the TLV5625 consists of two parts:
D Program bits
(D15..D12)
D New data
(D11..D4)
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
R1
SPD
PWR
R0
MSB
8 Data bits
LSB
0
0
0
0
SPD: Speed control bit
1
→ fast mode
0
→ slow mode
PWR: Power control bit
1
→ power down
0
→ normal operation
On power up, SPD and PWD are reset to 0 (slow mode and normal operation)
The following table lists all possible combination of register-select bits:
register-select bits
R1
R0
REGISTER
0
0
Write data to DAC B and BUFFER
0
1
Write data to BUFFER
1
0
Write data to DAC A and update DAC B with BUFFER content
1
1
Reserved
The meaning of the 12 data bits depends on the register. If one of the DAC registers or the BUFFER is selected,
then the 12 data bits determine the new DAC value:
examples of operation
D Set DAC A output, select fast mode:
Write new DAC A value and update DAC A output:
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
1
1
0
0
New DAC A output value
0
0
0
0
The DAC A output is updated on the rising clock edge after D0 is sampled.
D Set DAC B output, select fast mode:
Write new DAC B value to BUFFER and update DAC B output:
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
1
0
0
New BUFFER content and DAC B output value
0
0
0
0
The DAC A output is updated on the rising clock edge after D0 is sampled.
D Set DAC A value, set DAC B value, update both simultaneously, select slow mode:
1.
Write data for DAC B to BUFFER:
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
1
New DAC B value
0
0
0
0
2.
Write new DAC A value and update DAC A and B simultaneously:
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
1
0
0
0
New DAC A value
0
0
0
0


Similar Part No. - TLV5625IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5625IDR TI-TLV5625IDR Datasheet
194Kb / 15P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5625IDRG4 TI-TLV5625IDRG4 Datasheet
194Kb / 15P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com