Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV5625IDRG4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5625IDRG4
Description  2.7-V TO 5.5-V LOW-POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN 
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV5625IDRG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV5625IDRG4 Datasheet HTML 6Page - Texas Instruments TLV5625IDRG4 Datasheet HTML 7Page - Texas Instruments TLV5625IDRG4 Datasheet HTML 8Page - Texas Instruments TLV5625IDRG4 Datasheet HTML 9Page - Texas Instruments TLV5625IDRG4 Datasheet HTML 10Page - Texas Instruments TLV5625IDRG4 Datasheet HTML 11Page - Texas Instruments TLV5625IDRG4 Datasheet HTML 12Page - Texas Instruments TLV5625IDRG4 Datasheet HTML 13Page - Texas Instruments TLV5625IDRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
TLV5625
2.7V TO 5.5V LOW POWER DUAL 8BIT DIGITALTOANALOG
CONVERTER WITH POWER DOWN
SLAS233D − JULY 1999 − REVISED JULY 2002
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
general function
The TLV5625 is a dual 8-bit, single-supply DAC, based on a resistor-string architecture. It consists of a serial
interface, a speed and power-down control logic, a resistor string, and a rail-to-rail output buffer.
The output voltage (full scale determined by the reference) is given by:
2REF
CODE
2n
[V]
Where REF is the reference voltage and CODE is the digital input value within the range of 010 to 2n−1, where
n=8 (bits). The 16-bit data word, consisting of control bits and the new DAC value, is illustrated in the data format
section. A power-on reset initially resets the internal latches to a defined state (all bits zero).
serial interface
A falling edge of CS starts shifting the data bit-per-bit (starting with the MSB) to the internal register on the falling
edges of SCLK. After 16 bits have been transferred or CS rises, the content of the shift register is moved to the
target latches (DAC A, DAC B, BUFFER, CONTROL), depending on the control bits within the data word.
Figure 2 shows examples of how to connect the TLV5625 to TMS320, SPI
, and Microwire.
TMS320
DSP FSX
CLKX
DX
TLV5625
SCLK
DIN
CS
SPI
I/O
SCK
MOSI
TLV5625
SCLK
DIN
CS
Microwire
I/O
SK
SO
TLV5625
SCLK
DIN
CS
Figure 12. Three-Wire Interface
Notes on SPI
 and Microwire: Before the controller starts the data transfer, the software has to generate a
falling edge on the pin connected to CS. If the word width is 8 bits (SPI
 and Microwire) two write operations
must be performed to program the TLV5625. After the write operation(s), the holding registers or the control
register are updated automatically on the 16th positive clock edge.
serial clock frequency and update rate
The maximum serial clock frequency is given by:
f
sclkmax +
1
t
whmin ) twlmin
+ 20 MHz
The maximum update rate is:
f
updatemax +
1
16 t
whmin ) twlmin
+ 1.25 MHz
Note that the maximum update rate is just a theoretical value for the serial interface, as the settling time of the
TLV5625 should also be considered.


Similar Part No. - TLV5625IDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5625IDRG4 TI-TLV5625IDRG4 Datasheet
194Kb / 15P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com