Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV5625 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5625
Description  2.7-V TO 5.5-V LOW-POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN 
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV5625 Datasheet(HTML) 4 Page - Texas Instruments

  TLV5625 Datasheet HTML 1Page - Texas Instruments TLV5625 Datasheet HTML 2Page - Texas Instruments TLV5625 Datasheet HTML 3Page - Texas Instruments TLV5625 Datasheet HTML 4Page - Texas Instruments TLV5625 Datasheet HTML 5Page - Texas Instruments TLV5625 Datasheet HTML 6Page - Texas Instruments TLV5625 Datasheet HTML 7Page - Texas Instruments TLV5625 Datasheet HTML 8Page - Texas Instruments TLV5625 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
TLV5625
2.7V TO 5.5V LOW POWER DUAL 8BIT DIGITALTOANALOG
CONVERTER WITH POWER DOWN
SLAS233D − JULY 1999 − REVISED JULY 2002
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating conditions (unless otherwise noted)
power supply
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IDD
Power supply current
No load, All inputs = AGND or
Fast
1.8
2.3
mA
IDD
Power supply current
No load, All inputs = AGND or
VDD, DAC latch = 0x800
Slow
0.8
1
mA
IDD
Power supply current
VDD, DAC latch = 0x800
Slow
0.8
1
mA
DD
VDD, DAC latch = 0x800
Slow
0.8
1
Power-down supply current
1
3
µA
PSRR
Power supply rejection ratio
Zero scale, See Note 2
−65
dB
PSRR
Power supply rejection ratio
Full scale, See Note 3
−65
dB
NOTES:
2. Power supply rejection ratio at zero scale is measured by varying VDD and is given by:
PSRR = 20 log [(EZS(VDDmax) − EZS(VDDmin)/VDDmax]
3. Power supply rejection ratio at full scale is measured by varying VDD and is given by:
PSRR = 20 log [(EG(VDDmax) − EG(VDDmin)/VDDmax]
static DAC specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
8
bits
INL
Integral nonlinearity
See Note 4
±0.3
±0.5
LSB
DNL
Differential nonlinearity
See Note 5
±0.07
±0.2
LSB
EZS
Zero-scale error (offset error at zero scale)
See Note 6
±12
mV
EZS TC
Zero-scale-error temperature coefficient
See Note 7
10
ppm/
°C
EG
Gain error
See Note 8
±0.5
% full
scale V
EG TC
Gain-error temperature coefficient
See Note 9
10
ppm/
°C
NOTES:
4. The relative accuracy of integral nonlinearity (INL), sometimes referred to as linearity error, is the maximum deviation of the output
from the line between zero and full scale, excluding the effects of zero-code and full-scale errors.
5. The differential nonlinearity (DNL), sometimes referred to as differential error, is the difference between the measured and ideal
1-LSB amplitude change of any two adjacent codes.
6. Zero-scale error is the deviation from zero voltage output when the digital input code is zero.
7. Zero-scale error temperature coefficient is given by: EZS TC = [EZS (Tmax) − EZS (Tmin)]/2Vref × 106/(Tmax − Tmin).
8. Gain error is the deviation from the ideal output (2Vref − 1 LSB) with an output load of 10 kΩ.
9. Gain temperature coefficient is given by: EG TC = [EG (Tmax) − Eg (Tmin)]/2Vref × 106/(Tmax − Tmin).
output specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VO
Output voltage range
RL = 10 kΩ
0
VDD−0.4
V
Output load regulation accuracy
VO = 4.096 V, 2.048 V RL = 2 kΩ
±0.29
% FS
reference input
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VI
Input voltage range
0
VDD−1.5
V
RI
Input resistance
10
M
CI
Input capacitance
5
pF
Reference input bandwidth
REF = 0.2 Vpp + 1.024 V dc
Fast
1.3
MHz
Reference input bandwidth
REF = 0.2 Vpp + 1.024 V dc
Slow
525
kHz
Reference feedthrough
REF = 1 Vpp at 1 kHz + 1.024 V dc (see Note 10)
−80
dB
NOTE 10: Reference feedthrough is measured at the DAC output with an input code = 0x000.


Similar Part No. - TLV5625

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5625 TI-TLV5625 Datasheet
194Kb / 15P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5625CD TI-TLV5625CD Datasheet
194Kb / 15P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5625CDG4 TI-TLV5625CDG4 Datasheet
194Kb / 15P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5625CDR TI-TLV5625CDR Datasheet
194Kb / 15P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5625CDRG4 TI-TLV5625CDRG4 Datasheet
194Kb / 15P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com