Electronic Components Datasheet Search |
|
UF10C50 Datasheet(PDF) 1 Page - First Components International |
|
UF10C50 Datasheet(HTML) 1 Page - First Components International |
1 / 2 page Description Features Mechanical Dimensions Maximum Ratings Peak Repetitive Reverse Voltage...V RRM Working Peak Reverse Voltage...V RWM DC Blocking Voltage...V DC RMS Reverse Voltage...V R(rms) Average Forward Rectified Current...I F(av) (Per Leg) T C = 100°C @ Rated VDC ( Total) Repetitive Peak Forward Surge Current...I FM @ Rated V DC, Square Wave, 20 kHz, TC = 100°C Non-Repetitive Peak Forward Surge Current...I FSM @ Rated Load Cond., ½ Wave, Single Phase, 60Hz Operating & Storage Temperature Range...T J, TSTRG Maximum Forward Voltage...V F @ I F = 5 Amps, PW = 300µsTC = 25°C Maximum DC Reverse Current...I R @ Rated DC Blocking Voltage T C =125°C T C =25°C Maximum Reverse Recovery Time...t RR I F = 0.5 Amp, IR= 1A, Irr = 0.25A Data Sheet Units Volts Volts Volts Volts Amps Amps Amps Amps °C Volts µAmps µAmps ns n n MEETS UL SPECIFICATION 94V-0 n LOW FORWARD VOLTAGE n HIGH SURGE CAPABILITY JEDEC TO-220AB 1 1 1 3 3 3 2 2 2 Double Suffix D Common Anode Suffix A Common Cathode Suffix C CASE CASE CASE 500 10 Electrical Characteristics, Per Diode Leg 5 10 10 -50 to 150 10 Amp SUPER FAST RECOVERY POWER RECTIFIERS SUPER FAST RECOVERY TIME 50 100 200 300 400 500 600 05 100 200 300 400 500 600 05 100 200 300 400 500 600 35 70 140 210 280 350 420 ---- 0.95 ---- ---1.3---- ---1.5 ---- ------35----- --------- 50 ----------- UF10C05....UF10C60 100 |
Similar Part No. - UF10C50 |
|
Similar Description - UF10C50 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |