Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHC244D Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74AHC244D
Description  Octal buffer/line driver; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHC244D Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74AHC244D Datasheet HTML 4Page - NXP Semiconductors 74AHC244D Datasheet HTML 5Page - NXP Semiconductors 74AHC244D Datasheet HTML 6Page - NXP Semiconductors 74AHC244D Datasheet HTML 7Page - NXP Semiconductors 74AHC244D Datasheet HTML 8Page - NXP Semiconductors 74AHC244D Datasheet HTML 9Page - NXP Semiconductors 74AHC244D Datasheet HTML 10Page - NXP Semiconductors 74AHC244D Datasheet HTML 11Page - NXP Semiconductors 74AHC244D Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
74AHC_AHCT244_5
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 05 — 20 December 2007
8 of 16
NXP Semiconductors
74AHC244; 74AHCT244
Octal buffer/line driver; 3-state
[1]
Typical values are measured at nominal supply voltage (VCC = 3.3 V and VCC = 5.0 V).
[2]
tpd is the same as tPLH and tPHL.
ten is the same as tPZL and tPZH.
tdis is the same as tPLZ and tPHZ.
[3]
CPD is used to determine the dynamic power dissipation PD (µW).
PD =CPD × VCC2 × fi + ∑ (CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in Volts.
11. Waveforms
For type 74AHCT244
tpd
propagation
delay
nAn to nYn; see Figure 6
[2]
VCC = 4.5 V to 5.5 V
CL = 15 pF
-
3.5
7.4
1.0
8.5
1.0
9.5
ns
CL = 50 pF
-
5.0
8.4
1.0
9.5
1.0
10.5
ns
ten
enable time
nOE to nYn; see Figure 7
VCC = 4.5 V to 5.5 V
CL = 15 pF
-
3.5
10.4
1.0
12.0
1.0
13.0
ns
CL = 50 pF
-
5.5
11.4
1.0
13.0
1.0
14.5
ns
tdis
disable time
nOE to nYn; see Figure 7
[2]
VCC = 4.5 V to 5.5 V
CL = 15 pF
-
5.0
9.4
1.0
10.0
1.0
12.0
ns
CL = 50 pF
-
7.0
11.4
1.0
13.0
1.0
14.5
ns
CPD
power
dissipation
capacitance
per buffer;
CL =50pF;f=1 MHz;
VI = GND to VCC
[3]
-12
-
-
-
-
-
pF
Table 7.
Dynamic characteristics …continued
GND = 0 V. For test circuit see Figure 8.
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ[1] Max
Min
Max
Min
Max
Measurement points are given in Table 8.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 6.
Propagation delay input (nAn) to output (nYn)
mna171
nAn input
nYn output
tPLH
tPHL
GND
VI
VM
VM
VM
VM
VOH
VOL


Similar Part No. - 74AHC244D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC244D PHILIPS-74AHC244D Datasheet
80Kb / 16P
   Octal buffer/line driver; 3-state
1999 Sep 28
74AHC244D NXP-74AHC244D Datasheet
103Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 05-20 December 2007
logo
Nexperia B.V. All right...
74AHC244D NEXPERIA-74AHC244D Datasheet
264Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 6 - 2 July 2020
74AHC244D-Q100 NEXPERIA-74AHC244D-Q100 Datasheet
824Kb / 17P
   Octal buffer/line driver; 3-state
More results

Similar Description - 74AHC244D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
   Octal buffer/line driver; 3-state
1999 Nov 24
74HC541D-T NXP-74HC541D-T Datasheet
55Kb / 7P
   Octal buffer/line driver; 3-state
December 1990
74VHC_VHCT541 PHILIPS-74VHC_VHCT541_15 Datasheet
103Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 01-12 August 2009
74HC_HCT244 PHILIPS-74HC_HCT244_15 Datasheet
145Kb / 18P
   Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
74LVC244APW-T NXP-74LVC244APW-T Datasheet
150Kb / 19P
   Octal buffer/line driver; 3-state
Rev. 8-26 June 2013
logo
Nexperia B.V. All right...
74AHCV244A NEXPERIA-74AHCV244A Datasheet
202Kb / 15P
   Octal buffer/line driver 3-state
74HC244-Q100 NEXPERIA-74HC244-Q100 Datasheet
249Kb / 15P
   Octal buffer/line driver; 3-state
74VHC244 NEXPERIA-74VHC244 Datasheet
608Kb / 16P
   Octal buffer/line driver; 3-state
74VHC541-Q100 NEXPERIA-74VHC541-Q100 Datasheet
714Kb / 17P
   Octal buffer/line driver; 3-state
74HC541-Q100 NEXPERIA-74HC541-Q100 Datasheet
742Kb / 17P
   Octal buffer/line driver; 3-state
74AHC541-Q100 NEXPERIA-74AHC541-Q100 Datasheet
717Kb / 17P
   Octal buffer/line driver; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com