Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC259D.653 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74HC259D.653
Description  8-bit addressable latch
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC259D.653 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74HC259D.653 Datasheet HTML 7Page - NXP Semiconductors 74HC259D.653 Datasheet HTML 8Page - NXP Semiconductors 74HC259D.653 Datasheet HTML 9Page - NXP Semiconductors 74HC259D.653 Datasheet HTML 10Page - NXP Semiconductors 74HC259D.653 Datasheet HTML 11Page - NXP Semiconductors 74HC259D.653 Datasheet HTML 12Page - NXP Semiconductors 74HC259D.653 Datasheet HTML 13Page - NXP Semiconductors 74HC259D.653 Datasheet HTML 14Page - NXP Semiconductors 74HC259D.653 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
74HC_HCT259
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 5 — 7 August 2012
11 of 22
NXP Semiconductors
74HC259; 74HCT259
8-bit addressable latch
Measurement points are given in Table 9.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 7.
Address input to output propagation delays
001aah122
An input
Qn output
tPHL
tPLH
GND
VCC
VM
VM
VOH
VOL
Measurement points are given in Table 9.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 8.
Enable input to output propagation delays and pulse width
tPHL
VCC
GND
D input
LE input
Qn output
tTHL
tTLH
tW
VM
VY
VM
VX
tPLH
VCC
GND
VOH
VOL
001aaj446
Measurement points are given in Table 9.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 9.
Master reset input to output propagation delays
001aah124
MR input
Qn output
tPHL
tW
VM
VOH
VCC
GND
VOL
VM


Similar Part No. - 74HC259D.653

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC259D PHILIPS-74HC259D Datasheet
87Kb / 11P
   8-bit addressable latch
December 1990
74HC259D NXP-74HC259D Datasheet
134Kb / 21P
   8-bit addressable latch
Rev. 04-25 February 2009
logo
Toshiba Semiconductor
74HC259D TOSHIBA-74HC259D Datasheet
238Kb / 11P
   CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-04 Rev.3.0
logo
Nexperia B.V. All right...
74HC259D NEXPERIA-74HC259D Datasheet
316Kb / 18P
   8-bit addressable latch
Rev. 8 - 5 December 2022
logo
NXP Semiconductors
74HC259D-Q100 NXP-74HC259D-Q100 Datasheet
261Kb / 20P
   8-bit addressable latch
Rev. 1-30 July 2012
More results

Similar Description - 74HC259D.653

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74AC259 HITACHI-HD74AC259 Datasheet
69Kb / 11P
   8-bit Addressable Latch
logo
Fairchild Semiconductor
DM9334 FAIRCHILD-DM9334 Datasheet
65Kb / 5P
   8-Bit Addressable Latch
logo
STMicroelectronics
HCC4724B STMICROELECTRONICS-HCC4724B Datasheet
302Kb / 14P
   8 BIT ADDRESSABLE LATCH
logo
ON Semiconductor
MC74AC259 ONSEMI-MC74AC259_15 Datasheet
96Kb / 9P
   8-Bit Addressable Latch
March, 2015 ??Rev. 7
logo
Texas Instruments
NTE4099B TI-NTE4099B Datasheet
976Kb / 16P
[Old version datasheet]   8-Bit Addressable Latch
logo
Toshiba Semiconductor
TC40H259P TOSHIBA-TC40H259P Datasheet
230Kb / 5P
   8-BIT ADDRESSABLE LATCH
logo
NXP Semiconductors
74HC259 NXP-74HC259 Datasheet
134Kb / 21P
   8-bit addressable latch
Rev. 04-25 February 2009
logo
Renesas Technology Corp
HD74AC259 RENESAS-HD74AC259 Datasheet
217Kb / 8P
   8-bit Addressable Latch
logo
Toshiba Semiconductor
TC74HC259AP TOSHIBA-TC74HC259AP_07 Datasheet
361Kb / 10P
   8-Bit Addressable Latch
logo
NXP Semiconductors
74HC_HCT259 PHILIPS-74HC_HCT259_15 Datasheet
162Kb / 22P
   8-bit addressable latch
Rev. 5-7 August 2012
logo
National Semiconductor ...
93L34 NSC-93L34 Datasheet
93Kb / 8P
   8-Bit Addressable Latch
June 1989
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com