Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC4051D-T Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74HC4051D-T
Description  8-channel analog multiplexer/demultiplexer
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC4051D-T Datasheet(HTML) 5 Page - NXP Semiconductors

  74HC4051D-T Datasheet HTML 1Page - NXP Semiconductors 74HC4051D-T Datasheet HTML 2Page - NXP Semiconductors 74HC4051D-T Datasheet HTML 3Page - NXP Semiconductors 74HC4051D-T Datasheet HTML 4Page - NXP Semiconductors 74HC4051D-T Datasheet HTML 5Page - NXP Semiconductors 74HC4051D-T Datasheet HTML 6Page - NXP Semiconductors 74HC4051D-T Datasheet HTML 7Page - NXP Semiconductors 74HC4051D-T Datasheet HTML 8Page - NXP Semiconductors 74HC4051D-T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
74HC_HCT4051
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 7 — 19 July 2012
5 of 31
NXP Semiconductors
74HC4051; 74HCT4051
8-channel analog multiplexer/demultiplexer
7.
Functional description
7.1 Function table
[1]
H = HIGH voltage level;
L = LOW voltage level;
X = don’t care.
8.
Limiting values
[1]
To avoid drawing VCC current out of terminal Z, when switch current flows into terminals Yn, the voltage drop across the bidirectional
switch must not exceed 0.4 V. If the switch current flows into terminal Z, no VCC current will flow out of terminals Yn, and in this case
there is no limit for the voltage drop across the switch, but the voltages at Yn and Z may not exceed VCC or VEE.
[2]
For DIP16 packages: above 70
C the value of P
tot derates linearly with 12 mW/K.
[3]
For SO16 packages: above 70
C the value of P
tot derates linearly with 8 mW/K.
For SSOP16 and TSSOP16 packages: above 60
C the value of P
tot derates linearly with 5.5 mW/K.
For DHVQFN16 packages: above 60
C the value of P
tot derates linearly with 4.5 mW/K.
Table 3.
Function table[1]
Input
Channel ON
E
S2
S1
S0
LLLLY0 to Z
LLLH
Y1 to Z
L
L
H
L
Y2toZ
L
L
H
H
Y3toZ
LH
LLY4 to Z
LH
LH
Y5 to Z
L
HHL
Y6 to Z
L
HHHY7 to Z
H
XXXswitches off
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to VSS = 0 V (ground).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
[1]
0.5
+11.0
V
IIK
input clamping current
VI < 0.5 V or VI >VCC +0.5 V
-
20
mA
ISK
switch clamping current
VSW < 0.5 V or VSW >VCC +0.5 V
-
20
mA
ISW
switch current
0.5 V < V
SW <VCC +0.5 V
-
25
mA
IEE
supply current
-
20
mA
ICC
supply current
-
50
mA
IGND
ground current
-
50
mA
Tstg
storage temperature
65
+150
C
Ptot
total power dissipation
DIP16 package
[2] -
750
mW
SO16, (T)SSOP16, and
DHVQFN16 package
[3] -
500
mW
P
power dissipation
per switch
-
100
mW


Similar Part No. - 74HC4051D-T

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HC4051D-Q100 NEXPERIA-74HC4051D-Q100 Datasheet
913Kb / 31P
   8-channel analog multiplexer/demultiplexer
More results

Similar Description - 74HC4051D-T

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MZ4051FK TOSHIBA-TC7MZ4051FK_07 Datasheet
236Kb / 11P
   8-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
SN74LV4051A-EP TI1-SN74LV4051A-EP Datasheet
490Kb / 13P
[Old version datasheet]    8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
74HCT4051PW-118 PHILIPS-74HCT4051PW-118 Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
74HC_HCT4051 PHILIPS-74HC_HCT4051_15 Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
logo
Unisonic Technologies
U74HC4051 UTC-U74HC4051_18 Datasheet
256Kb / 9P
   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
U74LVX4051 UTC-U74LVX4051_16 Datasheet
229Kb / 10P
   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Texas Instruments
SN74LV4051A-Q1 TI-SN74LV4051A-Q1 Datasheet
325Kb / 14P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
HEF4051BT PHILIPS-HEF4051BT Datasheet
174Kb / 23P
   8-channel analog multiplexer/demultiplexer
Rev. 10-17 November 2011
logo
Unisonic Technologies
U74HC4051 UTC-U74HC4051 Datasheet
259Kb / 9P
   8-CHANNEL ANALOG MULTIPLEXER / DEMULTIPLEXER
U74LVX4051 UTC-U74LVX4051 Datasheet
241Kb / 11P
   8-Channel Analog Multiplexer/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com