Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT259D Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74HCT259D
Description  8-bit addressable latch
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT259D Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74HCT259D Datasheet HTML 5Page - NXP Semiconductors 74HCT259D Datasheet HTML 6Page - NXP Semiconductors 74HCT259D Datasheet HTML 7Page - NXP Semiconductors 74HCT259D Datasheet HTML 8Page - NXP Semiconductors 74HCT259D Datasheet HTML 9Page - NXP Semiconductors 74HCT259D Datasheet HTML 10Page - NXP Semiconductors 74HCT259D Datasheet HTML 11Page - NXP Semiconductors 74HCT259D Datasheet HTML 12Page - NXP Semiconductors 74HCT259D Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
74HC_HCT259
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 5 — 7 August 2012
9 of 22
NXP Semiconductors
74HC259; 74HCT259
8-bit addressable latch
tsu
set-up time
D, An to LE;
see Figure 10 and
Figure 11
VCC = 2.0 V
80
19
-
100
-
120
-
ns
VCC = 4.5 V
16
7
-
20
-
24
-
ns
VCC = 6.0 V
14
6
-
17
-
20
-
ns
th
hold time
D to LE; see Figure 10
and Figure 11
VCC = 2.0 V
0
19
-
0
-
0
-
ns
VCC = 4.5 V
0
6-
0
-
0
-
ns
VCC = 6.0 V
0
5-
0
-
0
-
ns
An to LE; see Figure 10
and Figure 11
VCC = 2.0 V
2
11
-
2
-
2
-
ns
VCC = 4.5 V
2
4-
2
-
2
-
ns
VCC = 6.0 V
2
3-
2
-
2
-
ns
CPD
power
dissipation
capacitance
fi = 1 MHz;
VI =GND to VCC
[4]
-19
-
-
-
-
-
pF
74HCT259
tpd
propagation
delay
D to Qn; see Figure 6
[2]
VCC = 4.5 V
-
23
39
-
49
-
59
ns
VCC = 5.0 V; CL =15pF
-
20
-
-
-
-
-
ns
An to Qn; see Figure 7
[2]
VCC = 4.5 V
-
25
41
51
62
ns
VCC = 5.0 V; CL =15pF
-
20
-
-
-
-
-
ns
LE to Qn; see Figure 8
[2]
VCC = 4.5 V
-
22
38
-
48
-
57
ns
VCC = 5.0 V; CL =15pF
-
20
-
-
-
-
-
ns
tPHL
HIGH to LOW
propagation
delay
MR to Qn; see Figure 9
VCC = 4.5 V
-
23
39
-
49
-
59
ns
VCC = 5.0 V; CL =15pF
-
20
-
-
-
-
-
ns
tt
transition time
see Figure 8
[3]
VCC = 4.5 V
-
7
15
-
19
-
22
ns
tW
pulse width
LE HIGH or LOW;
see Figure 8
VCC = 4.5 V
19
11
-
24
-
29
-
ns
MR LOW; see Figure 9
VCC = 4.5 V
18
10
-
23
-
27
-
ns
Table 8.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 12.
Symbol Parameter
Conditions
25
C
40 C to +85 C 40 C to +125 C Unit
Min
Typ[1] Max
Min
Max
Min
Max


Similar Part No. - 74HCT259D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT259D PHILIPS-74HCT259D Datasheet
87Kb / 11P
   8-bit addressable latch
December 1990
74HCT259D NXP-74HCT259D Datasheet
134Kb / 21P
   8-bit addressable latch
Rev. 04-25 February 2009
logo
Nexperia B.V. All right...
74HCT259D NEXPERIA-74HCT259D Datasheet
316Kb / 18P
   8-bit addressable latch
Rev. 8 - 5 December 2022
logo
NXP Semiconductors
74HCT259D-Q100 NXP-74HCT259D-Q100 Datasheet
261Kb / 20P
   8-bit addressable latch
Rev. 1-30 July 2012
logo
Nexperia B.V. All right...
74HCT259D-Q100 NEXPERIA-74HCT259D-Q100 Datasheet
287Kb / 17P
   8-bit addressable latch
Rev. 2 - 2 September 2020
More results

Similar Description - 74HCT259D

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74AC259 HITACHI-HD74AC259 Datasheet
69Kb / 11P
   8-bit Addressable Latch
logo
Fairchild Semiconductor
DM9334 FAIRCHILD-DM9334 Datasheet
65Kb / 5P
   8-Bit Addressable Latch
logo
STMicroelectronics
HCC4724B STMICROELECTRONICS-HCC4724B Datasheet
302Kb / 14P
   8 BIT ADDRESSABLE LATCH
logo
ON Semiconductor
MC74AC259 ONSEMI-MC74AC259_15 Datasheet
96Kb / 9P
   8-Bit Addressable Latch
March, 2015 ??Rev. 7
logo
Texas Instruments
NTE4099B TI-NTE4099B Datasheet
976Kb / 16P
[Old version datasheet]   8-Bit Addressable Latch
logo
Toshiba Semiconductor
TC40H259P TOSHIBA-TC40H259P Datasheet
230Kb / 5P
   8-BIT ADDRESSABLE LATCH
logo
NXP Semiconductors
74HC259 NXP-74HC259 Datasheet
134Kb / 21P
   8-bit addressable latch
Rev. 04-25 February 2009
logo
Renesas Technology Corp
HD74AC259 RENESAS-HD74AC259 Datasheet
217Kb / 8P
   8-bit Addressable Latch
logo
Toshiba Semiconductor
TC74HC259AP TOSHIBA-TC74HC259AP_07 Datasheet
361Kb / 10P
   8-Bit Addressable Latch
logo
NXP Semiconductors
74HC_HCT259 PHILIPS-74HC_HCT259_15 Datasheet
162Kb / 22P
   8-bit addressable latch
Rev. 5-7 August 2012
logo
National Semiconductor ...
93L34 NSC-93L34 Datasheet
93Kb / 8P
   8-Bit Addressable Latch
June 1989
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com