Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQD20N06LE Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FQD20N06LE
Description  60V LOGIC N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD20N06LE Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FQD20N06LE Datasheet HTML 1Page - Fairchild Semiconductor FQD20N06LE Datasheet HTML 2Page - Fairchild Semiconductor FQD20N06LE Datasheet HTML 3Page - Fairchild Semiconductor FQD20N06LE Datasheet HTML 4Page - Fairchild Semiconductor FQD20N06LE Datasheet HTML 5Page - Fairchild Semiconductor FQD20N06LE Datasheet HTML 6Page - Fairchild Semiconductor FQD20N06LE Datasheet HTML 7Page - Fairchild Semiconductor FQD20N06LE Datasheet HTML 8Page - Fairchild Semiconductor FQD20N06LE Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
©2001 Fairchild Semiconductor Corporation
Rev. B1. May 2001
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
※ No t e s :
1 . Z
θ
JC(t ) = 3 . 2 8
℃ /W M a x .
2 . D u t y F a c t o r , D = t
1
/t
2
3 . T
JM - T C = P DM * Z θ
JC(t )
s i n g le p u ls e
D= 0 . 5
0. 0 2
0. 2
0. 0 5
0. 1
0. 0 1
t
1 ,
S quar e W a v e P u l s e D u r a t i on [ s ec ]
25
50
75
100
125
150
0
5
10
15
20
T
C, Case Temperature [
℃]
10
-1
10
0
10
1
10
2
10
-1
10
0
10
1
10
2
10
3
DC
10 ms
1 ms
100
µs
Operation in This Area
is Limited by R
DS(on)
※ Notes :
1. T
C = 25
o
C
2. T
J = 150
o
C
3. Single Pulse
V
DS, Drain-Source Voltage [V]
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
※ Notes :
1. V
GS
= 10 V
2. I
D
= 8.6 A
T
J, Junction Temperature [
o
C]
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
※Notes:
1. V
GS = 0 V
2. I
D = 250
μ A
T
J, Junction Temperature [
oC]
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
vs. Case Temperature
Figure 7. Breakdown Voltage Variation
vs. Temperature
Figure 8. On-Resistance Variation
vs. Temperature
Figure 11. Transient Thermal Response Curve
t
1
PDM
t
2
Typical Characteristics (Continued)


Similar Part No. - FQD20N06LE

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
FQD20N06LE VBSEMI-FQD20N06LE Datasheet
899Kb / 6P
   N-Channel 6 0-V (D-S) MOSFET
More results

Similar Description - FQD20N06LE

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB20N06L FAIRCHILD-FQB20N06L Datasheet
680Kb / 9P
   60V LOGIC N-Channel MOSFET
FQP20N06L FAIRCHILD-FQP20N06L Datasheet
673Kb / 8P
   60V LOGIC N-Channel MOSFET
FQP50N06L FAIRCHILD-FQP50N06L Datasheet
647Kb / 8P
   60V LOGIC N-Channel MOSFET
FQPF20N06L FAIRCHILD-FQPF20N06L Datasheet
661Kb / 8P
   60V LOGIC N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMU20N06L KERSEMI-KSMU20N06L Datasheet
1Mb / 8P
   60V LOGIC N-Channel MOSFET
logo
Fairchild Semiconductor
FQP30N06L FAIRCHILD-FQP30N06L Datasheet
623Kb / 8P
   60V LOGIC N-Channel MOSFET
FQPF50N06L FAIRCHILD-FQPF50N06L Datasheet
664Kb / 8P
   60V LOGIC N-Channel MOSFET
FQU20N06L FAIRCHILD-FQU20N06L_09 Datasheet
860Kb / 9P
   60V LOGIC N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSM50N06L KERSEMI-KSM50N06L Datasheet
1Mb / 6P
   60V LOGIC N-Channel MOSFET
KSM30N06L KERSEMI-KSM30N06L Datasheet
1Mb / 6P
   60V LOGIC N-Channel MOSFET
logo
Fairchild Semiconductor
FQD13N06L FAIRCHILD-FQD13N06L Datasheet
653Kb / 9P
   60V LOGIC N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com