Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQU20N06L Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FQU20N06L
Description  60V LOGIC N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQU20N06L Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FQU20N06L Datasheet HTML 1Page - Fairchild Semiconductor FQU20N06L Datasheet HTML 2Page - Fairchild Semiconductor FQU20N06L Datasheet HTML 3Page - Fairchild Semiconductor FQU20N06L Datasheet HTML 4Page - Fairchild Semiconductor FQU20N06L Datasheet HTML 5Page - Fairchild Semiconductor FQU20N06L Datasheet HTML 6Page - Fairchild Semiconductor FQU20N06L Datasheet HTML 7Page - Fairchild Semiconductor FQU20N06L Datasheet HTML 8Page - Fairchild Semiconductor FQU20N06L Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
May 2001
QFETTM
©2001 Fairchild Semiconductor Corporation
Rev. A1. May 2001
FQD20N06L / FQU20N06L
60V LOGIC N-Channel MOSFET
General Description
These N-Channel enhancement mode power field effect
transistors are produced using Fairchild’s proprietary,
planar stripe, DMOS technology.
This advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the
avalanche and commutation mode. These devices are well
suited for low voltage applications such as automotive, DC/
DC converters, and high efficiency switching for power
management in portable and battery operated products.
Features
• 17.2A, 60V, RDS(on) = 0.06Ω @ VGS = 10V
• Low gate charge ( typical 9.5 nC)
• Low Crss ( typical 35 pF)
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability
• 150oC maximum junction temperature rating
• Low level gate drive requirements allowing direct
operation form logic drivers
Absolute Maximum Ratings T
C = 25°C unless otherwise noted
Thermal Characteristics
Symbol
Parameter
FQD20N06L / FQU20N06L
Units
VDSS
Drain-Source Voltage
60
V
ID
Drain Current
- Continuous (TC = 25°C)
17.2
A
- Continuous (TC = 100°C)
10.9
A
IDM
Drain Current
- Pulsed
(Note 1)
68.8
A
VGSS
Gate-Source Voltage
± 20
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
170
mJ
IAR
Avalanche Current
(Note 1)
17.2
A
EAR
Repetitive Avalanche Energy
(Note 1)
3.8
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
7.0
V/ns
PD
Power Dissipation (TA = 25°C) *
2.5
W
Power Dissipation (TC = 25°C)
38
W
- Derate above 25°C
0.30
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum lead temperature for soldering purposes,
1/8" from case for 5 seconds
300
°C
Symbol
Parameter
Typ
Max
Units
RθJC
Thermal Resistance, Junction-to-Case
--
3.28
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient *
--
50
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
--
110
°C/W
* When mounted on the minimum pad size recommended (PCB Mount)
! "
!
!
!
"
"
"
! "
!
!
!
"
"
"
S
D
G
I-PAK
FQU Series
D-PAK
FQD Series
G
S
D
G
S
D


Similar Part No. - FQU20N06L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQU20N06L FAIRCHILD-FQU20N06L Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 60 V, 17.2 A, 42 m廓
FQU20N06L FAIRCHILD-FQU20N06L Datasheet
1Mb / 8P
   N-Channel QFET MOSFET 60 V, 17.2 A, 42 m
logo
Inchange Semiconductor ...
FQU20N06L ISC-FQU20N06L Datasheet
330Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
logo
Fairchild Semiconductor
FQU20N06LE FAIRCHILD-FQU20N06LE Datasheet
656Kb / 9P
   60V LOGIC N-Channel MOSFET
FQU20N06LTU FAIRCHILD-FQU20N06LTU Datasheet
892Kb / 8P
   100% Avalanche Tested
More results

Similar Description - FQU20N06L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB20N06L FAIRCHILD-FQB20N06L Datasheet
680Kb / 9P
   60V LOGIC N-Channel MOSFET
FQP20N06L FAIRCHILD-FQP20N06L Datasheet
673Kb / 8P
   60V LOGIC N-Channel MOSFET
FQP50N06L FAIRCHILD-FQP50N06L Datasheet
647Kb / 8P
   60V LOGIC N-Channel MOSFET
FQPF20N06L FAIRCHILD-FQPF20N06L Datasheet
661Kb / 8P
   60V LOGIC N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMU20N06L KERSEMI-KSMU20N06L Datasheet
1Mb / 8P
   60V LOGIC N-Channel MOSFET
logo
Fairchild Semiconductor
FQP30N06L FAIRCHILD-FQP30N06L Datasheet
623Kb / 8P
   60V LOGIC N-Channel MOSFET
FQPF50N06L FAIRCHILD-FQPF50N06L Datasheet
664Kb / 8P
   60V LOGIC N-Channel MOSFET
FQU20N06L FAIRCHILD-FQU20N06L_09 Datasheet
860Kb / 9P
   60V LOGIC N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSM50N06L KERSEMI-KSM50N06L Datasheet
1Mb / 6P
   60V LOGIC N-Channel MOSFET
KSM30N06L KERSEMI-KSM30N06L Datasheet
1Mb / 6P
   60V LOGIC N-Channel MOSFET
logo
Fairchild Semiconductor
FQD13N06L FAIRCHILD-FQD13N06L Datasheet
653Kb / 9P
   60V LOGIC N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com