Electronic Components Datasheet Search |
|
74LVC1G74GS.125 Datasheet(PDF) 8 Page - NXP Semiconductors |
|
74LVC1G74GS.125 Datasheet(HTML) 8 Page - NXP Semiconductors |
8 / 25 page 74LVC1G74 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2013. All rights reserved. Product data sheet Rev. 12 — 2 April 2013 8 of 25 NXP Semiconductors 74LVC1G74 Single D-type flip-flop with set and reset; positive edge trigger [1] All typical values are measured at Tamb = 25 C. Tamb = 40 C to +125 C VIH HIGH-level input voltage VCC = 1.65 V to 1.95 V 0.65 V CC -- V VCC = 2.3 V to 2.7 V 1.7 - - V VCC = 2.7 V to 3.6 V 2.0 - - V VCC = 4.5 V to 5.5 V 0.7 V CC -- V VIL LOW-level input voltage VCC = 1.65 V to 1.95 V - - 0.35 V CC V VCC = 2.3 V to 2.7 V - - 0.7 V VCC = 2.7 V to 3.6 V - - 0.8 V VCC = 4.5 V to 5.5 V - - 0.3 V CC V VOH HIGH-level output voltage VI = VIH or VIL IO = 100 A; VCC = 1.65 V to 5.5 V VCC 0.1 - - V IO = 4 mA; VCC = 1.65 V 0.95 - - V IO = 8 mA; VCC = 2.3 V 1.7 - - V IO = 12 mA; VCC = 2.7 V 1.9 - - V IO = 24 mA; VCC = 3.0 V 2.0 - - V IO = 32 mA; VCC = 4.5 V 3.4 - - V VOL LOW-level output voltage VI = VIH or VIL IO = 100 A; VCC = 1.65 V to 5.5 V - - 0.10 V IO = 4 mA; VCC = 1.65 V - - 0.70 V IO = 8 mA; VCC = 2.3 V - - 0.45 V IO = 12 mA; VCC = 2.7 V - - 0.60 V IO = 24 mA; VCC = 3.0 V - - 0.80 V IO = 32 mA; VCC = 4.5 V - - 0.80 V II input leakage current VI = 5.5 V or GND; VCC =0 Vto 5.5 V -- 20 A IOFF power-off leakage current VI or VO = 5.5 V; VCC = 0 V - - 20 A ICC supply current VI = 5.5 V or GND; VCC = 1.65Vto 5.5V; IO =0A -- 40 A I CC additional supply current per pin; VI = VCC 0.6 V; IO = 0 A; VCC =2.3 V to 5.5 V -- 5000 A Table 8. Static characteristics …continued At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol Parameter Conditions Min Typ[1] Max Unit |
Similar Part No. - 74LVC1G74GS.125 |
|
Similar Description - 74LVC1G74GS.125 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |