Selected language     English  ▼


W005 Datasheet(PDF) 1 Page - First Components International

Part No. W005
Description  1.5 Amp SINGLE PHASE SILICON BRIDGE LOW LEAKAGE CURRENT
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FCI [First Components International]
Homepage  http://www.cotra.com.tw/
Logo 

   
 1 page
background image
Dimensions in inches and (millimeters)
WOB
.360(9.1)
.340(8.6)
1.0(25.4)
MIN.
.217(5.5)
.197(5.0)
1.2(30.5)
MIN.
.032(0.8)
.028(0.7)
.220(5.6)
.180(4.6)
.220(5.6)
.180(4.6)
POS
LEAD
Description
Mechanical Dimensions
Data Sheet
1.5 Amp
SINGLE PHASE SILICON BRIDGE
Features
n 200 AMP SURGE OVERLOAD RATING
n MEETS UL SPECIFICATION 94V-0
Maximum Ratings
W005 . . . 10 Series
Average Forward Rectified Current...I
F(av)
T
A = 25°C
Non-Repetitive Peak Forward Surge Current...I
FSM
8.3 ms Single ½ Sine Wave Imposed on Rated Load
Operating & Storage Temperature Range...T
J, TSTRG
Maximum Forward Voltage...V
F
Per Bridge Element @ 1.0 Amp
Maximum DC Reverse Current Per Bridge Element...I
R
@ Rated DC Blocking Voltage
T
A =25°C
T
A =100°C
Units
Volts
Volts
Volts
............................................. 1.5 ...............................................
............................................. 50 ...............................................
........................................ -55 to 125 .........................................
............................................. 1.0 ...............................................
............................................. 10 ...............................................
............................................. 1.0 ...............................................
Amps
Amps
°C
Volts
µAmps
mAmps
W005
W01
W02
W04
W06
W08
W10
50
100
200
400
600
800
1000
35
70
140
280
420
560
700
50
100
200
400
600
800
1000
Peak Repetitive Reverse Voltage...V
RRM
RMS Reverse Voltage...V
R(rms)
DC Blocking Voltage...V
DC
n COMPACT SIZE
n LOW LEAKAGE CURRENT
Electrical Characteristics
WEIGHT: 1.1GRAMS
n




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl