Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQD2N40 Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FQD2N40
Description  400V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD2N40 Datasheet(HTML) 9 Page - Fairchild Semiconductor

  FQD2N40 Datasheet HTML 1Page - Fairchild Semiconductor FQD2N40 Datasheet HTML 2Page - Fairchild Semiconductor FQD2N40 Datasheet HTML 3Page - Fairchild Semiconductor FQD2N40 Datasheet HTML 4Page - Fairchild Semiconductor FQD2N40 Datasheet HTML 5Page - Fairchild Semiconductor FQD2N40 Datasheet HTML 6Page - Fairchild Semiconductor FQD2N40 Datasheet HTML 7Page - Fairchild Semiconductor FQD2N40 Datasheet HTML 8Page - Fairchild Semiconductor FQD2N40 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
  


 >    #
"B!   >




6


H



 !
"

#$%&H



 '(
 ')
 '*
+$%
$+,%
-
.

'4*F4/<4I**<<*)<F<*4;F'J<F';<@4FII*F<*4<'K
9*IF<*<449*)<*</4'C4/4KI4*<4; '4*F4/<'I<'K
/4'C4/4K'*44;IF<'99/4'4*I<'K9*I*4*I4<*4C<F<*<4L
<4F<*<4)<K'K/4<<I<*49'<*4;F*F<*4;FF<*

'4*F4/ 9*I '*<  'IF*4D< * I< ' *44'/ 9< 4 /4< I99*
<)4< * K< @4FI F< <M9*< @*4< '99*)'/  '4*F4/ <4I*
4<*'4'/
'N
% /! ! 
 01  "
0"1 0 1 
    
!   "   " "  B  
  O
6 '     
!          "
" B    
!   !

   
 ! "#
$#$
 "
'! 4
!4

   
 !     
 
9 
9 
  
  ""  
    !>
 !

4 
 9 
       
  !> 
 !
" 
49 
    
" "    
  


Similar Part No. - FQD2N40

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FQD2N40 ISC-FQD2N40 Datasheet
305Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-08
More results

Similar Description - FQD2N40

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB6N40C FAIRCHILD-FQB6N40C Datasheet
663Kb / 9P
   400V N-Channel MOSFET
FQA17N40 FAIRCHILD-FQA17N40 Datasheet
730Kb / 8P
   400V N-CHANNEL MOSFET
FQP6N40CF FAIRCHILD-FQP6N40CF_12 Datasheet
1Mb / 10P
   400V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFS11N40 SEMIHOW-HFS11N40 Datasheet
786Kb / 7P
   400V N-Channel MOSFET
logo
Fairchild Semiconductor
FQAF11N40 FAIRCHILD-FQAF11N40 Datasheet
698Kb / 8P
   400V N-Channel MOSFET
FQAF17N40 FAIRCHILD-FQAF17N40 Datasheet
707Kb / 8P
   400V N-Channel MOSFET
FQPF5N40 FAIRCHILD-FQPF5N40 Datasheet
728Kb / 8P
   400V N-Channel MOSFET
FQP3N40 FAIRCHILD-FQP3N40 Datasheet
716Kb / 8P
   400V N-Channel MOSFET
FQD3N40 FAIRCHILD-FQD3N40 Datasheet
717Kb / 9P
   400V N-Channel MOSFET
FQL50N40 FAIRCHILD-FQL50N40 Datasheet
798Kb / 8P
   400V N-Channel MOSFET
IRF740B FAIRCHILD-IRF740B Datasheet
894Kb / 10P
   400V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com