Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPS6021STRRPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IPS6021STRRPBF
Description  INTELLIGENT POWER HIGH SIDE SWITCH
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IPS6021STRRPBF Datasheet(HTML) 2 Page - International Rectifier

  IPS6021STRRPBF Datasheet HTML 1Page - International Rectifier IPS6021STRRPBF Datasheet HTML 2Page - International Rectifier IPS6021STRRPBF Datasheet HTML 3Page - International Rectifier IPS6021STRRPBF Datasheet HTML 4Page - International Rectifier IPS6021STRRPBF Datasheet HTML 5Page - International Rectifier IPS6021STRRPBF Datasheet HTML 6Page - International Rectifier IPS6021STRRPBF Datasheet HTML 7Page - International Rectifier IPS6021STRRPBF Datasheet HTML 8Page - International Rectifier IPS6021STRRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
IPS6021(S)(R)PbF
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters
are referenced to Ground lead. (Tambient=25°C unless otherwise specified).
Symbol
Parameter
Min.
Max.
Units
Vout
Maximum output voltage
Vcc-35 Vcc+0.3
Voffset
Maximum logic ground to load ground offset
Vcc-35 Vcc+0.3
Vin
Maximum input voltage
-0.3
5.5
Vcc max.
Maximum Vcc voltage
36
Vcc cont.
Maximum continuous Vcc voltage
28
Vcc sc.
Maximum Vcc voltage with short circuit protection
28
V
Iin max.
Maximum IN current
-3
10
Idg max.
Maximum diagnostic output current
-3
10
mA
Vdg
Maximum diagnostic output voltage
-0.3
5.5
V
Maximum power dissipation (internally limited by thermal protection)
Rth=5°C/W IPS6021
25
Rth=40°C/W IPS6021S 1”sqrt. footprint
3.1
Pd
Rth=50°C/W IPS6021R 1”sqrt. footprint
2.5
W
Electrostatic discharge voltage (Human body) C=100pF, R=1500
Between In and Vcc
1500
Other combinations
4000
Electrostatic discharge voltage (Machine Model) C=200pF,R=0
Ω,L=10µH
Between In and Vcc
100
ESD
Other combinations
500
V
Tj max.
Max. storage & operating temperature junction temperature
-40
150
°C
Tsoldering
Soldering temperature (10 seconds)
300
°C
Thermal Characteristics
Symbol
Parameter
Typ.
Max.
Units
Rth1
Thermal resistance junction to ambient IPS6021 TO220 free air
50
Rth2
Thermal resistance junction to case IPS6021 TO220
2.6
Rth1
Thermal resistance junction to ambient IPS6021S D²Pak std. footprint
60
Rth2
Thermal resistance junction to ambient IPS6021S D²Pak 1” sqrt. footprint
40
Rth3
Thermal resistance junction to case IPS6021S D²Pak
2.6
Rth1
Thermal resistance junction to ambient IPS6021R D-Pak std. footprint
70
Rth2
Thermal resistance junction to ambient IPS6021R D-Pak 1” sqrt. footprint
50
Rth3
Thermal resistance junction to case IPS6021R D-Pak
2.6
°C/W
Recommended Operating Conditions
These values are given for a quick design. For operation outside these conditions, please consult the application notes.
Symbol
Parameter
Min.
Max.
Units
VIH
High level input voltage
4
5.5
VIL
Low level input voltage
0
0.9
Continuous drain current, Tambient=85°C, Tj=125°C, Vin=5V
Rth=5°C/W IPS6021
12
Rth=40°C/W IPS6021S 1” sqrt. footprint
4.3
Iout
Rth=50°C/W IPS6021R 1” sqrt. footprint
3.9
A
Rin
Recommended resistor in series with IN pin
4
10
Rdgs
Recommended resistor in series with DG pin for reverse battery protection
4
20
Rdgp
Recommended pull-up resistor for DG
4
20
Rol
Recommended pull-up resistor for open load detection
5
100
k
F max.
Max. switching frequency
1.5
kHz
www.irf.com
2


Similar Part No. - IPS6021STRRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IPS6021SPBF IRF-IPS6021SPBF Datasheet
639Kb / 13P
   INTELLIGENT POWER HIGH SIDE SWITCH
IPS6021SPBF IRF-IPS6021SPBF Datasheet
728Kb / 14P
   INTELLIGENT POWER HIGH SIDE SWITCH
IPS6021SRPBF IRF-IPS6021SRPBF Datasheet
639Kb / 13P
   INTELLIGENT POWER HIGH SIDE SWITCH
More results

Similar Description - IPS6021STRRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIPS6041G IRF-AUIPS6041G Datasheet
1Mb / 20P
   INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS6011 IRF-AUIPS6011_15 Datasheet
1Mb / 17P
   INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS6041 IRF-AUIPS6041_15 Datasheet
1Mb / 20P
   INTELLIGENT POWER HIGH SIDE SWITCH
IPS6011PBF IRF-IPS6011PBF Datasheet
655Kb / 13P
   INTELLIGENT POWER HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIPS7091 INFINEON-AUIPS7091 Datasheet
1Mb / 19P
   INTELLIGENT POWER HIGH SIDE SWITCH
March, 26th 2012 revision B
logo
International Rectifier
IPS6041PBF IRF-IPS6041PBF Datasheet
802Kb / 15P
   INTELLIGENT POWER HIGH SIDE SWITCH
IPS6041GTRPBF IRF-IPS6041GTRPBF Datasheet
888Kb / 16P
   INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS7091 IRF-AUIPS7091_15 Datasheet
1Mb / 19P
   INTELLIGENT POWER HIGH SIDE SWITCH
IPS7081 IRF-IPS7081 Datasheet
704Kb / 14P
   INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS7081 IRF-AUIPS7081 Datasheet
1Mb / 19P
   INTELLIGENT POWER HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIPS6031 INFINEON-AUIPS6031 Datasheet
1Mb / 17P
   INTELLIGENT POWER HIGH SIDE SWITCH
May 15, 2012 Revision C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com