Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR5001STRPBF Datasheet(PDF) 8 Page - International Rectifier

Part # IR5001STRPBF
Description  UNIVERSAL ACTIVE ORING CONTROLLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR5001STRPBF Datasheet(HTML) 8 Page - International Rectifier

Back Button IR5001STRPBF Datasheet HTML 4Page - International Rectifier IR5001STRPBF Datasheet HTML 5Page - International Rectifier IR5001STRPBF Datasheet HTML 6Page - International Rectifier IR5001STRPBF Datasheet HTML 7Page - International Rectifier IR5001STRPBF Datasheet HTML 8Page - International Rectifier IR5001STRPBF Datasheet HTML 9Page - International Rectifier IR5001STRPBF Datasheet HTML 10Page - International Rectifier IR5001STRPBF Datasheet HTML 11Page - International Rectifier IR5001STRPBF Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
IR5001S & (PbF)
8
www.irf.com
DETAILED PIN DESCRIPTION
Vline and Vcc
Vline and Vcc are the input and output pins of
the internal shunt regulator. The internal shunt
regulator regulates the Vcc voltage at ~12V. The
Vcc pin should always be by-passed with a ceramic
capacitor to the Gnd pin.
Both Vline and Vcc pins can be used for biasing
the IR5001S, as shown in Fig. 16. The Vline pin is
designed to bias the IR5001S directly when the
available bias voltage is above 25V and less than
100V (targeted at typical 36V – 75V telecom
applications). This connection is shown in Fig 16.a.
If the available Vbias voltage is lower than 25V, then
the IC must be biased using Vcc pin and an external
bias resistor as shown in Fig. 16.b. If the available
bias voltage is above 100V, both Vline and Vcc pins
can be used with an external bias resistor. For
calculation of the proper bias resistor value, see
example below.
When the Vcc pin is used for biasing the
IR5001S, the Vbias must always be higher than the
maximum value of the Vcc UVLO threshold (10.7V).
The Rbias resistor should always be connected
between the Vbias voltage source and Vcc pin. The
Rbias resistor is selected to provide adequate Icc
current for the IC. The minimum required Icc to
guarantee proper IC operation under all conditions is
0.5mA. The maximum Icc is specified at 5mA.
Vbias
IR5001
Vcc
FETch
INP
INN
Gnd
OUT
FETst
Vline
+
a)
b)
Vbias
IR5001
Vcc
FETch
INP
INN
Gnd
OUT
FETst
Vline
Rbias
+
Figue 16 - Biasing options for IR5001
An example of Rbias calculation is given below.
Vbias voltages used in the example are referenced
to IR5001S Gnd:
Vbias min = 12V
Vbias max = 16V
Rbias = (Vbias min – Vcc UVLOmax) / Icc min =
= (12V – 10.7V) / 0.5mA = 2.6kOhm
Next, using a minimum Vcc (10.2V), verify that Icc
with the selected Rbias will be less than 5mA:
Icc max = (Vbias max – Vcc min)/Rbias =
= (16V - 10.2V) / 2.6kOhm = 2.23mA
Since 2.23mA is below 5mA max Icc, the calculated
Rbias (2.6kOhm) can be used in this design.
INP and INN Inputs
INP and INN are the inputs of the internal high-
speed comparator.
Both pins have integrated on-
board voltage clamps and high-voltage 70kOhm
resistors.
In a typical application, INP should be connected
to the source of the N-FET and INN to the drain. To
improve the noise immunity, the connections from
INN and INP pins to the source and drain terminals
of the N-FET should be as short as possible.
The (INP – INN) voltage difference determines
the state of the Vout pin of the IR5001S. When the
body diode of the Active ORing N-FET is forward-
biased and the current first starts flowing, the
voltage difference INP – INN will quickly rise toward
~700mV (typical body diode forward voltage drop).
As soon as this voltage exceeds Vhyst –
Vos
(27mV typical), the Vout of the IR5001S will be
pulled high, turning the channel of the active ORing
FET on. As the channel of the N-FET becomes fully
enhanced, the (INP – INN) will reduce and stabilize
at the value determined by the source-drain current,
Isd, and Rds(on) of the N-FET:
(INP – INN) steady state = Isd * RDS(on).
If for some reason (due to a short-circuit failure of
the source, for example), the current reverses
direction and tries to flow from drain to source, the
(INP – INN) will become negative; The IR5001S will
then quickly pull its output low, switching the ORing
FET off. For considerations regarding the selection
of the Active ORing N-FET and RDS(on), see
Applications Information Section.
The offset voltage of the internal high-speed
comparator is centered around negative 4mV, and is
always less than 0mV. This asymmetrical offset


Similar Part No. - IR5001STRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR5001S IRF-IR5001S Datasheet
226Kb / 13P
   UNIVERSAL ACTIVE ORING CONTROLLER
IR5001S IRF-IR5001S Datasheet
149Kb / 12P
   UNIVERSAL ACTIVE ORING CONTROLLER
More results

Similar Description - IR5001STRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR5001S IRF-IR5001S Datasheet
149Kb / 12P
   UNIVERSAL ACTIVE ORING CONTROLLER
IR5001 IRF-IR5001 Datasheet
226Kb / 13P
   UNIVERSAL ACTIVE ORING CONTROLLER
logo
Vicor Corporation
PI2001 VICOR-PI2001 Datasheet
817Kb / 23P
   Universal Active ORing Controller IC
PI2003 VICOR-PI2003 Datasheet
605Kb / 16P
   Universal Active ORing Controller IC
PI2007 VICOR-PI2007 Datasheet
926Kb / 19P
   Universal High Side Active ORing Controller IC
PI2007-00-QEIG VICOR-PI2007-00-QEIG Datasheet
926Kb / 19P
   Universal High Side Active ORing Controller IC
logo
Bel Fuse Inc.
LDX-D20 BEL-LDX-D20 Datasheet
486Kb / 3P
   Active ORing Controller
logo
Diodes Incorporated
ZXGD3111N7 DIODES-ZXGD3111N7 Datasheet
653Kb / 10P
   ACTIVE ORING MOSFET CONTROLLER
logo
Sensitron
SPOR30D28 SENSITRON-SPOR30D28 Datasheet
182Kb / 7P
   ACTIVE ORING CONTROLLER MODULE
logo
Diodes Incorporated
ZXGD3114N7 DIODES-ZXGD3114N7 Datasheet
472Kb / 11P
   600V ACTIVE ORING MOSFET CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com