Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRAUDAMP8 Datasheet(PDF) 10 Page - International Rectifier

Part # IRAUDAMP8
Description  120W x 4 Channel Class D Audio Power Amplifier Using the IRS2093M and IRF6665
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRAUDAMP8 Datasheet(HTML) 10 Page - International Rectifier

Back Button IRAUDAMP8 Datasheet HTML 6Page - International Rectifier IRAUDAMP8 Datasheet HTML 7Page - International Rectifier IRAUDAMP8 Datasheet HTML 8Page - International Rectifier IRAUDAMP8 Datasheet HTML 9Page - International Rectifier IRAUDAMP8 Datasheet HTML 10Page - International Rectifier IRAUDAMP8 Datasheet HTML 11Page - International Rectifier IRAUDAMP8 Datasheet HTML 12Page - International Rectifier IRAUDAMP8 Datasheet HTML 13Page - International Rectifier IRAUDAMP8 Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
www.irf.com
Page 10 of 34
IRAUDAMP8 REV 1.0
Clipping characteristics
60W / 4
, 1kHz, THD+N=0.012%
174W / 4
, 1kHz, THD+N=10%
Measured Output and Distortion Waveforms
Fig 8 Clipping Characteristics
.
Red Trace: Total Distortion + Noise Voltage
Green Trace: Output Voltage


Similar Part No. - IRAUDAMP8

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAUDAMP8 IRF-IRAUDAMP8 Datasheet
944Kb / 34P
   120W x 4 Channel Class D Audio Power Amplifier
IRAUDAMP8 IRF-IRAUDAMP8_15 Datasheet
944Kb / 34P
   120W x 4 Channel Class D Audio Power Amplifier
More results

Similar Description - IRAUDAMP8

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAUDAMP5 IRF-IRAUDAMP5 Datasheet
2Mb / 49P
   120W x 2 Channel Class D Audio Power Amplifier Using the IRS2092S and IRF6645
IRAUDAMP8 IRF-IRAUDAMP8_15 Datasheet
944Kb / 34P
   120W x 4 Channel Class D Audio Power Amplifier
IRAUDAMP3 IRF-IRAUDAMP3 Datasheet
3Mb / 40P
   120W x 6 Channel Class D Audio Power Amplifier using IRS20124S and IRF6645
IRAUDAMP5 IRF-IRAUDAMP5_15 Datasheet
833Kb / 51P
   120W x 2 Channel Class D Audio Power Amplifier
IRAUDAMP11 IRF-IRAUDAMP11_15 Datasheet
802Kb / 35P
   120W x 3 Channel Class D Audio Power Amplifier
IRAUDAMP22 IRF-IRAUDAMP22 Datasheet
767Kb / 22P
   50W/2 x 2 Channel Class D Audio Power Amplifier Using the IR4322
IRAUDAMP21 IRF-IRAUDAMP21 Datasheet
820Kb / 22P
   90W/2廓 x 2 Channel Class D Audio Power Amplifier Using the IR4321
IRAUDAMP12 IRF-IRAUDAMP12_15 Datasheet
628Kb / 26P
   130W/4 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP15 IRF-IRAUDAMP15_15 Datasheet
524Kb / 13P
   35W/4 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP17 IRF-IRAUDAMP17_15 Datasheet
689Kb / 13P
   100W/4 x 2 Channel Class D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com