Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLRK31Q2R1-GS08 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # VLRK31Q2R1-GS08
Description  Reverse Gullwing SMD LED Red
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLRK31Q2R1-GS08 Datasheet(HTML) 6 Page - Vishay Siliconix

  VLRK31Q2R1-GS08 Datasheet HTML 1Page - Vishay Siliconix VLRK31Q2R1-GS08 Datasheet HTML 2Page - Vishay Siliconix VLRK31Q2R1-GS08 Datasheet HTML 3Page - Vishay Siliconix VLRK31Q2R1-GS08 Datasheet HTML 4Page - Vishay Siliconix VLRK31Q2R1-GS08 Datasheet HTML 5Page - Vishay Siliconix VLRK31Q2R1-GS08 Datasheet HTML 6Page - Vishay Siliconix VLRK31Q2R1-GS08 Datasheet HTML 7Page - Vishay Siliconix VLRK31Q2R1-GS08 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
VLRK31..
www.vishay.com
Vishay Semiconductors
Rev. 1.4, 22-May-13
6
Document Number: 81778
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
REEL DIMENSIONS in millimeters
SOLDERING PROFILE
Fig. 9 - Vishay Lead (Pb)-free Reflow Soldering Profile
(acc. to J-STD-020C)
Fig. 10 - Double Wave Soldering of Opto Devices (all Packages)
21067
0
50
100
150
200
250
300
0
50
100
150
200
250
300
Time (s)
240 °C
245 °C
max. 260 °C
max. 120 s
max. 100 s
217 °C
max. 30 s
max. ramp up 3 °C/s
max. ramp down 6 °C/s
19885
IR Reflow Soldering Profile for Lead (Pb)-free Soldering
Preconditioning acc. to JEDEC level 2a
max. 2 cycles allowed
255 °C
235 °C
to 260 °C
2 K/s
ca. 200 K/s
second
wave
first wave
5 s
full line: typical
dotted line: process limits
Time (s)
lead temperature
300
250
200
150
100
50
0
0
50
100
150
200
250
948626-1
TTW Soldering (acc. to CECC00802)
100 °C
to 130 °C
forced cooling
ca. 2 K/s
ca. 5 K/s


Similar Part No. - VLRK31Q2R1-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLRK31Q2R1-GS08 VISHAY-VLRK31Q2R1-GS08 Datasheet
268Kb / 8P
   Reverse Gullwing SMD LED Red
Rev. 1.4, 22-May-13
More results

Similar Description - VLRK31Q2R1-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLRK31R1S2 VISHAY-VLRK31R1S2 Datasheet
231Kb / 8P
   Reverse Gullwing SMD LED Red
VLRK31R1S2 VISHAY-VLRK31R1S2_V01 Datasheet
232Kb / 8P
   Reverse Gullwing SMD LED Red
01-Jan-2022
logo
HK TO-GRACE TECHNOLOGY ...
VLRK31R1S2 TO-GRACE-VLRK31R1S2 Datasheet
1,023Kb / 8P
   Reverse Gullwing SMD LED Red
logo
Vishay Siliconix
VLRK31 VISHAY-VLRK31 Datasheet
268Kb / 8P
   Reverse Gullwing SMD LED Red
Rev. 1.4, 22-May-13
VLRK31Q1R2 VISHAY-VLRK31Q1R2_V02 Datasheet
252Kb / 8P
   Reverse Gullwing SMD LED Red
01-Jan-2023
VLRE31 VISHAY-VLRE31 Datasheet
231Kb / 9P
   Reverse Gullwing SMD LED Yellow
Rev. 1.4, 22-May-13
VLRE31R1S2 VISHAY-VLRE31R1S2_V01 Datasheet
233Kb / 9P
   Reverse Gullwing SMD LED Yellow
01-Jan-2022
VLRE31R1S2 VISHAY-VLRE31R1S2 Datasheet
232Kb / 9P
   Reverse Gullwing SMD LED Yellow
VLRE31R1S2 VISHAY-VLRE31R1S2_V02 Datasheet
253Kb / 8P
   Reverse Gullwing SMD LED Yellow
01-Jan-2023
logo
HK TO-GRACE TECHNOLOGY ...
VLRE31R1S2 TO-GRACE-VLRE31R1S2 Datasheet
1Mb / 9P
   Reverse Gullwing SMD LED Yellow
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com