Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQD2P25 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FQD2P25
Description  250V P-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD2P25 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FQD2P25 Datasheet HTML 1Page - Fairchild Semiconductor FQD2P25 Datasheet HTML 2Page - Fairchild Semiconductor FQD2P25 Datasheet HTML 3Page - Fairchild Semiconductor FQD2P25 Datasheet HTML 4Page - Fairchild Semiconductor FQD2P25 Datasheet HTML 5Page - Fairchild Semiconductor FQD2P25 Datasheet HTML 6Page - Fairchild Semiconductor FQD2P25 Datasheet HTML 7Page - Fairchild Semiconductor FQD2P25 Datasheet HTML 8Page - Fairchild Semiconductor FQD2P25 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
©2000 Fairchild Semiconductor International
April 2000
Rev. A, April 2000
QFET
QFET
QFET
QFETTM
FQD2P25 / FQU2P25
250V P-Channel MOSFET
General Description
These P-Channel enhancement mode power field effect
transistors are produced using Fairchild’s proprietary,
planar stripe, DMOS technology.
This advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the
avalanche and commutation mode. These devices are well
suited for high efficiency switching DC/DC converters.
Features
• -2.0A, -250V, RDS(on) = 4.0Ω @VGS = -10 V
• Low gate charge ( typical 6.5 nC)
• Low Crss ( typical 6.5 pF)
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability
Absolute Maximum Ratings
 T
C = 25°C unless otherwise noted
Thermal Characteristics
Symbol
Parameter
FQD2P25 / FQU2P25
Units
VDSS
Drain-Source Voltage
-250
V
ID
Drain Current
- Continuous (TC = 25°C)
-2.0
A
- Continuous (TC = 100°C)
-1.27
A
IDM
Drain Current
- Pulsed
(Note 1)
-8.0
A
VGSS
Gate-Source Voltage
±30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
120
mJ
IAR
Avalanche Current
(Note 1)
-2.0
A
EAR
Repetitive Avalanche Energy
(Note 1)
3.7
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
-5.5
V/ns
PD
Power Dissipation (TA = 25°C) *
2.5
W
Power Dissipation (TC = 25°C)
37
W
- Derate above 25°C
0.29
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum lead temperature for soldering purposes,
1/8
from case for 5 seconds
300
°C
Symbol
Parameter
Typ
Max
Units
RθJC
Thermal Resistance, Junction-to-Case
--
3.4
°C
W
RθJA
Thermal Resistance, Junction-to-Ambient *
--
50
°C
W
RθJA
Thermal Resistance, Junction-to-Ambient
--
110
°C
W
* When mounted on the minimum pad size recommended (PCB Mount)
I-PAK
FQU Series
D-PAK
FQD Series
G
S
D
G
S
D
















!
!
!
!
!
!
!
!
!
!
!
!
















!
!
!
!
!
!
!
!
!
!
!
!
S
D
G


Similar Part No. - FQD2P25

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD2P40 FAIRCHILD-FQD2P40 Datasheet
715Kb / 9P
   400V P-Channel MOSFET
FQD2P40 FAIRCHILD-FQD2P40 Datasheet
702Kb / 8P
   P-Channel QFET MOSFET -400 V, -1.56 A, 6.5
FQD2P40TM FAIRCHILD-FQD2P40TM Datasheet
702Kb / 8P
   P-Channel QFET MOSFET -400 V, -1.56 A, 6.5
FQD2P40 FAIRCHILD-FQD2P40_08 Datasheet
646Kb / 9P
   400V P-Channel MOSFET
More results

Similar Description - FQD2P25

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQPF6P25 FAIRCHILD-FQPF6P25 Datasheet
534Kb / 8P
   250V P-Channel MOSFET
FQP2P25 FAIRCHILD-FQP2P25 Datasheet
549Kb / 8P
   250V P-Channel MOSFET
FQP4P25 FAIRCHILD-FQP4P25 Datasheet
568Kb / 8P
   250V P-Channel MOSFET
FQP6P25 FAIRCHILD-FQP6P25 Datasheet
508Kb / 8P
   250V P-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMD2P25 KERSEMI-KSMD2P25 Datasheet
1Mb / 8P
   250V P-Channel MOSFET
KSMD4P25 KERSEMI-KSMD4P25 Datasheet
1Mb / 8P
   250V P-Channel MOSFET
logo
Fairchild Semiconductor
FQD6P25TM FAIRCHILD-FQD6P25TM Datasheet
640Kb / 9P
   250V P-Channel MOSFET
FQD6P25 FAIRCHILD-FQD6P25 Datasheet
511Kb / 9P
   250V P-Channel MOSFET
FQPF4P25 FAIRCHILD-FQPF4P25 Datasheet
573Kb / 8P
   250V P-Channel MOSFET
FQB9P25 FAIRCHILD-FQB9P25 Datasheet
573Kb / 9P
   250V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com